Electronic Components Datasheet Search |
|
LA92B-2YG-2 Datasheet(PDF) 3 Page - LIGITEK electronics co., ltd. |
|
LA92B-2YG-2 Datasheet(HTML) 3 Page - LIGITEK electronics co., ltd. |
3 / 6 page Tstg Storage Temperature -40 ~ +100 Max 260 ℃ for 5 sec Max (2mm from Body) Forward voltage @20mA(V) 1.7 1.7 Min. Note : 1.The forward voltage data did not including ±0.1V testing tolerance. 2. The luminous intensity data did not including ±15% testing tolerance. Typical Electrical & Optical Characteristics (Ta=25 ℃) Spectral halfwidth △λnm Peak wave length λPnm MATERIAL PART NO Yellow Green Emitted LA92B/2YG-2 GaP GaAsP/GaP White Diffused Lens 565 30 585 35 Soldering Temperature COLOR Tsol Viewing angle 2 θ 1/2 (deg) Luminous intensity @10mA(mcd) 2.0 4.5 Typ. 2.6 1.2 2.6 Max. 1.8 Min. 36 36 ℃ -40 ~ +85 Absolute Maximum Ratings LIGITEK ELECTRONICS CO.,LTD. Property of Ligitek Only PART NO. LA92B/2YG-2 Absolute Maximum Ratings at Ta=25 ℃ Forward Current Operating Temperature Reverse Current @5V Power Dissipation Peak Forward Current Duty 1/10@10KHz Parameter 20 IF Topr Ir PD IFP 10 80 60 Symbol Y Page 2/5 mA 30 10 100 120 ℃ μA mA mW G UNIT |
Similar Part No. - LA92B-2YG-2 |
|
Similar Description - LA92B-2YG-2 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |