Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CL2101-L Datasheet(PDF) 3 Page - RFHIC

Part # CL2101-L
Description  Low Noise Amplifier
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFHIC [RFHIC]
Direct Link  http://www.rfhic.com
Logo RFHIC - RFHIC

CL2101-L Datasheet(HTML) 3 Page - RFHIC

  CL2101-L Datasheet HTML 1Page - RFHIC CL2101-L Datasheet HTML 2Page - RFHIC CL2101-L Datasheet HTML 3Page - RFHIC CL2101-L Datasheet HTML 4Page - RFHIC CL2101-L Datasheet HTML 5Page - RFHIC CL2101-L Datasheet HTML 6Page - RFHIC CL2101-L Datasheet HTML 7Page - RFHIC CL2101-L Datasheet HTML 8Page - RFHIC  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
L
Lo
ow
w N
No
oiisse
e A
Am
mp
plliiffiie
er
r
C
CL
L0
09
90
01
1--L
L // C
CL
L1
15
50
01
1--L
L
C
CL
L1
18
80
01
1--L
L // C
CL
L2
21
10
01
1--L
L
▪ Tel : 82-31-250-5011
page 3/8
▪ All specifications may change without notice.
▪ rfsales@rfhic.com
▪ Version 6.2
CL0901-L (GSM)
S-Parameter
OIP3
Noise Figure
P1dB
Specification based on Voltage Change (from
4.5V to 5.5V)


Similar Part No. - CL2101-L

ManufacturerPart #DatasheetDescription
logo
RFHIC
CL2101-L RFHIC-CL2101-L Datasheet
586Kb / 9P
   Low Noise Amplifier
More results

Similar Description - CL2101-L

ManufacturerPart #DatasheetDescription
logo
American Accurate Compo...
JXWBLA-5845-6430-20 AAC-JXWBLA-5845-6430-20 Datasheet
99Kb / 1P
   Low Noise Amplifier
JXWBLA-T-0.1-100-15 AAC-JXWBLA-T-0.1-100-15 Datasheet
62Kb / 1P
   Low Noise Amplifier
JXWBLA-T-10.7-12.7-20 AAC-JXWBLA-T-10.7-12.7-20 Datasheet
56Kb / 1P
   Low Noise Amplifier
JXWBLA-T-85-115-42 AAC-JXWBLA-T-85-115-42 Datasheet
74Kb / 1P
   Low Noise Amplifier
JXWBLA-T-880-960-15 AAC-JXWBLA-T-880-960-15 Datasheet
59Kb / 1P
   Low Noise Amplifier
JXWBLA-T-1000-3000-25 AAC-JXWBLA-T-1000-3000-25 Datasheet
36Kb / 1P
   Low Noise Amplifier
JXWBLA-T-3000-3500-45 AAC-JXWBLA-T-3000-3500-45 Datasheet
37Kb / 1P
   Low Noise Amplifier
logo
Tyco Electronics
AM50-0002V7 MACOM-AM50-0002V7 Datasheet
214Kb / 5P
   Low Noise Amplifier
logo
List of Unclassifed Man...
RGLNA10 ETC2-RGLNA10 Datasheet
44Kb / 2P
   Low Noise Amplifier
logo
American Accurate Compo...
LA1018N4020-T AAC-LA1018N4020-T Datasheet
73Kb / 1P
   Low Noise Amplifier
logo
Mini-Circuits
TAMP-1521GLN++ MINI-TAMP-1521GLN+ Datasheet
194Kb / 1P
   Low Noise Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com