Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BQ20Z60DBTR-R1 Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # BQ20Z60DBTR-R1
Description  SBS 1.1-COMPLIANT GAS GAUGE ENABLED WITH IMPEDANCE TRACK??TECHNOLOGY FOR USE WITH THE bq29330
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

BQ20Z60DBTR-R1 Datasheet(HTML) 1 Page - Texas Instruments

  BQ20Z60DBTR-R1 Datasheet HTML 1Page - Texas Instruments BQ20Z60DBTR-R1 Datasheet HTML 2Page - Texas Instruments BQ20Z60DBTR-R1 Datasheet HTML 3Page - Texas Instruments BQ20Z60DBTR-R1 Datasheet HTML 4Page - Texas Instruments BQ20Z60DBTR-R1 Datasheet HTML 5Page - Texas Instruments BQ20Z60DBTR-R1 Datasheet HTML 6Page - Texas Instruments BQ20Z60DBTR-R1 Datasheet HTML 7Page - Texas Instruments BQ20Z60DBTR-R1 Datasheet HTML 8Page - Texas Instruments BQ20Z60DBTR-R1 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 15 page
background image
bq20z60-R1
www.ti.com
SLUS991 – DECEMBER 2009
SBS 1.1-COMPLIANT GAS GAUGE ENABLED WITH IMPEDANCE TRACK™
TECHNOLOGY FOR USE WITH THE bq29330
Check for Samples :bq20z60-R1
1
FEATURES
APPLICATIONS
Notebook PCs
2
Next Generation Patented Impedance Track™
Technology Accurately Measures Available
Medical and Test Equipment
Charge in Li-Ion and Li-Polymer Batteries
Portable Instrumentation
Better Than 1% Error Over the Lifetime of
DESCRIPTION
the Battery
Supports the Smart Battery Specification
The bq20z60-R1 SBS-compliant gas gauge and
SBS V1.1
protection IC, incorporating patented Impedance
Track™ technology, is designed for battery-pack or
Flexible Configuration for 2 to 4 Series Li-Ion
in-system installation. The bq20z60-R1 measures
and Li-Polymer Cells
and maintains an accurate record of available charge
Powerful 8-Bit RISC CPU With Ultralow Power
in Li-ion or Li-polymer batteries using its integrated
Modes
high-performance
analog
peripherals.
The
bq20z60-R1
monitors
capacity
change,
battery
Full Array of Programmable Protection
impedance, open-circuit voltage, and other critical
Features
parameters of the battery pack, which reports the
Voltage, Current, and Temperature
information to the system host controller over a
Satisfies JEITA Guidelines
serial-communication bus. It is designed to work with
the bq29330 analog front-end (AFE) protection IC to
Added Flexibility to Handle More Complex
maximizes functionality and safety while minimizing
Charging Profiles
external component count and cost in smart battery
Lifetime Data Logging
circuits.
Drives 3, 4, or 5 Segment LED Display for
The Impedance Track™ technology continuously
Battery-Pack Conditions
analyzes the battery impedance, resulting in superior
Supports SHA-1 Authentication
gas-gauging accuracy. This enables the remaining
Available in a 30-Pin TSSOP (DBT) package
capacity
to
be
calculated
with
discharge
rate,
temperature, and cell aging that are all accounted for
during each stage of every cycle with high accuracy.
Table 1. AVAILABLE OPTIONS
PACKAGE
TA
30-PIN TSSOP (DBT) Tube
30-PIN TSSOP (DBT) Tape & Reel
–40°C to 85°C
bq20z60-R1DBT(1)
bq20z60-R1DBTR(2)
(1)
A single tube quantity is 60 units.
(2)
A single reel quantity is 2000 units
1
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of Texas
Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
2
Impedance Track is a trademark of Texas Instruments.
PRODUCTION DATA information is current as of publication date.
Copyright © 2009, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Similar Part No. - BQ20Z60DBTR-R1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
BQ20Z65-R1 TI-BQ20Z65-R1 Datasheet
355Kb / 23P
[Old version datasheet]   SBS 1.1-COMPLIANT GAS GAUGE AND PROTECTION ENABLED WITH IMPEDANCE TRACK?
bq20z65-R1DBT TI-bq20z65-R1DBT Datasheet
355Kb / 23P
[Old version datasheet]   SBS 1.1-COMPLIANT GAS GAUGE AND PROTECTION ENABLED WITH IMPEDANCE TRACK?
bq20z65-R1DBTR TI-bq20z65-R1DBTR Datasheet
355Kb / 23P
[Old version datasheet]   SBS 1.1-COMPLIANT GAS GAUGE AND PROTECTION ENABLED WITH IMPEDANCE TRACK?
BQ20Z655 TI1-BQ20Z655 Datasheet
323Kb / 23P
[Old version datasheet]   SBS 1.1-COMPLIANT GAS GAUGE AND PROTECTION ENABLED WITH IMPEDANCE TRACK
BQ20Z655-R1 TI1-BQ20Z655-R1 Datasheet
644Kb / 25P
[Old version datasheet]   SBS 1.1-COMPLIANT GAS GAUGE AND PROTECTION ENABLED WITH IMPEDANCE TRACK?
More results

Similar Description - BQ20Z60DBTR-R1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
BQ20Z90-V150 TI1-BQ20Z90-V150 Datasheet
300Kb / 15P
[Old version datasheet]   SBS 1.1-COMPLIANT GAS GAUGE ENABLED WITH IMPEDANCE TRACK??TECHNOLOGY FOR USE WITH THE bq29330
BQ20Z90DBTR-V150 TI-BQ20Z90DBTR-V150 Datasheet
274Kb / 15P
[Old version datasheet]   SBS 1.1-COMPLIANT GAS GAUGE ENABLED WITH IMPEDANCE TRACK TECHNOLOGY FOR USE WITH THE bq29330
BQ20Z40 TI-BQ20Z40 Datasheet
463Kb / 18P
[Old version datasheet]   SBS 1.1-COMPLIANT GAS GAUGE ENABLED WITH IMPEDANCE TRACK??TECHNOLOGY FOR USE WITH THE bq29330
BQ20Z90 TI-BQ20Z90_07 Datasheet
672Kb / 27P
[Old version datasheet]   SBS 1.1-COMPLIANT GAS GAUGE ENABLED WITH IMPEDANCE TRACK??TECHNOLOGY FOR USE WITH THE bq29330
BQ20Z40 TI1-BQ20Z40_17 Datasheet
294Kb / 17P
[Old version datasheet]   SBS 1.1-COMPLIANT GAS GAUGE ENABLED WITH IMPEDANCE TRACK TECHNOLOGY FOR USE WITH THE bq29330
BQ20Z90 TI1-BQ20Z90_17 Datasheet
696Kb / 16P
[Old version datasheet]   SBS 1.1-COMPLIANT GAS GAUGE ENABLED WITH IMPEDANCE TRACK TECHNOLOGY FOR USE WITH THE bq29330
BQ20Z40-R1 TI-BQ20Z40-R1 Datasheet
249Kb / 16P
[Old version datasheet]   SBS 1.1-COMPLIANT GAS GAUGE ENABLED WITH IMPEDANCE TRACK??TECHNOLOGY FOR USE WITH THE bq29330
BQ20Z90-V110 TI-BQ20Z90-V110 Datasheet
496Kb / 25P
[Old version datasheet]   SBS 1.1-COMPLIANT GAS GAUGE ENABLED WITH IMPEDANCE TRACK TECHNOLOGY FOR USE WITH THE bq29330
BQ20Z70-V110 TI1-BQ20Z70-V110 Datasheet
405Kb / 22P
[Old version datasheet]   SBS 1.1-COMPLIANT GAS GAUGE ENABLED WITH IMPEDANCE TRACK??TECHNOLOGY FOR USE WITH THE bq29330
BQ20Z70 TI-BQ20Z70 Datasheet
432Kb / 22P
[Old version datasheet]   SBS 1.1-COMPLIANT GAS GAUGE ENABLED WITH IMPEDANCE TRACK??TECHNOLOGY FOR USE WITH THE bq29330
BQ20Z70 TI1-BQ20Z70_17 Datasheet
786Kb / 17P
[Old version datasheet]   SBS 1.1-COMPLIANT GAS GAUGE ENABLED WITH IMPEDANCE TRACK TECHNOLOGY FOR USE WITH THE bq29330
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com