Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

bq24075TRGTR Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # bq24075TRGTR
Description  1.5A USB-Friendly Li-Ion Battery Charger and Power-Path Management IC
Download  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

bq24075TRGTR Datasheet(HTML) 1 Page - Texas Instruments

  bq24075TRGTR Datasheet HTML 1Page - Texas Instruments bq24075TRGTR Datasheet HTML 2Page - Texas Instruments bq24075TRGTR Datasheet HTML 3Page - Texas Instruments bq24075TRGTR Datasheet HTML 4Page - Texas Instruments bq24075TRGTR Datasheet HTML 5Page - Texas Instruments bq24075TRGTR Datasheet HTML 6Page - Texas Instruments bq24075TRGTR Datasheet HTML 7Page - Texas Instruments bq24075TRGTR Datasheet HTML 8Page - Texas Instruments bq24075TRGTR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 29 page
background image
IN
VSS
BAT
DC
GND
Adaptor
bq24075T
bq24079T
OUT
EN2
TS
TEMP
PACK-
SYSTEM
SYSOFF
System
ON /OFF
Control
13
8
15
1
2
3
5
10
11
1mF
4.7 mF
4.7 mF
1 kW
1.18 kW
1 kW
10 kW
1.13 kW
13 kW
VIN
PACK+
bq24075T
bq24079T
www.ti.com
SLUS937 – DECEMBER 2009
1.5A USB-Friendly Li-Ion Battery Charger and Power-Path Management IC
Check for Samples: bq24075T, bq24079T
1
FEATURES
Current
Fully Compliant USB Charger
Status Indication – Charging/Done, Power
Good
Selectable 100mA and 500mA Maximum Input
Current
Small 3 mm × 3 mm 16 Lead QFN Package
100mA Maximum Current Limit Ensures
APPLICATIONS
Compliance to USB-IF Standard
Smart Phones
Input based Dynamic Power Management
PDAs
(VIN-DPM) for Protection Against Poor USB
MP3 Players
Sources
Low-Power Handheld Devices
28V Input Rating with Overvoltage Protection
Integrated Dynamic Power Path Management
DESCRIPTION
(DPPM) Function Simultaneously and
Independently Powers the System and
The bq2407xT series of devices are integrated Li-ion
Charges the Battery
linear chargers and system power path management
devices
targeted
at
space-limited
portable
Supports up to 1.5A Charge Current with
applications. The devices operate from either a USB
Current Monitoring Output (ISET)
port or AC adapter and support charge currents up to
Programmable Input Current Limit up to 1.5A
1.5A. The input voltage range with input overvoltage
for Wall Adapters
protection supports unregulated adapters. The USB
input current limit accuracy and start up sequence
Battery Disconnect Function with SYSOFF
allow the bq2407xT to meet USB-IF inrush current
Input
specification. Additionally, the input dynamic power
Reverse Current, Short-Circuit and Thermal
management (VIN-DPM) prevents the charger from
Protection
crashing
incorrectly
configure
USB
sources.
Flexible Voltage Based NTC Thermistor Input
(Description continued on next page)
Proprietary Start Up Sequence Limits Inrush
1
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of Texas
Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
PRODUCTION DATA information is current as of publication date.
Copyright © 2009, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Similar Part No. - bq24075TRGTR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
bq24075TRGTR TI-bq24075TRGTR Datasheet
2Mb / 33P
[Old version datasheet]   1.5A USB-Friendly Li-Ion Battery Charger and Power-Path Management IC
BQ24075TRGTR TI-BQ24075TRGTR Datasheet
2Mb / 34P
[Old version datasheet]   1.5A USB-Friendly Li-Ion Battery Charger and Power-Path Management IC
BQ24075TRGTR TI-BQ24075TRGTR Datasheet
2Mb / 36P
[Old version datasheet]   1.5A USB-Friendly Li-Ion Battery Charger and Power-Path Management IC
More results

Similar Description - bq24075TRGTR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
BQ24072T TI-BQ24072T_2 Datasheet
2Mb / 36P
[Old version datasheet]   1.5A USB-Friendly Li-Ion Battery Charger and Power-Path Management IC
BQ24072 TI-BQ24072_10 Datasheet
2Mb / 42P
[Old version datasheet]   1.5A USB-FRIENDLY Li-Ion BATTERY CHARGER AND POWER-PATH MANAGEMENT IC
BQ24072T TI-BQ24072T_1 Datasheet
2Mb / 34P
[Old version datasheet]   1.5A USB-Friendly Li-Ion Battery Charger and Power-Path Management IC
BQ24072T TI-BQ24072T Datasheet
2Mb / 33P
[Old version datasheet]   1.5A USB-Friendly Li-Ion Battery Charger and Power-Path Management IC
BQ24072 TI-BQ24072 Datasheet
2Mb / 38P
[Old version datasheet]   1.5A USB-FRIENDLY Li-Ion BATTERY CHARGER AND POWER-PATH MANAGEMENT IC
BQ24079 TI-BQ24079 Datasheet
2Mb / 39P
[Old version datasheet]   1.5A USB-FRIENDLY Li-Ion BATTERY CHARGER AND POWER-PATH MANAGEMENT IC
BQ24075-Q1 TI1-BQ24075-Q1 Datasheet
2Mb / 36P
[Old version datasheet]   1.5A USB-FRIENDLY Li-Ion BATTERY CHARGER AND POWER-PATH MANAGEMENT IC
BQ24072 TI-BQ24072 Datasheet
1Mb / 31P
[Old version datasheet]   1.2A USB-FRIENDLY Li-Ion BATTERY CHARGER AND POWER-PATH MANAGEMENT IC
BQ24230 TI-BQ24230 Datasheet
1Mb / 33P
[Old version datasheet]   USB-FRIENDLY LITHIUM-ION BATTERY CHARGER AND POWER-PATH MANAGEMENT IC
BQ24232H TI1-BQ24232H Datasheet
1Mb / 37P
[Old version datasheet]   USB-Friendly Lithium-Ion Battery Charger and Power-Path Management IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com