Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

bq24075TRGTR Datasheet(PDF) 10 Page - Texas Instruments

Click here to check the latest version.
Part # bq24075TRGTR
Description  1.5A USB-Friendly Li-Ion Battery Charger and Power-Path Management IC
Download  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

bq24075TRGTR Datasheet(HTML) 10 Page - Texas Instruments

Back Button bq24075TRGTR Datasheet HTML 6Page - Texas Instruments bq24075TRGTR Datasheet HTML 7Page - Texas Instruments bq24075TRGTR Datasheet HTML 8Page - Texas Instruments bq24075TRGTR Datasheet HTML 9Page - Texas Instruments bq24075TRGTR Datasheet HTML 10Page - Texas Instruments bq24075TRGTR Datasheet HTML 11Page - Texas Instruments bq24075TRGTR Datasheet HTML 12Page - Texas Instruments bq24075TRGTR Datasheet HTML 13Page - Texas Instruments bq24075TRGTR Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 29 page
background image
600
400
100
Temperature- C
o
300
200
500
0
120
125
130
135
140
145
0
20
40
60
80
100
120
0
25
50
75
100
125
T -JunctionTemperature-°C
J
VBAT =3V
VBAT =3.9V
I =1 A
L
0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0
25
50
75
100
125
T -JunctionTemperature-°C
J
I =1 A
L
4.08
4.085
4.09
4.095
4.1
4.105
4.11
0
5
10
15
20
25
30
T -JunctionTemperature-°C
J
5.25
5.30
5.35
5.40
5.45
5.50
5.55
5.60
5.65
5.70
5.75
0
25
50
75
100
125
T -JunctionTemperature-°C
J
V
=6V,
I =1 A
IN
L
4.180
4.185
4.190
4.195
4.200
4.205
4.210
0
5
10
15
20
25
30
T -JunctionTemperature-°C
J
bq24075T
bq24079T
SLUS937 – DECEMBER 2009
www.ti.com
TYPICAL CHARACTERISTICS (continued)
VIN = 6V, EN1 = 1, EN2 = 0, TA = 25°C, unless otherwise noted.
DROPOUT VOLTAGE
DROPOUT VOLTAGE
vs
vs
TEMPERATURE
THERMAL REGULATION
TEMPERATURE
NO INPUT SUPPLY
Figure 10.
Figure 11.
Figure 12.
BAT REGULATION VOLTAGE
BATTERY REGULATION VOLTAGE
OUTPUT REGULATION VOLTAGE
vs
vs
vs
TEMPERATURE
TEMPERATURE
TEMPERATURE
bq24075T
bq24079T
Figure 13.
Figure 14.
Figure 15.
10
Submit Documentation Feedback
Copyright © 2009, Texas Instruments Incorporated
Product Folder Link(s): bq24075T bq24079T


Similar Part No. - bq24075TRGTR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
bq24075TRGTR TI-bq24075TRGTR Datasheet
2Mb / 33P
[Old version datasheet]   1.5A USB-Friendly Li-Ion Battery Charger and Power-Path Management IC
BQ24075TRGTR TI-BQ24075TRGTR Datasheet
2Mb / 34P
[Old version datasheet]   1.5A USB-Friendly Li-Ion Battery Charger and Power-Path Management IC
BQ24075TRGTR TI-BQ24075TRGTR Datasheet
2Mb / 36P
[Old version datasheet]   1.5A USB-Friendly Li-Ion Battery Charger and Power-Path Management IC
More results

Similar Description - bq24075TRGTR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
BQ24072T TI-BQ24072T_2 Datasheet
2Mb / 36P
[Old version datasheet]   1.5A USB-Friendly Li-Ion Battery Charger and Power-Path Management IC
BQ24072 TI-BQ24072_10 Datasheet
2Mb / 42P
[Old version datasheet]   1.5A USB-FRIENDLY Li-Ion BATTERY CHARGER AND POWER-PATH MANAGEMENT IC
BQ24072T TI-BQ24072T_1 Datasheet
2Mb / 34P
[Old version datasheet]   1.5A USB-Friendly Li-Ion Battery Charger and Power-Path Management IC
BQ24072T TI-BQ24072T Datasheet
2Mb / 33P
[Old version datasheet]   1.5A USB-Friendly Li-Ion Battery Charger and Power-Path Management IC
BQ24072 TI-BQ24072 Datasheet
2Mb / 38P
[Old version datasheet]   1.5A USB-FRIENDLY Li-Ion BATTERY CHARGER AND POWER-PATH MANAGEMENT IC
BQ24079 TI-BQ24079 Datasheet
2Mb / 39P
[Old version datasheet]   1.5A USB-FRIENDLY Li-Ion BATTERY CHARGER AND POWER-PATH MANAGEMENT IC
BQ24075-Q1 TI1-BQ24075-Q1 Datasheet
2Mb / 36P
[Old version datasheet]   1.5A USB-FRIENDLY Li-Ion BATTERY CHARGER AND POWER-PATH MANAGEMENT IC
BQ24072 TI-BQ24072 Datasheet
1Mb / 31P
[Old version datasheet]   1.2A USB-FRIENDLY Li-Ion BATTERY CHARGER AND POWER-PATH MANAGEMENT IC
BQ24230 TI-BQ24230 Datasheet
1Mb / 33P
[Old version datasheet]   USB-FRIENDLY LITHIUM-ION BATTERY CHARGER AND POWER-PATH MANAGEMENT IC
BQ24232H TI1-BQ24232H Datasheet
1Mb / 37P
[Old version datasheet]   USB-Friendly Lithium-Ion Battery Charger and Power-Path Management IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com