Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

OPA1642AID Datasheet(PDF) 6 Page - Texas Instruments

Click here to check the latest version.
Part # OPA1642AID
Description  High-Performance, JFET-Input AUDIO OPERATIONAL AMPLIFIERS
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

OPA1642AID Datasheet(HTML) 6 Page - Texas Instruments

Back Button OPA1642AID Datasheet HTML 2Page - Texas Instruments OPA1642AID Datasheet HTML 3Page - Texas Instruments OPA1642AID Datasheet HTML 4Page - Texas Instruments OPA1642AID Datasheet HTML 5Page - Texas Instruments OPA1642AID Datasheet HTML 6Page - Texas Instruments OPA1642AID Datasheet HTML 7Page - Texas Instruments OPA1642AID Datasheet HTML 8Page - Texas Instruments OPA1642AID Datasheet HTML 9Page - Texas Instruments OPA1642AID Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 21 page
background image
0.01
0.001
0.0001
0.00001
-
-
-
-
80
100
120
140
10
100
1k
10k
20k
Frequency(Hz)
R
=600W
SOURCE
R
=300W
SOURCE
R
=150
SOURCE
W
V
=3V
BW=80kHz
OUT
RMS
OPA1641
+15V
-15V
R
L
R
SOURCE
R
=0W
SOURCE
0.001
0.0001
0.00001
-100
-
-
120
140
10
100
1k
10k 20k
Frequency(Hz)
G=+1
R =600
L
W
G=+1
R =2k
L
W
G= -1
R =2k
L
W
V
=3V
BW=80kHz
OUT
RMS
G= 1
R =600
-
W
L
0.01
0.001
0.0001
0.00001
10
100
1k
10k
100k
Frequency(Hz)
G= 1
R =2k
-
W
L
G= 1
R =600
-
W
L
V
=3V
BW>500kHz
OUT
RMS
G=+1
R =2k
L
W
G=+1
R =600
L
W
-
-
-
-
80
100
120
140
0.01
0.001
0.0001
0.00001
10
100
1k
10k
100k
Frequency(Hz)
V
=3V
BW>500kHz
OUT
RMS
R
=0W
SOURCE
R
=300W
SOURCE
R
=150
SOURCE
W
R
=600W
SOURCE
OPA1641
+15V
-15V
R
L
R
SOURCE
-
-
-
-
80
100
120
140
0.01
0.001
0.0001
0.00001
0.1
1
10
20
OutputAmplitude(V
)
RMS
-
-
-
80
100
120
140
-
BW=80kHz
R
=0
SOURCE
W
1kHzSignal
G= 1,
-
R =2k
R =2k
L
L
W
W
G=+1,
0.01
0.001
0.0001
0.00001
0.1
1
10
20
OutputAmplitude(V
)
RMS
-
-
-
80
100
120
140
-
G=+1
SMPTE/DIN
Two-Tone
4:1(60Hzand7kHz)
CCIFTwin-Tone
(19kHzand20kHz)
DIM30
(3kHzsquarewave
and15kHzsinewave)
OPA1641
OPA1642
OPA1644
SBOS484 – DECEMBER 2009
www.ti.com
TYPICAL CHARACTERISTICS: VS = ±18V (continued)
At TA = +25°C, RL = 2kΩ connected to midsupply, VCM = VOUT = midsupply, unless otherwise noted.
THD+N RATIO vs FREQUENCY
THD+N RATIO vs FREQUENCY
Figure 7.
Figure 8.
THD+N RATIO vs FREQUENCY
THD+N RATIO vs FREQUENCY
Figure 9.
Figure 10.
INTERMODULATION DISTORTION vs
THD+N RATIO vs OUTPUT AMPLITUDE
OUTPUT AMPLITUDE
Figure 11.
Figure 12.
6
Copyright © 2009, Texas Instruments Incorporated
Product Folder Link(s): OPA1641 OPA1642 OPA1644


Similar Part No. - OPA1642AID

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
OPA1642AID TI-OPA1642AID Datasheet
742Kb / 22P
[Old version datasheet]   High-Performance, JFET-Input AUDIO OPERATIONAL AMPLIFIERS
OPA1642AID TI-OPA1642AID Datasheet
865Kb / 25P
[Old version datasheet]   High-Perforamnce,JFET-Input AUDIO OPERATIONAL AMPLIFIERS
OPA1642AIDGKR TI-OPA1642AIDGKR Datasheet
742Kb / 22P
[Old version datasheet]   High-Performance, JFET-Input AUDIO OPERATIONAL AMPLIFIERS
OPA1642AIDGKR TI-OPA1642AIDGKR Datasheet
865Kb / 25P
[Old version datasheet]   High-Perforamnce,JFET-Input AUDIO OPERATIONAL AMPLIFIERS
OPA1642AIDGKT TI-OPA1642AIDGKT Datasheet
742Kb / 22P
[Old version datasheet]   High-Performance, JFET-Input AUDIO OPERATIONAL AMPLIFIERS
More results

Similar Description - OPA1642AID

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
OPA1641_1004 TI-OPA1641_1004 Datasheet
742Kb / 22P
[Old version datasheet]   High-Performance, JFET-Input AUDIO OPERATIONAL AMPLIFIERS
OPA1641 TI-OPA1641_15 Datasheet
1Mb / 29P
[Old version datasheet]   High-Performance, JFET-Input AUDIO OPERATIONAL AMPLIFIERS
logo
ON Semiconductor
MC34080 ONSEMI-MC34080 Datasheet
282Kb / 16P
   HIGH PERFORMANCE JFET INPUT OPERATIONAL AMPLIFIERS
1996 REV 0
logo
Texas Instruments
OPA1641 TI1-OPA1641 Datasheet
631Kb / 31P
[Old version datasheet]   Sound Plus High-Performance, JFET-Input Audio Operational Amplifiers
OPA1641_101 TI-OPA1641_101 Datasheet
865Kb / 25P
[Old version datasheet]   High-Perforamnce,JFET-Input AUDIO OPERATIONAL AMPLIFIERS
OPA1602_1111 TI1-OPA1602_1111 Datasheet
1Mb / 28P
[Old version datasheet]   High-Performance, Bipolar-Input AUDIO OPERATIONAL AMPLIFIERS
NOVEMBER2011
OPA1602 TI1-OPA1602 Datasheet
792Kb / 23P
[Old version datasheet]   High-Performance, Bipolar-Input AUDIO OPERATIONAL AMPLIFIERS
JUNE2011
OPA1611 TI-OPA1611 Datasheet
736Kb / 21P
[Old version datasheet]   High-Performance Bipolar-Input AUDIO OPERATIONAL AMPLIFIERS
OPA1602 TI-OPA1602_15 Datasheet
1Mb / 29P
[Old version datasheet]   High-Performance, Bipolar-Input AUDIO OPERATIONAL AMPLIFIERS
TL080 TI-TL080 Datasheet
368Kb / 19P
[Old version datasheet]   JFET-INPUT OPERATIONAL AMPLIFIERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com