Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SN74AUP2G79 Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # SN74AUP2G79
Description  LOW-POWER DUAL POSITIVE EDGE-TRIGGERED D-TYPE FLIP-FLOP
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SN74AUP2G79 Datasheet(HTML) 1 Page - Texas Instruments

  SN74AUP2G79 Datasheet HTML 1Page - Texas Instruments SN74AUP2G79 Datasheet HTML 2Page - Texas Instruments SN74AUP2G79 Datasheet HTML 3Page - Texas Instruments SN74AUP2G79 Datasheet HTML 4Page - Texas Instruments SN74AUP2G79 Datasheet HTML 5Page - Texas Instruments SN74AUP2G79 Datasheet HTML 6Page - Texas Instruments SN74AUP2G79 Datasheet HTML 7Page - Texas Instruments SN74AUP2G79 Datasheet HTML 8Page - Texas Instruments SN74AUP2G79 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 14 page
background image
DCU PACKAGE
(TOP VIEW)
1
8
2
7
3
6
1CLK
1D
2Q
GND
4
5
V
CC
1Q
2D
2CLK
RSE PACKAGE
(TOP VIEW)
1
7
2
6
8
3
5
4
V
CC
1Q
2D
2CLK
GND
1CLK
1D
2Q
YFP PACKAGE
(TOP VIEW)
1 8
V
CC
2 7
1Q
3 6
2D
1CLK
1D
2Q
GND
4 5
2CLK
1
8
2
7
3
6
1CLK
1D
2Q
GND 4
5
V
CC
1Q
2D
2CLK
DQE PACKAGE
(TOP VIEW)
D1
D2
C1
C2
B1
B2
A1
A2
(A)
Single, dual, and triple gates
Static-Power Consumption
(µA)
AUP
AUP
3.3-V
Logic
(A)
0%
20%
40%
60%
80%
100%
Dynamic-Power Consumption
(pF)
AUP
AUP
3.3-V
Logic
(A)
0%
20%
40%
60%
80%
100%
Switching Characteristics
at 25 MHz
(A)
-0.5
0.0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
0
5
10
15
20
25
30
35
40
45
Time (ns)
Output
Input
(A) SN74AUP2Gxx data at C = 15 pF.
L
SN74AUP2G79
www.ti.com
SCES755A – DECEMBER 2009 – REVISED DECEMBER 2009
LOW-POWER DUAL POSITIVE EDGE-TRIGGERED D-TYPE FLIP-FLOP
Check for Samples: SN74AUP2G79
1
FEATURES
Available in the Texas Instruments NanoStar™
Optimized for 3.3-V Operation
Package
3.6-V I/O Tolerant to Support Mixed-Mode
Low Static-Power Consumption
Signal Operation
(ICC = 0.9 μA Maximum)
tpd = 4 ns Maximum at 3.3 V
Low Dynamic-Power Consumption
Suitable for Point-to-Point Applications
(Cpd = 3 pF Typ at 3.3 V)
Latch-Up Performance Exceeds 100 mA Per
Low Input Capacitance (Ci = 1.5 pF Typical)
JESD 78, Class II
Low Noise – Overshoot and Undershoot
ESD Performance Tested Per JESD 22
<10% of VCC
2000-V Human-Body Model
Ioff Supports Partial-Power-Down Mode
(A114-B, Class II)
Operation
1000-V Charged-Device Model (C101)
Wide Operating VCC Range of 0.8 V to 3.6 V
See mechanical drawings for dimensions.
DESCRIPTION/ORDERING INFORMATION
The AUP family is TI's premier solution to the industry's low-power needs in battery-powered portable
applications. This family ensures a very low static- and dynamic-power consumption across the entire VCC range
of 0.8 V to 3.6 V, resulting in increased battery life (see Figure 1). This product also maintains excellent signal
integrity (see the very low undershoot and overshoot characteristics shown in Figure 2).
Figure 1. AUP – The Lowest-Power Family
Figure 2. Excellent Signal Integrity
1
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of Texas
Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
PRODUCTION DATA information is current as of publication date.
Copyright © 2009, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Similar Part No. - SN74AUP2G79

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74AUP2G00 TI1-SN74AUP2G00 Datasheet
695Kb / 20P
[Old version datasheet]   LOW-POWER DUAL 2-INPUT POSITIVE-NAND GATE
SN74AUP2G00-Q1 TI1-SN74AUP2G00-Q1 Datasheet
406Kb / 14P
[Old version datasheet]   LOW-POWER DUAL 2-INPUT POSITIVE-NAND GATE
SN74AUP2G00DCUR TI1-SN74AUP2G00DCUR Datasheet
695Kb / 20P
[Old version datasheet]   LOW-POWER DUAL 2-INPUT POSITIVE-NAND GATE
SN74AUP2G00DQER TI1-SN74AUP2G00DQER Datasheet
695Kb / 20P
[Old version datasheet]   LOW-POWER DUAL 2-INPUT POSITIVE-NAND GATE
SN74AUP2G00QDCURQ1 TI1-SN74AUP2G00QDCURQ1 Datasheet
406Kb / 14P
[Old version datasheet]   LOW-POWER DUAL 2-INPUT POSITIVE-NAND GATE
More results

Similar Description - SN74AUP2G79

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74AUP2G80 TI-SN74AUP2G80 Datasheet
292Kb / 14P
[Old version datasheet]   LOW-POWER DUAL POSITIVE-EDGE-TRIGGERED D-TYPE FLIP-FLOP
logo
Fairchild Semiconductor
74AC74 FAIRCHILD-74AC74 Datasheet
104Kb / 9P
   Dual D-Type Positive Edge-Triggered Flip-Flop
logo
National Semiconductor ...
54AC74 NSC-54AC74 Datasheet
180Kb / 8P
   Dual D-Type Positive Edge-Triggered Flip-Flop
logo
Texas Instruments
SN74AUC2G79 TI-SN74AUC2G79 Datasheet
278Kb / 12P
[Old version datasheet]   DUAL POSITIVE-EDGE-TRIGGERED D-TYPE FLIP-FLOP
SN74AUC2G80 TI1-SN74AUC2G80_16 Datasheet
851Kb / 15P
[Old version datasheet]   DUAL POSITIVE-EDGE-TRIGGERED D-TYPE FLIP-FLOP
SN74LVC2G80 TI-SN74LVC2G80_08 Datasheet
459Kb / 14P
[Old version datasheet]   DUAL POSITIVE-EDGE-TRIGGERED D-TYPE FLIP-FLOP
SN74LVC2G80 TI-SN74LVC2G80 Datasheet
279Kb / 13P
[Old version datasheet]   DUAL POSITIVE-EDGE-TRIGGERED D-TYPE FLIP-FLOP
logo
Fairchild Semiconductor
74AC74 FAIRCHILD-74AC74_05 Datasheet
111Kb / 10P
   Dual D-Type Positive Edge-Triggered Flip-Flop
logo
Texas Instruments
SN74LV74A-Q1 TI1-SN74LV74A-Q1_15 Datasheet
847Kb / 15P
[Old version datasheet]   DUAL POSITIVE-EDGE-TRIGGERED D-TYPE FLIP-FLOP
logo
Motorola, Inc
MC5474F74 MOTOROLA-MC5474F74 Datasheet
67Kb / 3P
   DUAL D-TYPE POSITIVE EDGE-TRIGGERED FLIP-FLOP
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com