Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

VA102 Datasheet(PDF) 2 Page - RFHIC

Part # VA102
Description  Variable attenuator
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFHIC [RFHIC]
Direct Link  http://www.rfhic.com
Logo RFHIC - RFHIC

VA102 Datasheet(HTML) 2 Page - RFHIC

  VA102 Datasheet HTML 1Page - RFHIC VA102 Datasheet HTML 2Page - RFHIC VA102 Datasheet HTML 3Page - RFHIC  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
V
Va
ar
riia
ab
blle
e a
atttte
en
nu
ua
atto
or
r
V
VA
A1
10
02
2
▪ Tel
: 82-31-250-5011
▪ All specifications may change without notice.
▪ rfsales@rfhic.com
▪ Version 5.4
Typical Performance Data (Vcc=3V, f = 900MHz)
Control Voltage
1.0V
2.5V
4.5V
7.0V
12V
Attenuation(dB)
27
6.5
2.8
2
1.5
Return Loss(dB)
-10
-15
-15
-17
-20
IIP3 (dBm)
47
46
46
46
47
Current (mA)
0
4
10
18
34
Typical Performance Data (Vcc=3V, f = 1900MHz)
Control Voltage
1.0V
2.5V
4.5V
7.0V
12V
Attenuation(dB)
23
7.5
3.3
2.7
2.1
Return Loss(dB)
-11
-18
-15
-18
-20
Current (mA)
0
4
10
18
34
Typical Performance Data (Vcc=3V, f = 2300MHz)
Control Voltage
1.0V
2.5V
4.5V
7.0V
12V
Attenuation(dB)
22
8
3.4
2.75
2.2
Return Loss(dB)
-12
-20
-15
-18
-20
Current (mA)
0
4
10
18
34
Typical Performance Data (Vcc=3V, f = 2600MHz)
Control Voltage
1.0V
2.5V
4.5V
7.0V
12V
Attenuation(dB)
20
8.5
3.6
2.9
2.4
Return Loss(dB)
-13
-23
-16
-19
-22
Current (mA)
0
4
10
18
34


Similar Part No. - VA102

ManufacturerPart #DatasheetDescription
logo
RFHIC
VA102 RFHIC-VA102 Datasheet
152Kb / 5P
   Variable Attenuator
VA102 RFHIC-VA102_14 Datasheet
152Kb / 5P
   Variable Attenuator
More results

Similar Description - VA102

ManufacturerPart #DatasheetDescription
logo
RFHIC
VA101 RFHIC-VA101 Datasheet
164Kb / 2P
   Variable Attenuator
VA101 RFHIC-VA101_14 Datasheet
133Kb / 4P
   Variable Attenuator
VA103 RFHIC-VA103 Datasheet
185Kb / 3P
   Variable attenuator
VA103 RFHIC-VA103_14 Datasheet
146Kb / 4P
   Variable Attenuator
VA102 RFHIC-VA102_14 Datasheet
152Kb / 5P
   Variable Attenuator
logo
Merrimac Industries, In...
VVA-MCM-1.9G-A MERRIMAC-VVA-MCM-1.9G-A Datasheet
124Kb / 2P
   VOLTAGE VARIABLE ATTENUATOR
logo
Mini-Circuits
EVA-1500 MINI-EVA-1500 Datasheet
402Kb / 3P
   Voltage Variable Attenuator
MVA-2000 MINI-MVA-2000 Datasheet
442Kb / 3P
   Voltage Variable Attenuator
SVA-2000 MINI-SVA-2000 Datasheet
421Kb / 2P
   Voltage Variable Attenuator
VACC-22 MINI-VACC-22 Datasheet
285Kb / 3P
   Voltage Variable Attenuator
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com