Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AE514 Datasheet(PDF) 4 Page - RFHIC

Part # AE514
Description  E-pHEMT MMIC
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFHIC [RFHIC]
Direct Link  http://www.rfhic.com
Logo RFHIC - RFHIC

AE514 Datasheet(HTML) 4 Page - RFHIC

  AE514 Datasheet HTML 1Page - RFHIC AE514 Datasheet HTML 2Page - RFHIC AE514 Datasheet HTML 3Page - RFHIC AE514 Datasheet HTML 4Page - RFHIC AE514 Datasheet HTML 5Page - RFHIC  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
E
E--p
pH
HE
EM
MT
T M
MM
MIIC
C
A
AE
E551144
(Preliminary)
▪ Tel : 82-31-250-5011
▪ All specifications may change without notice.
▪ rfsales@rfhic.com
▪ Version 0.2
Application Circuit: 50MHz ~ 2150MHz, 75ohm System
Output
D 60465A
(Balun)
100nF
1nF
1nF
100nF
560nH
( Wirewound)
+5V
1
4
8
5
AE514
D 60465A
(Balun)
560nH
( Wirewound)
330pF
330pF
680pF
680pF
10nF
+5V
0.5pF
10nF
Input
560Ω
18pF
560 Ω
18pF
22Kohm
22 kohm
Typical RF Performance: VDD=5V, IDS=250mA, T=25℃, 75ohm System
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.6
1.8
2.0
0.0
2.2
4
8
12
16
0
20
-20
-10
0
10
-30
20
Freq(GHz)
S-Parameter
Multi-Tone Test 135CH_FLAT@Output Power +37dBmV/Ch
Level: +37dBmV
Tilt: 135CH
FRQ
XMD(NCTA)
CTB_RAW
CTB_COR
N-FLR
CSU_RAW
CSU_COR
CSU_FRQ
CSL_RAW
CSL_COR
CSL_FRQ
55.25
61.4
70
70.2
83
81.1
85.4
56
67.5
67.7
54
77.25
62
71.6
71.9
82.6
68.2
68.4
77.99
82.5
86.8
76.2
109.25
62.4
70
70.2
83.6
80.9
84.5
109.99
69.6
69.8
107.99
211.25
62
70.3
70.5
83.4
78.1
79.5
212.49
70.9
71.2
209.99
331.25
62.6
69.2
69.4
82.2
73.9
74.6
332.5
72.6
73.1
329.99
445.25
62.6
69.8
70
82.8
72.9
73.3
446.49
73.9
74.5
443.99
547.25
63.7
70.7
71.2
80.5
70.9
71.4
548.49
74.9
76.3
545.99
637.25
63.4
69.8
70.1
81.3
70.4
70.8
638.49
77
78.9
635.99
745.25
63.4
70.2
70.5
81
68.5
68.7
746.49
78.4
82
743.98
859.25
63.2
70.8
71.5
79.1
67
67.3
860.49
77.8
82.1
858.49
Min
61.4
69.2
69.4
79.1
67
67.3
56
67.5
67.7
54
Max
63.7
71.6
71.9
83.6
81.1
85.4
860.49
82.5
86.8
858.49
S21
S11
S22
Noise Figure vs Frequency
0
1
2
3
4
5
10
200
400
600
800
1000 1200 1400 1600 1800 2000 2200
Freq(MHz)


Similar Part No. - AE514

ManufacturerPart #DatasheetDescription
logo
Coilcraft lnc.
AE514PYA COILCRAFT-AE514PYA Datasheet
363Kb / 3P
   Outgassing Compliant Power Inductors
AE514PYA102MSZ COILCRAFT-AE514PYA102MSZ Datasheet
363Kb / 3P
   Outgassing Compliant Power Inductors
AE514PYA152MSZ COILCRAFT-AE514PYA152MSZ Datasheet
363Kb / 3P
   Outgassing Compliant Power Inductors
AE514PYA161MSZ COILCRAFT-AE514PYA161MSZ Datasheet
363Kb / 3P
   Outgassing Compliant Power Inductors
AE514PYA222MSZ COILCRAFT-AE514PYA222MSZ Datasheet
363Kb / 3P
   Outgassing Compliant Power Inductors
More results

Similar Description - AE514

ManufacturerPart #DatasheetDescription
logo
RFHIC
AE312 RFHIC-AE312 Datasheet
232Kb / 3P
   E-pHEMT MMIC
AE384 RFHIC-AE384 Datasheet
230Kb / 4P
   E-pHEMT MMIC
AE362 RFHIC-AE362 Datasheet
260Kb / 5P
   E-pHEMT MMIC
AE365 RFHIC-AE365 Datasheet
206Kb / 3P
   E-pHEMT MMIC
AE618 RFHIC-AE618 Datasheet
202Kb / 3P
   E-pHEMT MMIC
AE314 RFHIC-AE314 Datasheet
264Kb / 7P
   E-pHEMT MMIC
AE427 RFHIC-AE427 Datasheet
222Kb / 3P
   E-pHEMT MMIC
AD412 RFHIC-AD412 Datasheet
306Kb / 6P
   E-pHEMT MMIC
AE617 RFHIC-AE617 Datasheet
209Kb / 3P
   E-pHEMT MMIC
AE414 RFHIC-AE414 Datasheet
300Kb / 5P
   E-pHEMT MMIC
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com