Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SN74AUP2G241RSER Datasheet(PDF) 7 Page - Texas Instruments

Click here to check the latest version.
Part # SN74AUP2G241RSER
Description  LOW-POWER DUAL BUFFER/DRIVER WITH 3-STATE OUTPUTS
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SN74AUP2G241RSER Datasheet(HTML) 7 Page - Texas Instruments

Back Button SN74AUP2G241RSER Datasheet HTML 3Page - Texas Instruments SN74AUP2G241RSER Datasheet HTML 4Page - Texas Instruments SN74AUP2G241RSER Datasheet HTML 5Page - Texas Instruments SN74AUP2G241RSER Datasheet HTML 6Page - Texas Instruments SN74AUP2G241RSER Datasheet HTML 7Page - Texas Instruments SN74AUP2G241RSER Datasheet HTML 8Page - Texas Instruments SN74AUP2G241RSER Datasheet HTML 9Page - Texas Instruments SN74AUP2G241RSER Datasheet HTML 10Page - Texas Instruments SN74AUP2G241RSER Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 16 page
background image
SN74AUP2G241
www.ti.com
SCES761A – DECEMBER 2009 – REVISED DECEMBER 2009
SWITCHING CHARACTERISTICS
over recommended operating free-air temperature range, CL = 10 pF (unless otherwise noted) (see Figure 3 and Figure 4)
TA = 25°C
TA = –40°C to 85°C
FROM
TO
PARAMETER
VCC
UNIT
(INPUT)
(OUTPUT)
MIN
TYP
MAX
MIN
MAX
0.8 V
23
1.2 V ± 0.1 V
0.5
8.7
20.6
0.5
21.3
1.5 V ± 0.1 V
1.2
6
12.2
0.5
13.7
tpd
A
Y
ns
1.8 V ± 0.15 V
1.4
4.8
9.2
0.5
10.8
2.5 V ± 0.2 V
1.5
3.4
5.8
0.5
7.2
3.3 V ± 0.3 V
0.5
3.4
8.9
0.5
9.4
0.8 V
35.7
1.2 V ± 0.1 V
0.5
9.6
23.8
0.5
25.1
1.5 V ± 0.1 V
1.5
6.4
12.9
0.5
15.5
ten
OE
Y
ns
1.8 V ± 0.15 V
1.5
5.0
9.8
0.5
12.2
2.5 V ± 0.2 V
1.6
3.5
9.6
0.5
12.3
3.3 V ± 0.3 V
1.6
2.9
4.7
0.5
6.4
0.8 V
14.5
1.2 V ± 0.1 V
0.9
5.8
11.2
0.8
11.5
1.5 V ± 0.1 V
0.5
4.1
9.0
0.5
9.2
tdis
OE
Y
ns
1.8 V ± 0.15 V
1.3
4.4
7.5
1.1
7.8
2.5 V ± 0.2 V
1.2
2.9
4.7
1.0
5.0
3.3 V ± 0.3 V
1.9
3.8
6.1
1.7
6.3
0.8 V
21.9
1.2 V ± 0.1 V
0.5
9.7
23.1
0.5
24
1.5 V ± 0.1 V
1
6.4
13.2
0.5
15
ten
OE
Y
ns
1.8 V ± 0.15 V
1
5
9.9
0.5
11.7
2.5 V ± 0.2 V
1.2
3.4
10.4
0.5
12
3.3 V ± 0.3 V
0.5
3.2
8.1
0.5
8.7
0.8 V
13.4
1.2 V ± 0.1 V
0.8
6.2
12.6
0.6
12.7
1.5 V ± 0.1 V
2.1
4.6
7.9
1.9
8.1
tdis
OE
Y
ns
1.8 V ± 0.15 V
1.7
4.7
8.2
1.5
8.3
2.5 V ± 0.2 V
1
3.3
5.1
0.9
5.3
3.3 V ± 0.3 V
1.2
4.5
7.8
1.1
7.9
Copyright © 2009, Texas Instruments Incorporated
Submit Documentation Feedback
7
Product Folder Link(s): SN74AUP2G241


Similar Part No. - SN74AUP2G241RSER

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74AUP2G240 TI-SN74AUP2G240 Datasheet
284Kb / 12P
[Old version datasheet]   LOW-POWER DUAL BUFFER/DRIVER WITH 3-STATE OUTPUTS
SN74AUP2G240 TI-SN74AUP2G240 Datasheet
645Kb / 16P
[Old version datasheet]   LOW-POWER DUAL BUFFER/DRIVER WITH 3-STATE OUTPUTS
SN74AUP2G240DCUR TI-SN74AUP2G240DCUR Datasheet
284Kb / 12P
[Old version datasheet]   LOW-POWER DUAL BUFFER/DRIVER WITH 3-STATE OUTPUTS
SN74AUP2G240DCUR TI-SN74AUP2G240DCUR Datasheet
645Kb / 16P
[Old version datasheet]   LOW-POWER DUAL BUFFER/DRIVER WITH 3-STATE OUTPUTS
SN74AUP2G240DQER TI-SN74AUP2G240DQER Datasheet
284Kb / 12P
[Old version datasheet]   LOW-POWER DUAL BUFFER/DRIVER WITH 3-STATE OUTPUTS
More results

Similar Description - SN74AUP2G241RSER

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74AUP2G240 TI-SN74AUP2G240_10 Datasheet
645Kb / 16P
[Old version datasheet]   LOW-POWER DUAL BUFFER/DRIVER WITH 3-STATE OUTPUTS
SN74AUP2G240 TI-SN74AUP2G240 Datasheet
284Kb / 12P
[Old version datasheet]   LOW-POWER DUAL BUFFER/DRIVER WITH 3-STATE OUTPUTS
SN74AUC2G241 TI-SN74AUC2G241_09 Datasheet
526Kb / 15P
[Old version datasheet]   DUAL BUFFER/DRIVER WITH 3-STATE OUTPUTS
SN74AUC2G240 TI-SN74AUC2G240_1 Datasheet
538Kb / 13P
[Old version datasheet]   DUAL BUFFER/DRIVER WITH 3-STATE OUTPUTS
logo
Unisonic Technologies
U74LVC2G240 UTC-U74LVC2G240 Datasheet
214Kb / 6P
   DUAL BUFFER/DRIVER WITH 3-STATE OUTPUTS
logo
Texas Instruments
SN64BCT306 TI-SN64BCT306 Datasheet
90Kb / 6P
[Old version datasheet]   DUAL BUFFER/DRIVER WITH 3-STATE OUTPUTS
SN74AUC2G240 TI-SN74AUC2G240 Datasheet
432Kb / 12P
[Old version datasheet]   DUAL BUFFER/DRIVER WITH 3-STATE OUTPUTS
SN74LVC2G241 TI-SN74LVC2G241 Datasheet
380Kb / 14P
[Old version datasheet]   DUAL BUFFER/DRIVER WITH 3-STATE OUTPUTS
SN74AUC2G241 TI-SN74AUC2G241_08 Datasheet
427Kb / 14P
[Old version datasheet]   DUAL BUFFER/DRIVER WITH 3-STATE OUTPUTS
SN74LVC2G240 TI1-SN74LVC2G240_16 Datasheet
850Kb / 17P
[Old version datasheet]   Dual Buffer Driver With 3-State Outputs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com