Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SN74AUP3G07DCUR Datasheet(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
Part # SN74AUP3G07DCUR
Description  LOW-POWER TRIPLE BUFFER/DRIVER WITH OPEN-DRAIN OUTPUTS
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SN74AUP3G07DCUR Datasheet(HTML) 2 Page - Texas Instruments

  SN74AUP3G07DCUR Datasheet HTML 1Page - Texas Instruments SN74AUP3G07DCUR Datasheet HTML 2Page - Texas Instruments SN74AUP3G07DCUR Datasheet HTML 3Page - Texas Instruments SN74AUP3G07DCUR Datasheet HTML 4Page - Texas Instruments SN74AUP3G07DCUR Datasheet HTML 5Page - Texas Instruments SN74AUP3G07DCUR Datasheet HTML 6Page - Texas Instruments SN74AUP3G07DCUR Datasheet HTML 7Page - Texas Instruments SN74AUP3G07DCUR Datasheet HTML 8Page - Texas Instruments SN74AUP3G07DCUR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 13 page
background image
1A
1Y
1
7
2A
2Y
3
5
3A
3Y
6
2
SN74AUP3G07
SCES780A – DECEMBER 2009 – REVISED DECEMBER 2009
www.ti.com
The output of SN74AUP3G07 is open drain and can be connected to other open-drain outputs to implement
active-low wired-OR or active-high wired-AND functions.
NanoStar™ package technology is a major breakthrough in IC packaging concepts, using the die as the
package.
This device is fully specified for partial-power-down applications using Ioff. The Ioff circuitry disables the outputs,
preventing damaging current backflow through the device when it is powered down.
ORDERING INFORMATION(1)
ORDERABLE
TOP-SIDE
TA
PACKAGE(2)
PART NUMBER
MARKING(3)
NanoStar™ – WCSP (DSBGA)
Reel of 3000
SN74AUP3G07YFPR
_ _ H V _
0.23-mm Large Bump – YFP (Pb-free)
uQFN – DQE
Reel of 5000
SN74AUP3G07DQER
TW
–40°C to 85°C
QFN – RSE
Reel of 5000
SN74AUP3G07RSER
PREVIEW
SSOP – DCU
Reel of 3000
SN74AUP3G07DCUR
H07_
(1)
For the most current package and ordering information, see the Package Option Addendum at the end of this document, or see the TI
web site at www.ti.com.
(2)
Package drawings, thermal data, and symbolization are available at www.ti.com/packaging.
(3)
DCU: The actual top-side marking has one additional character that designates the wafer fab/assembly site.
YFP: The actual top-side marking has three preceding characters to denote year, month, and sequence code, and one following
character to designate the wafer fab/assembly site. Pin 1 identifier indicates solder-bump composition (1 = SnPb, • = Pb-free).
FUNCTION TABLE
(EACH BUFFER/DRIVER)
INPUT
OUTPUT
A
Y
L
L
H
Z
LOGIC DIAGRAM (POSITIVE LOGIC)
Pin numbers shown are for the DCU and DQE packages.
2
Submit Documentation Feedback
Copyright © 2009, Texas Instruments Incorporated
Product Folder Link(s): SN74AUP3G07


Similar Part No. - SN74AUP3G07DCUR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74AUP3G04 TI-SN74AUP3G04 Datasheet
283Kb / 12P
[Old version datasheet]   LOW-POWER TRIPLE INVERTER GATE
SN74AUP3G04 TI-SN74AUP3G04 Datasheet
810Kb / 18P
[Old version datasheet]   LOW-POWER TRIPLE INVERTER GATE
SN74AUP3G04DCUR TI-SN74AUP3G04DCUR Datasheet
283Kb / 12P
[Old version datasheet]   LOW-POWER TRIPLE INVERTER GATE
SN74AUP3G04DCUR TI-SN74AUP3G04DCUR Datasheet
810Kb / 18P
[Old version datasheet]   LOW-POWER TRIPLE INVERTER GATE
SN74AUP3G04DQER TI-SN74AUP3G04DQER Datasheet
283Kb / 12P
[Old version datasheet]   LOW-POWER TRIPLE INVERTER GATE
More results

Similar Description - SN74AUP3G07DCUR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74LVC3G07 TI-SN74LVC3G07 Datasheet
342Kb / 13P
[Old version datasheet]   TRIPLE BUFFER / DRIVER WITH OPEN DRAIN OUTPUTS
SN74LVC3G07 TI1-SN74LVC3G07_16 Datasheet
844Kb / 16P
[Old version datasheet]   Triple Buffer/Driver With Open-drain Outputs
SN74LVC3G07 TI1-SN74LVC3G07_18 Datasheet
935Kb / 18P
[Old version datasheet]   Triple Buffer/Driver With Open-drain Outputs
SN74LVC3G07-Q1 TI1-SN74LVC3G07-Q1 Datasheet
270Kb / 9P
[Old version datasheet]   TRIPLE BUFFER/DRIVER WITH OPEN-DRAIN OUTPUTS
SN74LVC3G07 TI-SN74LVC3G07_08 Datasheet
405Kb / 12P
[Old version datasheet]   TRIPLE BUFFER / DRIVER WITH OPEN DRAIN OUTPUTS
SN74LVC3G07-EP TI-SN74LVC3G07-EP Datasheet
338Kb / 10P
[Old version datasheet]   TRIPLE BUFFER/DRIVER WITH OPEN-DRAIN OUTPUTS
SN74AUP3G06 TI-SN74AUP3G06 Datasheet
283Kb / 13P
[Old version datasheet]   LOW-POWER TRIPLE INVERTER BUFFER/DRIVER WITH OPEN-DRAIN OUTPUTS
SN74LVC3G06 TI1-SN74LVC3G06_16 Datasheet
844Kb / 16P
[Old version datasheet]   Triple Inverter Buffer/Driver With Open-Drain Outputs
SN74LVC3G06 TI1-SN74LVC3G06_17 Datasheet
937Kb / 18P
[Old version datasheet]   Triple Inverter Buffer/Driver With Open-Drain Outputs
SN74LVC3G06 TI-SN74LVC3G06 Datasheet
319Kb / 12P
[Old version datasheet]   TRIPLE INVERTER BUFFER/DRIVER WITH OPEN DRAIN OUTPUTS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com