Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TAS5612PHD Datasheet(PDF) 11 Page - Texas Instruments

Click here to check the latest version.
Part # TAS5612PHD
Description  125W STEREO / 250W MONO PurePath??HD DIGITAL-INPUT POWER STAGE
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TAS5612PHD Datasheet(HTML) 11 Page - Texas Instruments

Back Button TAS5612PHD Datasheet HTML 7Page - Texas Instruments TAS5612PHD Datasheet HTML 8Page - Texas Instruments TAS5612PHD Datasheet HTML 9Page - Texas Instruments TAS5612PHD Datasheet HTML 10Page - Texas Instruments TAS5612PHD Datasheet HTML 11Page - Texas Instruments TAS5612PHD Datasheet HTML 12Page - Texas Instruments TAS5612PHD Datasheet HTML 13Page - Texas Instruments TAS5612PHD Datasheet HTML 14Page - Texas Instruments TAS5612PHD Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 26 page
background image
17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32
PV
-SupplyVoltage-V
DD
0
50
100
150
200
T =75°C
THD+N=10%
C
3 W
4 W
6 W
8 W
0.001
0.01
0.1
1
10
0.01
1
100
P
-OutputPower-W
O
0.1
10
1000
3 W
4 W
6 W
8 W
T =75°C
C
100
90
80
70
60
50
40
30
20
10
0
0
50
100
150
200
250
300
2ChannelOutputPower-W
4 W
6 W
8 W
T =25°C
THD+N=10%
C
17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32
PV
-SupplyVoltage-V
DD
0
50
100
150
3 W
4 W
6 W
8 W
T =75°C
C
TAS5612
www.ti.com
SLAS682 – NOVEMBER 2009
TYPICAL CHARACTERISTICS, BTL CONFIGURATION
TOTAL HARMONIC+NOISE
OUTPUT POWER
vs
vs
OUTPUT POWER
SUPPLY VOLTAGE
Figure 1.
Figure 2.
UNCLIPPED OUTPUT POWER
SYSTEM EFFICIENCY
vs
vs
SUPPLY VOLTAGE
OUTPUT POWER
Figure 3.
Figure 4.
Copyright © 2009, Texas Instruments Incorporated
Submit Documentation Feedback
11
Product Folder Link(s): TAS5612


Similar Part No. - TAS5612PHD

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TAS5612PHD TI-TAS5612PHD Datasheet
1Mb / 26P
[Old version datasheet]   125W STEREO / 250W MONO PurePath??HD DIGITAL-INPUT POWER STAGE
TAS5612PHDR TI-TAS5612PHDR Datasheet
1Mb / 26P
[Old version datasheet]   125W STEREO / 250W MONO PurePath??HD DIGITAL-INPUT POWER STAGE
More results

Similar Description - TAS5612PHD

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TAS5612A TI-TAS5612A Datasheet
1Mb / 26P
[Old version datasheet]   125W STEREO / 250W MONO PurePath??HD DIGITAL-INPUT POWER STAGE
TAS5612A TI-TAS5612A_15 Datasheet
2Mb / 28P
[Old version datasheet]   125W STEREO / 250W MONO PurePath??HD DIGITAL-INPUT POWER STAGE
TAS5611 TI-TAS5611 Datasheet
1Mb / 28P
[Old version datasheet]   125W STEREO / 250W MONO PurePath??HD ANALOG-INPUT POWER STAGE
TAS5611A TI-TAS5611A Datasheet
1Mb / 27P
[Old version datasheet]   125W STEREO/250W MONO PurePath??HD ANALOG-INPUT POWER STAGE
TAS5611A TI-TAS5611A_10 Datasheet
2Mb / 29P
[Old version datasheet]   125W STEREO/250W MONO PurePath??HD ANALOG-INPUT POWER STAGE
TAS5611A TI-TAS5611A_15 Datasheet
1Mb / 28P
[Old version datasheet]   STEREO/250W MONO PurePath??HD ANALOG-INPUT POWER STAGE
TAS5614ADKDR TI1-TAS5614ADKDR Datasheet
1Mb / 33P
[Old version datasheet]   150W STEREO / 300W MONO PurePath HD DIGITAL-INPUT POWER STAGE
TAS5614A TI-TAS5614A Datasheet
1Mb / 26P
[Old version datasheet]   150W STEREO / 300W MONO PurePath??HD DIGITAL-INPUT POWER STAGE
TAS5614A TI-TAS5614A_15 Datasheet
1Mb / 31P
[Old version datasheet]   150W STEREO / 300W MONO PurePath??HD DIGITAL-INPUT POWER STAGE
TAS5614 TI-TAS5614 Datasheet
1Mb / 26P
[Old version datasheet]   150W STEREO / 300W MONO PurePath??HD DIGITAL-INPUT POWER STAGE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com