Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS62231DRYR Datasheet(PDF) 8 Page - Texas Instruments

Click here to check the latest version.
Part # TPS62231DRYR
Description  2 MHz / 3 MHz Ultra Small Step Down Converter in 1x1.5 SON Package
Download  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS62231DRYR Datasheet(HTML) 8 Page - Texas Instruments

Back Button TPS62231DRYR Datasheet HTML 4Page - Texas Instruments TPS62231DRYR Datasheet HTML 5Page - Texas Instruments TPS62231DRYR Datasheet HTML 6Page - Texas Instruments TPS62231DRYR Datasheet HTML 7Page - Texas Instruments TPS62231DRYR Datasheet HTML 8Page - Texas Instruments TPS62231DRYR Datasheet HTML 9Page - Texas Instruments TPS62231DRYR Datasheet HTML 10Page - Texas Instruments TPS62231DRYR Datasheet HTML 11Page - Texas Instruments TPS62231DRYR Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 31 page
background image
0
10
20
30
40
50
60
70
80
90
100
1
10
100
1000
I
-OutputCurrent-mA
O
MODE=V ,
V
=1.2V,
L =2.2 HMIPSZ20122R2(2012size),
C
=4.7 F
IN
OUT
OUT
m
m
V
=5V
IN
V
=2.3V
IN
V
=3.6V
IN
V
=4.2V
IN
V
=2.7V
IN
0
10
20
30
40
50
60
70
80
90
100
0.1
1
10
100
1000
I
-OutputCurrent-mA
O
MODE=GND,
V
=1.2V,
L =2.2 HMIPSZ20122R2(2012size),
C
=4.7 F
OUT
OUT
m
m
V
=5V
IN
V
=2.3V
IN
V
=3.6V
IN
V
=4.2V
IN
V
=2.7V
IN
0.1
1
10
100
1000
I
-OutputCurrent-mA
O
0
10
20
30
40
50
60
70
80
90
100
V
=3.6V
IN
V
=4.2V
IN
V
=5V
IN
TPS62233
MODE=GND,
V
=3V,
L =1 H,
C
=4.7 F
OUT
OUT
m
m
50
55
60
65
70
75
80
85
90
0.1
1
10
100
1000
I
-OutputCurrent-mA
O
LQM21PN2R2
L =2.2 H0805
(2x1.25x0.55mm )
m
3
MIPSZ2012D2R2
L =2.2 H0805
(2x1.25x1mm )
m
3
MIPSD1R0
L =1 H0805
(2x1.25x1mm )
m
3
LQM2HPN1R0MJ0
L =1 H
(2.5x2x1.2mm )
m
3
MODE=GND,
C
=2.2 F(0402),
C
=4.7 F(0402),
V
=1.8V,
V
=3.6V
IN
OUT
OUT
IN
m
m
MIPSA25202R2
L =2.2 H
(2.5x2x1.2mm )
m
3
TPS62230, TPS62231, TPS62232, TPS62233
TPS62234, TPS62235, TPS62236, TPS62237
TPS62238, TPS62239, TPS622310, TPS622311
SLVS941B – APRIL 2009 – REVISED DECEMBER 2009
www.ti.com
TYPICAL CHARACTERISTICS (continued)
Figure 5. Efficiency PFM/PWM Mode 1.2V Output voltage
Figure 6. Efficiency Forced PWM Mode 1.2V Output Voltage
Figure 7. Comparison Efficiency vs Inductor Value and Size
Figure 8. Comparison Efficiency vs IOUT – TPS62233
8
Submit Documentation Feedback
Copyright © 2009, Texas Instruments Incorporated
Product Folder Link(s): TPS62230 TPS62231 TPS62232 TPS62233 TPS62234 TPS62235 TPS62236 TPS62237
TPS62238 TPS62239 TPS622310 TPS622311


Similar Part No. - TPS62231DRYR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS62231DRYR TI-TPS62231DRYR Datasheet
1Mb / 28P
[Old version datasheet]   3 MHz Ultra Small Step Down Converter in 1x1.5 SON Package
TPS62231DRYR TI1-TPS62231DRYR Datasheet
2Mb / 40P
[Old version datasheet]   2-MHz and 3-MHz Ultra Small Step-Down Converter in 1 x 1.5 USON Package
More results

Similar Description - TPS62231DRYR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS62230 TI-TPS62230_10 Datasheet
1Mb / 32P
[Old version datasheet]   2 MHz / 3 MHz Ultra Small Step Down Converter in 1x1.5 SON Package
TPS62230 TI1-TPS62230_14 Datasheet
1Mb / 36P
[Old version datasheet]   2 MHz / 3 MHz Ultra Small Step Down Converter in 1x1.5 SON Package
TPS62231-Q1 TI1-TPS62231-Q1 Datasheet
1Mb / 32P
[Old version datasheet]   3 MHz Ultra Small Step Down Converter in 1x1.5 SON Package
TPS62230 TI-TPS62230 Datasheet
1Mb / 28P
[Old version datasheet]   3 MHz Ultra Small Step Down Converter in 1x1.5 SON Package
TPS62060 TI-TPS62060 Datasheet
825Kb / 21P
[Old version datasheet]   3-MHz 1.6A Step Down Converter in 2x2 SON Package
TPS62065_1005 TI-TPS62065_1005 Datasheet
1Mb / 26P
[Old version datasheet]   3-MHz 2A Step Down Converter in 2x2 SON Package
TLV62065 TI1-TLV62065 Datasheet
1,022Kb / 24P
[Old version datasheet]   3-MHz 2A Step Down Converter in 2x2 SON Package
TLV62065 TI-TLV62065 Datasheet
1Mb / 26P
[Old version datasheet]   3-MHz 2A Step Down Converter in 2x2 SON Package
TLV62065DSGT TI1-TLV62065DSGT Datasheet
1Mb / 27P
[Old version datasheet]   3-MHz 2A Step Down Converter in 2x2 SON Package
TPS62065 TI-TPS62065 Datasheet
1Mb / 25P
[Old version datasheet]   3-MHz 2A Step Down Converter in 2x2 SON Package
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com