Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS62235DRYR Datasheet(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
Part # TPS62235DRYR
Description  2 MHz / 3 MHz Ultra Small Step Down Converter in 1x1.5 SON Package
Download  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS62235DRYR Datasheet(HTML) 3 Page - Texas Instruments

  TPS62235DRYR Datasheet HTML 1Page - Texas Instruments TPS62235DRYR Datasheet HTML 2Page - Texas Instruments TPS62235DRYR Datasheet HTML 3Page - Texas Instruments TPS62235DRYR Datasheet HTML 4Page - Texas Instruments TPS62235DRYR Datasheet HTML 5Page - Texas Instruments TPS62235DRYR Datasheet HTML 6Page - Texas Instruments TPS62235DRYR Datasheet HTML 7Page - Texas Instruments TPS62235DRYR Datasheet HTML 8Page - Texas Instruments TPS62235DRYR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 31 page
background image
TPS62230, TPS62231, TPS62232, TPS62233
TPS62234, TPS62235, TPS62236, TPS62237
TPS62238, TPS62239, TPS622310, TPS622311
www.ti.com
SLVS941B – APRIL 2009 – REVISED DECEMBER 2009
DISSIPATION RATINGS
(1)
POWER RATING
DERATING FACTOR
PACKAGE
RθJA
FOR TA ≤ 25°C
ABOVE TA = 25°C
1 × 1.5 SON
234°C/W(2)
420 mW
4.2 mW/°C
(1)
Maximum power dissipation is a function of TJ(max), θJA and TA. The maximum allowable power dissipation at any allowable ambient
temperature is PD = [TJ(max) – TA] /θJA.
(2)
This thermal data is measured with high-K board (4 layers board according to JESD51-7 JEDEC standard).
RECOMMENDED OPERATING CONDITIONS
operating ambient temperature TA = –40 to 85°C (unless otherwise noted)
(1)
MIN
NOM
MAX
UNIT
Supply voltage VIN
(2)
2.05
6
V
Effective inductance
2.2
μH
Effective capacitance
2.0
4.7
μF
VOUT ≤ VIN -1 V
(3)
500 mA maximum IOUT
(4)
3.0
3.6
Recommended minimum
350mA maximum IOUT
(5)
2.5
2.7
V
supply voltage
VOUT ≤ 1.8V
60 mA maximum output current(5)
2.05
Operating virtual junction temperature range, TJ
–40
125
°C
(1)
In applications where high power dissipation and/or poor package thermal resistance is present, the maximum ambient temperature may
have to be derated. Maximum ambient temperature (TA(max)) is dependent on the maximum operating junction temperature (TJ(max)), the
maximum power dissipation of the device in the application (PD(max)), and the junction-to-ambient thermal resistance of the part/package
in the application (
θJA), as given by the following equation: TA(max) = TJ(max) – (θJA × PD(max)).
(2)
The minimum required supply voltage for startup is 2.05 V. The part is functional down to the falling UVL (Under Voltage Lockout)
threshold.
(3)
For a voltage difference between minimum VIN and VOUT of ≥ 1 V
(4)
Typical value applies for TA = 25°C, maximum value applies for TA = 70°C with TJ ≤ 125°C, PCB layout needs to support proper thermal
performance.
(5)
Typical value applies for TA = 25°C, maximum value applies for TA = 85°C with TJ ≤ 125°C, PCB layout needs to support proper thermal
performance.
Copyright © 2009, Texas Instruments Incorporated
Submit Documentation Feedback
3
Product Folder Link(s): TPS62230 TPS62231 TPS62232 TPS62233 TPS62234 TPS62235 TPS62236 TPS62237
TPS62238 TPS62239 TPS622310 TPS622311


Similar Part No. - TPS62235DRYR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS62235DRYR TI1-TPS62235DRYR Datasheet
2Mb / 40P
[Old version datasheet]   2-MHz and 3-MHz Ultra Small Step-Down Converter in 1 x 1.5 USON Package
More results

Similar Description - TPS62235DRYR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS62230 TI-TPS62230_10 Datasheet
1Mb / 32P
[Old version datasheet]   2 MHz / 3 MHz Ultra Small Step Down Converter in 1x1.5 SON Package
TPS62230 TI1-TPS62230_14 Datasheet
1Mb / 36P
[Old version datasheet]   2 MHz / 3 MHz Ultra Small Step Down Converter in 1x1.5 SON Package
TPS62231-Q1 TI1-TPS62231-Q1 Datasheet
1Mb / 32P
[Old version datasheet]   3 MHz Ultra Small Step Down Converter in 1x1.5 SON Package
TPS62230 TI-TPS62230 Datasheet
1Mb / 28P
[Old version datasheet]   3 MHz Ultra Small Step Down Converter in 1x1.5 SON Package
TPS62060 TI-TPS62060 Datasheet
825Kb / 21P
[Old version datasheet]   3-MHz 1.6A Step Down Converter in 2x2 SON Package
TPS62065_1005 TI-TPS62065_1005 Datasheet
1Mb / 26P
[Old version datasheet]   3-MHz 2A Step Down Converter in 2x2 SON Package
TLV62065 TI1-TLV62065 Datasheet
1,022Kb / 24P
[Old version datasheet]   3-MHz 2A Step Down Converter in 2x2 SON Package
TLV62065 TI-TLV62065 Datasheet
1Mb / 26P
[Old version datasheet]   3-MHz 2A Step Down Converter in 2x2 SON Package
TLV62065DSGT TI1-TLV62065DSGT Datasheet
1Mb / 27P
[Old version datasheet]   3-MHz 2A Step Down Converter in 2x2 SON Package
TPS62065 TI-TPS62065 Datasheet
1Mb / 25P
[Old version datasheet]   3-MHz 2A Step Down Converter in 2x2 SON Package
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com