Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TF120675FM Datasheet(PDF) 3 Page - American Accurate Components, Inc.

Part # TF120675FM
Description  CHIP TERMINATOR NETWORK - PECL, Fixed, & Power
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AAC [American Accurate Components, Inc.]
Direct Link  http://www.aacix.com
Logo AAC - American Accurate Components, Inc.

TF120675FM Datasheet(HTML) 3 Page - American Accurate Components, Inc.

  TF120675FM Datasheet HTML 1Page - American Accurate Components, Inc. TF120675FM Datasheet HTML 2Page - American Accurate Components, Inc. TF120675FM Datasheet HTML 3Page - American Accurate Components, Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
American Accurate Components, Inc.
CHIP TERMINATOR NETWORK – PECL, Fixed, & Power
The content of this specification may change without notification 11/18/05
188 Technology Drive, Unit H, Irvine, CA 92618
TEL: 949-453-9888
FAX: 949-453-8889
3
High Power Terminator
ELECTRICAL CHARACTERISTICS
Series
TP05
TP12
TP30
TP80
Circuit Schematic
Characteristic Impedance
50
50
50
50
1.1
DC ~ 3GHz
1.1
DC ~ 3GHz
VSWR
1.3
3GHz ~ 10GHz
1.1 Max
1.3
3GHz ~ 10GHz
1.2 Max
Frequency Range
DC ~ 10GHz
DC ~ 2.1GHz
DC ~ 10GHz
DC ~ 1.5GHz
Typical Power Rating
1W
1W
1.5W
1.5W
Max Power Rating
5W
12.5W
30W
80W
TCR
±50ppm/℃
±50ppm/℃
±50ppm/℃
±50ppm/℃
Max Heat Sink Temp at Max Rated Power
70℃
80℃
70℃
65℃
Operating Temperature
-55℃ ~ +125℃
-55℃ ~ +80℃
-55℃ ~ +125℃
-55℃ ~ +125℃
MECHANICAL DIAGRAM (mm)
ENVIRONMENTAL PERFORMANCE
Item
Power Terminator Series
Test Condition
Requirements
TP12.5, TP80
± (0.5% + 0.05Ω)
Short Time Overload
TP05, TP30
Rated Voltage x 2.5, 5 seconds
± (0.2% + 0.05Ω)
TP12.5, TP80
250°C
± 5°C, 10 ± 1 second
± (0.5% + 0.05Ω)
Resistance to Soldering Heat
TP05, TP30
350°C
± 5°C, 3 ± 0.5 second
± (0.2% + 0.05Ω)
TP12.5, TP80
235°C
± 5°C, 3 ± 0.5 second
>95%
Solderability
TP05, TP30
TP12.5, TP80
-10°C 30 min, R.T. 3 min
70°C 30 min R.T. 3 min, 5 cycles
± (0.5% + 0.05Ω)
Temperature Cycle
TP05, TP30
-55°C ~ +125°C, 5 cycles
± (0.2% + 0.05Ω)
TP12.5, TP80
40°C
± 5°C, 90~95%, Rated Voltage
90 min on, 30 min off for 1000 hours
± (1.0% + 0.05Ω)
Moisture Load Life
TP05, TP30
± (0.2% + 0.05Ω)
TP12.5, TP80
40°C
± 2°C, Rated Voltage.
90 min on, 30 min off for 1000 hours
± (1.0% + 0.05Ω)
Load Life
TP05, TP30
70°C
± 3°C, for 1000 hours
± (0.2% + 0.05Ω)
Insulation Resistance
TP12.5, TP80, TP05, TP30
DC 500V, 1 minute
> 1,000 M


Similar Part No. - TF120675FM

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TF1206 TOSHIBA-TF1206 Datasheet
234Kb / 5P
   SOLID STATE IGBT GATE DRIVER MODULE
More results

Similar Description - TF120675FM

ManufacturerPart #DatasheetDescription
logo
KOA Speer Electronics, ...
CTXS03T KOA-CTXS03T Datasheet
75Kb / 1P
   PECL clock terminator networks
DNAG20TTEB KOA-DNAG20TTEB Datasheet
211Kb / 2P
   diode terminator network
DNAS03T KOA-DNAS03T Datasheet
102Kb / 2P
   diode terminator network
logo
Level One
FCS-5063 LVL1-FCS-5063 Datasheet
675Kb / 4P
   Fixed Network Camera
FCS-5053 LVL1-FCS-5053 Datasheet
683Kb / 4P
   Fixed Network Camera
FCS-1153 LVL1-FCS-1153 Datasheet
519Kb / 4P
   Fixed Network Camera
FCS-1131 LVL1-FCS-1131 Datasheet
529Kb / 5P
   Fixed Network Camera
FCS-5064 LVL1-FCS-5064 Datasheet
718Kb / 4P
   Fixed Network Camera
FCS-1152 LVL1-FCS-1152 Datasheet
540Kb / 4P
   Fixed Network Camera
FCS-5054 LVL1-FCS-5054 Datasheet
511Kb / 4P
   Fixed Network Camera
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com