Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LA119B-XGGH-PF-0 Datasheet(PDF) 6 Page - LIGITEK electronics co., ltd.

Part # LA119B-XGGH-PF-0
Description  LED ARRAY
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LIGITEK [LIGITEK electronics co., ltd.]
Direct Link  http://www.ligitek.com
Logo LIGITEK - LIGITEK electronics co., ltd.

LA119B-XGGH-PF-0 Datasheet(HTML) 6 Page - LIGITEK electronics co., ltd.

  LA119B-XGGH-PF-0 Datasheet HTML 1Page - LIGITEK electronics co., ltd. LA119B-XGGH-PF-0 Datasheet HTML 2Page - LIGITEK electronics co., ltd. LA119B-XGGH-PF-0 Datasheet HTML 3Page - LIGITEK electronics co., ltd. LA119B-XGGH-PF-0 Datasheet HTML 4Page - LIGITEK electronics co., ltd. LA119B-XGGH-PF-0 Datasheet HTML 5Page - LIGITEK electronics co., ltd. LA119B-XGGH-PF-0 Datasheet HTML 6Page - LIGITEK electronics co., ltd. LA119B-XGGH-PF-0 Datasheet HTML 7Page - LIGITEK electronics co., ltd. LA119B-XGGH-PF-0 Datasheet HTML 8Page - LIGITEK electronics co., ltd.  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
5/7
LIGITEK ELECTRONICS CO.,LTD.
Property of Ligitek Only
Forward Current(mA)
Forward Voltage(V)
Fig.3 Forward Voltage vs. Temperature
Fig.5 Relative Intensity vs. Wavelength
Ambient Temperature(
)
600
Wavelength (nm)
1.0
500
0.0
0.5
0.9
-40
0.8
-20
1.0
1.1
1.2
700
800
900
3.0
2.0
1.0
1.5
2.5
Fig.4 Relative Intensity vs. Temperature
0.0
0.5
80
40
20
0
60
100
Ambient Temperature(
)
-40
-20
0
20
40
60
80
100
2.0
Typical Electro-Optical Characteristics Curve
Fig.1 Forward current vs. Forward Voltage
1.0
1.0
0.1
10
100
H CHIP
1000
3.0
Fig.2 Relative Intensity vs. Forward Current
2.5
2.0
0.5
1.0
1.5
0.0
3.0
4.0
5.0
1.0
10
100
1000
Page
LA119B/XGGH-PF-0
PART NO.


Similar Part No. - LA119B-XGGH-PF-0

ManufacturerPart #DatasheetDescription
logo
LIGITEK electronics co....
LA119B-4G-PF LIGITEK-LA119B-4G-PF Datasheet
108Kb / 6P
   LED ARRAY
LA119B-4G-PF-0 LIGITEK-LA119B-4G-PF-0 Datasheet
116Kb / 7P
   LED ARRAY
LA119B-HGYE-PF LIGITEK-LA119B-HGYE-PF Datasheet
214Kb / 9P
   LED ARRAY
More results

Similar Description - LA119B-XGGH-PF-0

ManufacturerPart #DatasheetDescription
logo
LIGITEK electronics co....
LA16B-DBK-S21 LIGITEK-LA16B-DBK-S21 Datasheet
102Kb / 5P
   LED ARRAY
LA16B-DGM-S30-PF LIGITEK-LA16B-DGM-S30-PF Datasheet
107Kb / 6P
   LED ARRAY
LA16B-EG-S26 LIGITEK-LA16B-EG-S26 Datasheet
115Kb / 6P
   LED ARRAY
LA16B-G-S2-PF LIGITEK-LA16B-G-S2-PF Datasheet
114Kb / 6P
   LED ARRAY
LA16B-H-PF LIGITEK-LA16B-H-PF Datasheet
106Kb / 6P
   LED ARRAY
LA16B-H-S1 LIGITEK-LA16B-H-S1 Datasheet
101Kb / 5P
   LED ARRAY
LA16B-H-S1-PF LIGITEK-LA16B-H-S1-PF Datasheet
107Kb / 6P
   LED ARRAY
LA16B-Y-S1-PF LIGITEK-LA16B-Y-S1-PF Datasheet
107Kb / 6P
   LED ARRAY
LA16B-Y-S22 LIGITEK-LA16B-Y-S22 Datasheet
101Kb / 5P
   LED ARRAY
LA17B-10H LIGITEK-LA17B-10H Datasheet
69Kb / 5P
   LED ARRAY
LA29B-1-4VGX-PF LIGITEK-LA29B-1-4VGX-PF Datasheet
109Kb / 6P
   LED ARRAY
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com