Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AH5798 Datasheet(PDF) 1 Page - Diodes Incorporated

Part # AH5798
Description  SINGLE PHASE HALL EFFECT LATCH SMART FAN MOTOR CONTROLLER
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AH5798 Datasheet(HTML) 1 Page - Diodes Incorporated

  AH5798 Datasheet HTML 1Page - Diodes Incorporated AH5798 Datasheet HTML 2Page - Diodes Incorporated AH5798 Datasheet HTML 3Page - Diodes Incorporated AH5798 Datasheet HTML 4Page - Diodes Incorporated AH5798 Datasheet HTML 5Page - Diodes Incorporated AH5798 Datasheet HTML 6Page - Diodes Incorporated AH5798 Datasheet HTML 7Page - Diodes Incorporated AH5798 Datasheet HTML 8Page - Diodes Incorporated AH5798 Datasheet HTML 9Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
AH5798
SINGLE PHASE HALL EFFECT LATCH SMART
FAN MOTOR CONTROLLER
AH5798 Rev. 1
1 of 9
OCTOBER 2009
www.diodes.com
© Diodes Incorporated
Support single-phase full wave DC fan driver
Built-in Hall sensor input amplifier
Low voltage startup ( Vdd=1.8V )
Lock detection and automatic self-restart
Soft switching for low noise DC fans
Without external timing capacitor, Reduces the
numbers of external component required
Thermal protection
FG output
Low profile package: SOT89-5L
SOT89-5L: Available in “Green” Molding Compound
(No Br, Sb)
Lead Free Finish/ RoHS Compliant (Note 1)
The AH5798 is a single chip solution for driving single-coil
brush-less DC fans and motors.
The AH5798 employs a
bidirectional full bridge driver output stage for single coil fan
motor applications. The soft switching driver generates the low
noise operating for DC fans. The device includes features such
as Rotor Lock Protection with rotor lock detection and automatic
self-restart to avoid damage to the coil when the rotor is blocked.
The AH5798 also offers an externally controlled Tachometer
(Frequency Generator Pin) open -drain output which makes it
easier to connect with external interface such as hardware
monitoring. The FG is the magnetic change frequency. The
device is packaged in SOT89-5L for SMT applications in DC fans.
3.3V / 5V Min. BLDC Cooling Fans
Net-Book/ Note-Book DC fans
Low Voltage/ Low Power BLDC Motors
V
dd
FG
O1
O2
FG
SYSTEM
POWER
V
SS
SYSTEM
POWER
10Kohm
AH5798
Dz
C1
D1
* Reverse connection of power supply may break the device. A countermeasure is needed such as using reverse power protection diode D1 between
power supply and Vdd terminal. In such case of using reverse power protection diode D1 because of there is no way to return current to power supply,
please take necessary measures like below.
- Connect Dz (Zener diode) between Vdd and Vss terminal, not to exceed the absolute maximum rating voltage.
- Connect a capacitor C1 between Vdd and Vss terminal, to make the path of return current to power supply.
The AH5798 has an open-drain tachometer FG output that follows the magnetic change frequency. A pull-up resistor (10Kohm, typically for System
Power = 5V) connected to a supply voltage.
Features
General Description
Applications
Typical Application Circuit


Similar Part No. - AH5798

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
AH5798 DIODES-AH5798 Datasheet
202Kb / 11P
   SINGLE PHASE HALL EFFECT LATCH SMART FAN MOTOR CONTROLLER
DS32001 Rev. 2 - 2
AH5798 DIODES-AH5798 Datasheet
202Kb / 11P
   SINGLE PHASE HALL EFFECT LATCH SMART
DS32001 Rev. 2 - 2
AH5798-WTG-7 DIODES-AH5798-WTG-7 Datasheet
202Kb / 11P
   SINGLE PHASE HALL EFFECT LATCH SMART FAN MOTOR CONTROLLER
DS32001 Rev. 2 - 2
AH5798-WTG-7 DIODES-AH5798-WTG-7 Datasheet
202Kb / 11P
   SINGLE PHASE HALL EFFECT LATCH SMART
DS32001 Rev. 2 - 2
AH5798-YG-13 DIODES-AH5798-YG-13 Datasheet
202Kb / 11P
   SINGLE PHASE HALL EFFECT LATCH SMART FAN MOTOR CONTROLLER
DS32001 Rev. 2 - 2
More results

Similar Description - AH5798

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
AH5795 DIODES-AH5795 Datasheet
216Kb / 13P
   SINGLE PHASE HALL EFFECT LATCH SMART FAN MOTOR CONTROLLER
AH5792 DIODES-AH5792_10 Datasheet
209Kb / 10P
   SINGLE PHASE HALL EFFECT LATCH SMART FAN MOTOR CONTROLLER
DS314641 Rev. 6 - 2
AH5798_1002 DIODES-AH5798_1002 Datasheet
202Kb / 11P
   SINGLE PHASE HALL EFFECT LATCH SMART FAN MOTOR CONTROLLER
DS32001 Rev. 2 - 2
AH5771 DIODES-AH5771 Datasheet
173Kb / 6P
   SINGLE PHASE HALL EFFECT LATCH SMART FAN
AH5771 Rev. 3
AH2984 DIODES-AH2984 Datasheet
198Kb / 11P
   TWO PHASE HALL-EFFECT SMART FAN MOTOR CONTROLLER
DS31698 Rev. 3 - 2
AH2985 DIODES-AH2985 Datasheet
455Kb / 8P
   TWO PHASE HALL-EFFECT SMART FAN MOTOR CONTROLLER
AH2984 DIODES-AH2984_13 Datasheet
353Kb / 10P
   TWO PHASE HALL-EFFECT SMART FAN MOTOR CONTROLLER
logo
Anachip Corp
AH282 ANACHIP-AH282 Datasheet
151Kb / 7P
   HALL-EFFECT SMART FAN MOTOR CONTROLLER
logo
Diodes Incorporated
AH285 DIODES-AH285 Datasheet
215Kb / 8P
   HALL-EFFECT SMART FAN MOTOR CONTROLLER
AH285 Rev. 2
logo
Anachip Corp
AH283 ANACHIP-AH283 Datasheet
151Kb / 7P
   HALL-EFFECT SMART FAN MOTOR CONTROLLER
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com