Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AP2301 Datasheet(PDF) 1 Page - RFHIC

Part # AP2301
Description  MMIC
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFHIC [RFHIC]
Direct Link  http://www.rfhic.com
Logo RFHIC - RFHIC

AP2301 Datasheet(HTML) 1 Page - RFHIC

  AP2301 Datasheet HTML 1Page - RFHIC AP2301 Datasheet HTML 2Page - RFHIC AP2301 Datasheet HTML 3Page - RFHIC AP2301 Datasheet HTML 4Page - RFHIC AP2301 Datasheet HTML 5Page - RFHIC  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
M
MM
MIIC
C
A
AP
P22330011 ((OOlldd ppaarrtt##:: AAPP223300SS1122))
▪ Tel : 82-31-250-5011
▪ All specifications may change without notice.
▪ rfsales@rfhic.com
▪ Version 2.0
`Product Features
Application
• Small size
• SMD Type Package
• NO matching circuit needed
• High efficiency
• Dual supply voltage
• Higher linearity
• 12 pin Air cavity package
• Higher productivity
• Lower manufacturing cost
• GaAs MMIC
• 3 – 2000MHz
• -63dBc CSO 135 Channels@ output Level +37dBmV
• -60dBc CTB 135 Channels@ output Level +37dBmV
• Satellite
• Converter
• CATV
• Optical node
Description
The power amplifier is designed for base stations and repeater systems.
GaAs MMIC is used and attached on a copper carrier of 12 pin air cavity package with dual supply voltage.
*The data in this spec sheet is valid only for 75 ohm application. 50 ohm data is in a separate spec sheet.
Operating Ranges
PARAMETER
UNIT
MIN
TYP
MAX
Device Voltage
VDC
+5
+5.3
Case Temperature
-40
-
+85
Absolute Minimum and Maximum Ratings
PARAMETER
UNIT
MIN
MAX
Device Voltage
VDC
+5.5
Device Current
mA
+320
RF Input Power
dBm
+10
Storage Temperature
-40
+150
Specifications
T=25℃, Vcc=5.0V, 75Ω system
Units
M inimum
Typical
M aximum
Condition
MHz
3MHz~2.0GHz
V5
Vcc=5V
mA
200
220
250
dB
16
3MHz
dB
14.5
15
50MHz
dB
14.5
15
2000MHz
dB
-16
-13
dB
-16
-13
5.5
dBm
41
43
+10dBm/2 tone separated by 1MHz
dBm
20
22
At 100MHz
dB
-11
-8
dB
-11
-8
dBm
36
38
+10dBm/2 tone separated by 1MHz
dBm
20
22
At 800MHz
dB
4
6
CSO
dBc
-63
-55
135 channels,+37dBmV/ch,Single
CTB
dBc
-60
-60
135 channels,+37dBmV/ch,Single
XMD
dBc
-60
-55
135 channels,+37dBmV/ch,Single
CSO
dBc
-70
8 channels,+45dBmV/ch,Single
CTB
dBc
-73
8 channels,+45dBmV/ch,Single
XMD
dBc
-70
8 channels,+45dBmV/ch,Single
S11-Input Return Loss
S22-Output Return Loss
OIP3
Noise Figure
Reverse ( 3 ~ 200MHz )
Forward ( 50 ~ 870MHz )
50 - 870M Hz
3 - 150MHz
Noise Figure
S11-Input Return Loss
S22-Output Return Loss
OIP3
OIP1
OIP1
Parameter
Frequency Range
Supply Voltage
Single Ended CATV Evaluation Circuit
Current
S21-Gain
S21-Gain
S21-Gain
Package : SP12


Similar Part No. - AP2301

ManufacturerPart #DatasheetDescription
logo
BCD Semiconductor Manuf...
AP2301 BCDSEMI-AP2301 Datasheet
160Kb / 12P
   1.5A DDR TERMINATION REGULATOR
logo
Diodes Incorporated
AP2301 DIODES-AP2301 Datasheet
374Kb / 18P
   2.0A SINGLE CHANNEL CURRENT-LIMITED POWER SWITCH
DS32241 Rev. 1 - 2
AP2301A DIODES-AP2301A Datasheet
656Kb / 17P
   2.0A SINGLE CHANNEL CURRENT-LIMITED POWER SWITCH
February 2018 Rev. 2 - 2
logo
ZP Semiconductor
AP2301AGN ZPSEMI-AP2301AGN Datasheet
386Kb / 6P
   P-Channel Enhancement Mode MOSFET
logo
Advanced Power Electron...
AP2301AGN-HF A-POWER-AP2301AGN-HF Datasheet
56Kb / 4P
   Simple Drive Requirement, Small Package Outline
More results

Similar Description - AP2301

ManufacturerPart #DatasheetDescription
logo
RFHIC
AP245 RFHIC-AP245 Datasheet
302Kb / 5P
   MMIC
AP230SO8 RFHIC-AP230SO8 Datasheet
279Kb / 4P
   MMIC
logo
ON Semiconductor
SMA3107 ONSEMI-SMA3107 Datasheet
607Kb / 7P
   MMIC
logo
RFHIC
AP211 RFHIC-AP211 Datasheet
303Kb / 5P
   MMIC
AP410 RFHIC-AP410 Datasheet
421Kb / 7P
   MMIC
AP205A RFHIC-AP205A Datasheet
274Kb / 7P
   MMIC
AP2221 RFHIC-AP2221 Datasheet
255Kb / 7P
   MMIC
AP222 RFHIC-AP222 Datasheet
292Kb / 5P
   MMIC
AP209 RFHIC-AP209 Datasheet
288Kb / 10P
   MMIC
AP112 RFHIC-AP112 Datasheet
301Kb / 5P
   MMIC
AP409 RFHIC-AP409 Datasheet
422Kb / 7P
   MMIC
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com