Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

2N2222A Datasheet(PDF) 3 Page - Comset Semiconductor

Part # 2N2222A
Description  SILICON PLANAR EPITAXIAL TRANSISTORS
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COMSET [Comset Semiconductor]
Direct Link  http://comset.halfin.com
Logo COMSET - Comset Semiconductor

2N2222A Datasheet(HTML) 3 Page - Comset Semiconductor

  2N2222A Datasheet HTML 1Page - Comset Semiconductor 2N2222A Datasheet HTML 2Page - Comset Semiconductor 2N2222A Datasheet HTML 3Page - Comset Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
NPN 2N2222 – 2N2222A
PNP 2N2907 – 2N2907A
COMSET SEMICONDUCTORS
3
/3
Symbol
Ratings
Test Condition(s)
Min Typ Mx
Unit
td
Delay time
2N2222A
-
-
10
tr
Rise time
IC=150 mA ,IB =15 mA
-VBE=0.5 V
2N2222A
-
-
25
ns
2N2222A
CC
Collector capacitance
IE= Ie = 0 ,VCB=10 V
f = 100kHz
2N2222
-
-
8
pF
2N2222A
-
-
25
CE
Emitter capacitance
IC= Ic = 0 ,VEB=0.5 V
f = 100kHz
2N2222
-
-
-
pF
2N2222A
-
-
150
rb,CC
Feedback time constant
IC=20 mA, VCE=20 V
f= 31.8MHz
2N2222
-
-
-
ps
(1) Pulse conditions : tp < 300
µs, δ =2%
MECHANICAL DATA CASE TO-18
Information furnished is believed to be accurate and reliable. However, CS assumes no responsability
for the consequences of use of such information nor for errors that could appear.
Data are subject to change without notice.
DIMENSIONS
mm
inches
A
12,7
0,5
B
0,49
0,019
D
5,3
0,208
E
4,9
0,193
F
5,8
0,228
G
2,54
0,1
H
1,2
0,047
I
1,16
0,045
L
45°
45°
Pin 1 :
Emitter
Pin 2 :
Base
Pin 3 :
Collector


Similar Part No. - 2N2222A

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
2N2222A PHILIPS-2N2222A Datasheet
53Kb / 8P
   NPN switching transistors
1997 May 29
logo
Foshan Blue Rocket Elec...
2N2222A FOSHAN-2N2222A Datasheet
1Mb / 6P
   Silicon NPN transistor in a TO-92 Plastic Package
logo
List of Unclassifed Man...
2N2222A ETC2-2N2222A Datasheet
278Kb / 5P
   High Speed Switching Transistor
logo
STMicroelectronics
2N2222A STMICROELECTRONICS-2N2222A Datasheet
172Kb / 7P
   HIGH SPEED SWITCHES
2N2222A STMICROELECTRONICS-2N2222A Datasheet
73Kb / 8P
   HIGH SPEED SWITCHES
June 1999
More results

Similar Description - 2N2222A

ManufacturerPart #DatasheetDescription
logo
Micro Electronics
BC413 MICRO-ELECTRONICS-BC413 Datasheet
130Kb / 2P
   SILICON PLANAR EPITAXIAL TRANSISTORS
logo
Comset Semiconductor
2N1613 COMSET-2N1613 Datasheet
214Kb / 3P
   SILICON PLANAR EPITAXIAL TRANSISTORS
2N2218A COMSET-2N2218A Datasheet
209Kb / 3P
   SILICON PLANAR EPITAXIAL TRANSISTORS
BSS50A COMSET-BSS50A Datasheet
171Kb / 3P
   SILICON PLANAR EPITAXIAL TRANSISTORS
logo
Continental Device Indi...
CSAL1013PNP CDIL-CSAL1013PNP Datasheet
705Kb / 4P
   SILICON PLANAR EPITAXIAL TRANSISTORS
BC212L CDIL-BC212L Datasheet
82Kb / 4P
   SILICON PLANAR EPITAXIAL TRANSISTORS
CNL635 CDIL-CNL635 Datasheet
348Kb / 5P
   SILICON PLANAR EPITAXIAL TRANSISTORS
BCY70 CDIL-BCY70 Datasheet
238Kb / 5P
   SILICON PLANAR EPITAXIAL TRANSISTORS
BC817 CDIL-BC817 Datasheet
204Kb / 3P
   SILICON PLANAR EPITAXIAL TRANSISTORS
logo
First Components Intern...
BC557 FCI-BC557 Datasheet
367Kb / 1P
   Silicon Planar Epitaxial Transistors
logo
Continental Device Indi...
CMBT5087 CDIL-CMBT5087 Datasheet
155Kb / 3P
   SILICON PLANAR EPITAXIAL TRANSISTORS
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com