Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

2N3713 Datasheet(PDF) 5 Page - Comset Semiconductor

Part # 2N3713
Description  EPITAXIAL-BASE NPN - PNP
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COMSET [Comset Semiconductor]
Direct Link  http://comset.halfin.com
Logo COMSET - Comset Semiconductor

2N3713 Datasheet(HTML) 5 Page - Comset Semiconductor

  2N3713 Datasheet HTML 1Page - Comset Semiconductor 2N3713 Datasheet HTML 2Page - Comset Semiconductor 2N3713 Datasheet HTML 3Page - Comset Semiconductor 2N3713 Datasheet HTML 4Page - Comset Semiconductor 2N3713 Datasheet HTML 5Page - Comset Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
COMSET SEMICONDUCTORS
5/5
2N3713/2N3714/2N3715/2N3716 - NPN
2N3789/2N3790/2N3791/2N3792 - PNP
Symbol
Ratings
Test Condition(s)
Min Typ Mx Unit
hfe
Small Signal Current Gain
VCE=10 V, IC=0.5 A, f=1.0 kHz
2N3713
2N3714
2N3715
2N3716
25
-
250
-
|hfe|
Small Signal
VCE=10 V, IC=0.5 A, f=1.0 MHz
2N3713
2N3714
2N3715
2N3716
4-4
-
(1) Pulse Width
≈ 300 µs, Duty Cycle ∠ 2.0%
(2) These parameters are measured with voltage sensing contacts separate from the current carrying
contacts
For PNP types current and voltage values are negative.
MECHANICAL DATA CASE TO-3
DIMENSIONS
mm
inches
A
25,51
1,004
B
38,93
1,53
C
30,12
1,18
D
17,25
0,68
E
10,89
0,43
G
11,62
0,46
H
8,54
0,34
L
1,55
0,6
M
19,47
0,77
N
1
0,04
P
4,06
0,16
Pin 1 :
Base
Pin 2 :
Emitter
Case :
Collector
Information furnished is believed to be accurate and reliable. However, CS assumes no responsability
for the consequences of use of such information nor for errors that could appear.
Data are subject to change without notice.


Similar Part No. - 2N3713

ManufacturerPart #DatasheetDescription
logo
Mospec Semiconductor
2N3713 MOSPEC-2N3713 Datasheet
125Kb / 3P
   POWER TRANSISTORS(10A,150W)
logo
Boca Semiconductor Corp...
2N3713 BOCA-2N3713 Datasheet
132Kb / 3P
   SILICON NPN POWER TRANSISTORS
logo
List of Unclassifed Man...
2N3713 ETC-2N3713 Datasheet
347Kb / 8P
   Power Transistors
logo
Seme LAB
2N3713 SEME-LAB-2N3713 Datasheet
15Kb / 1P
   Bipolar NPN Device in a Hermetically sealed TO3
logo
New Jersey Semi-Conduct...
2N3713 NJSEMI-2N3713 Datasheet
140Kb / 2P
   NPN SILICON POWER TRANSISTORS
More results

Similar Description - 2N3713

ManufacturerPart #DatasheetDescription
logo
General Semiconductor
BD201 GE-BD201 Datasheet
109Kb / 3P
   EPITAXIAL BASE SILICON NPN AND PNP VERSAWATT TRANSISTORS
logo
List of Unclassifed Man...
BDX53 ETC-BDX53 Datasheet
810Kb / 5P
   BASE NPN / PNP
logo
Comset Semiconductor
BDX20 COMSET-BDX20 Datasheet
138Kb / 2P
   PNP SILICON TRANSISTORS EPITAXIAL BASE
logo
List of Unclassifed Man...
BDX18 ETC-BDX18 Datasheet
156Kb / 3P
   PNP SILICON TRANSISTOR EPITAXIAL BASE
BDX20 ETC-BDX20 Datasheet
132Kb / 2P
   PNP SILICON TRANSISTORS EPITAXIAL BASE
logo
Comset Semiconductor
BDX18 COMSET-BDX18 Datasheet
155Kb / 3P
   PNP SILICON TRANSISTOR EPITAXIAL BASE
BDX18 COMSET-BDX18_12 Datasheet
79Kb / 3P
   PNP SILICON TRANSISTOR EPITAXIAL BASE
2N4901 COMSET-2N4901_12 Datasheet
84Kb / 3P
   PNP SILICON TRANSISTORS, EPITAXIAL BASE
logo
Seme LAB
BDX14AA SEME-LAB-BDX14AA Datasheet
15Kb / 2P
   PNP SILICON TRANSISTOR, EPITAXIAL BASE
logo
Comset Semiconductor
2N4901 COMSET-2N4901 Datasheet
130Kb / 3P
   PNP SILICON TRANSISTORS, EPITAXIAL BASE
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com