Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BCY78 Datasheet(PDF) 3 Page - Comset Semiconductor

Part # BCY78
Description  SILICON PLANAR EPITAXIAL TRANSISTORS
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COMSET [Comset Semiconductor]
Direct Link  http://comset.halfin.com
Logo COMSET - Comset Semiconductor

BCY78 Datasheet(HTML) 3 Page - Comset Semiconductor

  BCY78 Datasheet HTML 1Page - Comset Semiconductor BCY78 Datasheet HTML 2Page - Comset Semiconductor BCY78 Datasheet HTML 3Page - Comset Semiconductor BCY78 Datasheet HTML 4Page - Comset Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
PNP BCY78 – BCY79
COMSET SEMICONDUCTORS
3/4
Symbol
Ratings
Test Condition(s)
Min
Typ
Mx
Unit
BCY79
fT
Transition frequency
IC =-10 mA, VCE =-5 V
f = 100MHz
BCY78
-
180
-
MHz
BCY79
F
Noise figure , RS=2k
IC =-200 µA, VCE =-5 V
f = 1kHz, B =200Hz
BCY78
-
2
6
db
BCY79
td
Delay time
BCY78
-
35
-
BCY79
tr
Rise time
BCY78
-
50
-
BCY79
ton
Turn on time
BCY78
-
85
150
BCY79
ts
Storage time
BCY78
-
400
-
BCY79
tf
Fall time
BCY78
-
80
-
BCY79
toff
Turn off time
ICon =-10 mA
IBon = -IBoff = -1mA
VBB =3.6 V
R1= R2 =
5k
RL = 990 Ω
BCY78
-
480
800
ns
BCY79
td
Delay time
BCY78
-
5
-
BCY79
tr
Rise time
BCY78
-
50
-
BCY79
ton
Turn on time
BCY78
-
55
150
BCY79
ts
Storage time
BCY78
-
250
-
BCY79
tf
Fall time
BCY78
-
200
-
BCY79
toff
Turn off time
ICon =-100 mA
IBon = -IBoff = -10mA
VBB =5 V
R1=
500
R2 =
700
RL = 98 Ω
BCY78
-
450
800
ns
BCY79
CC
Collector capacitance
IE = Ie = 0 ,VCB =-10 V
f = 1MHz
BCY78
-
-
5
pF
BCY79
CE
Emitter capacitance
IC = Ic = 0 ,VEB =-0.5 V
f = 1MHz
BCY78
-
-
15
pF


Similar Part No. - BCY78

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BCY78 PHILIPS-BCY78 Datasheet
54Kb / 8P
   PNP switching transistors
1997 Jun 18
logo
Central Semiconductor C...
BCY78 CENTRAL-BCY78 Datasheet
73Kb / 2P
   PNP SILICON TRANSISTOR
logo
Comset Semiconductor
BCY78 COMSET-BCY78 Datasheet
156Kb / 4P
   SILICON PLANAR EPITAXIAL TRANSISTORS
logo
Continental Device Indi...
BCY78 CDIL-BCY78 Datasheet
85Kb / 5P
   PNP SILICON PLANAR TRANSISTORS
logo
New Jersey Semi-Conduct...
BCY78 NJSEMI-BCY78 Datasheet
132Kb / 2P
   PNP SILICON TRANSISTOR
More results

Similar Description - BCY78

ManufacturerPart #DatasheetDescription
logo
Micro Electronics
BC413 MICRO-ELECTRONICS-BC413 Datasheet
130Kb / 2P
   SILICON PLANAR EPITAXIAL TRANSISTORS
logo
Comset Semiconductor
2N1613 COMSET-2N1613 Datasheet
214Kb / 3P
   SILICON PLANAR EPITAXIAL TRANSISTORS
2N2218A COMSET-2N2218A Datasheet
209Kb / 3P
   SILICON PLANAR EPITAXIAL TRANSISTORS
BSS50A COMSET-BSS50A Datasheet
171Kb / 3P
   SILICON PLANAR EPITAXIAL TRANSISTORS
logo
Continental Device Indi...
CSAL1013PNP CDIL-CSAL1013PNP Datasheet
705Kb / 4P
   SILICON PLANAR EPITAXIAL TRANSISTORS
BC212L CDIL-BC212L Datasheet
82Kb / 4P
   SILICON PLANAR EPITAXIAL TRANSISTORS
CNL635 CDIL-CNL635 Datasheet
348Kb / 5P
   SILICON PLANAR EPITAXIAL TRANSISTORS
BCY70 CDIL-BCY70 Datasheet
238Kb / 5P
   SILICON PLANAR EPITAXIAL TRANSISTORS
BC817 CDIL-BC817 Datasheet
204Kb / 3P
   SILICON PLANAR EPITAXIAL TRANSISTORS
logo
First Components Intern...
BC557 FCI-BC557 Datasheet
367Kb / 1P
   Silicon Planar Epitaxial Transistors
logo
Continental Device Indi...
CMBT5087 CDIL-CMBT5087 Datasheet
155Kb / 3P
   SILICON PLANAR EPITAXIAL TRANSISTORS
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com