Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BDX42 Datasheet(PDF) 2 Page - Comset Semiconductor

Part # BDX42
Description  SILICON PLANAR DARLINGTON TRANSISTORS
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COMSET [Comset Semiconductor]
Direct Link  http://comset.halfin.com
Logo COMSET - Comset Semiconductor

BDX42 Datasheet(HTML) 2 Page - Comset Semiconductor

  BDX42 Datasheet HTML 1Page - Comset Semiconductor BDX42 Datasheet HTML 2Page - Comset Semiconductor BDX42 Datasheet HTML 3Page - Comset Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
NPN BDX42 – BDX43– BDX44
PNP BDX45 – BDX46 – BDX47
COMSET SEMICONDUCTORS
2/3
THERMAL CHARACTERISTICS
Symbol
Ratings
Value
Unit
BDX42
BDX43
RthJ-a
Thermal Resistance, Junction to Ambient
BDX44
100
BDX42
BDX43
RthJ-mb
Thermal Resistance, Junction to
Mounting base
BDX44
10
K/W
ELECTRICAL CHARACTERISTICS
TC=25°C unless otherwise noted
Symbol
Ratings
Test Condition(s)
Min Typ Mx
Unit
VBE = 0 ; VCE = 45V
BDX42
-
-
10
VBE = 0 ; VCE = 60V
BDX43
-
-
10
ICES
Collector cut-off current
VBE = 0 ; VCE = 80V
BDX44
-
-
10
µA
BDX42
-
-
10
BDX43
-
-
10
IEBO
Emitter cut-off current
IC =0 ; VEB = 4V
BDX44
-
-
10
µA
BDX42
-
-
1.3
BDX43
-
-
1.3
IC=500 m A, IB=0.5 mA
BDX44
-
-
1.3
IC=1.0 A, IB=1.0 mA
BDX43
-
-
1.6
BDX42
-
-
1.6
IC=1.0 A, IB=4.0 mA
BDX44
-
-
1.6
BDX42
-
-
1.3
BDX43
-
-
1.3
IC=500 m A, IB=0.5 mA
Tj=150 °C
BDX44
-
-
1.3
IC=1.0 A, IB=1.0 mA
Tj=150 °C
BDX43
-
-
1.8
BDX42
-
-
1.6
VCE(SAT)
Collector-Emitter saturation
Voltage (*)
IC=1.0 A, IB=4.0 mA
Tj=150 °C
BDX44
-
-
1.6
V
BDX42
-
-
1.9
BDX43
-
-
1.9
IC=500 m A, IB=0.5 mA
BDX44
-
-
1.9
IC=1.0 A, IB=1.0 mA
BDX43
-
-
2.2
BDX42
-
-
2.2
VBE(SAT)
Base-Emitter saturation
Voltage (*)
IC=1.0 A, IB=4.0 mA
BDX44
-
-
2.2
V
BDX42
1000
-
-
BDX43
1000
-
-
VCE=10 V, IC=150 mA
BDX44
1000
-
-
BDX42
2000
-
-
BDX43
2000
-
-
hFE
DC Current Gain
VCE=10 V, IC=500 mA
BDX44
2000
-
-
-


Similar Part No. - BDX42

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BDX42 PHILIPS-BDX42 Datasheet
66Kb / 8P
   NPN Darlington transistors
1997 Jul 02
logo
Comset Semiconductor
BDX42 COMSET-BDX42 Datasheet
66Kb / 3P
   SILICON PLANAR DARLINGTON TRANSISTORS
logo
New Jersey Semi-Conduct...
BDX42 NJSEMI-BDX42 Datasheet
119Kb / 3P
   SILICON PLANAR DARLINGTON TRANSISTORS
logo
Comset Semiconductor
BDX42 COMSET-BDX42_12 Datasheet
66Kb / 3P
   SILICON PLANAR DARLINGTON TRANSISTORS
More results

Similar Description - BDX42

ManufacturerPart #DatasheetDescription
logo
Comset Semiconductor
BDX45 COMSET-BDX45 Datasheet
223Kb / 3P
   SILICON PLANAR DARLINGTON TRANSISTORS
logo
New Jersey Semi-Conduct...
BDX42 NJSEMI-BDX42 Datasheet
119Kb / 3P
   SILICON PLANAR DARLINGTON TRANSISTORS
logo
Comset Semiconductor
BDX42 COMSET-BDX42_12 Datasheet
66Kb / 3P
   SILICON PLANAR DARLINGTON TRANSISTORS
BDX45 COMSET-BDX45_12 Datasheet
66Kb / 3P
   SILICON PLANAR DARLINGTON TRANSISTORS
logo
Micro Electronics
MPS-D04 MICRO-ELECTRONICS-MPS-D04 Datasheet
39Kb / 1P
   COMPLEMENTARY DARLINGTON SILICON PLANAR TRANSISTORS
logo
Zetex Semiconductors
BCV26 ZETEX-BCV26 Datasheet
49Kb / 1P
   PNP SILICON PLANAR DARLINGTON TRANSISTORS
logo
Siemens Semiconductor G...
BD875 SIEMENS-BD875 Datasheet
211Kb / 8P
   NPN SILICON PLANAR DARLINGTON TRANSISTORS
logo
Continental Device Indi...
CJF100 CDIL-CJF100 Datasheet
298Kb / 4P
   SILICON PLANAR POWER DARLINGTON TRANSISTORS
logo
Zetex Semiconductors
FZTA64 ZETEX-FZTA64 Datasheet
58Kb / 2P
   PNP SILICON PLANAR DARLINGTON TRANSISTORS
logo
Continental Device Indi...
MJ11015 CDIL-MJ11015 Datasheet
176Kb / 3P
   SILICON PLANAR DARLINGTON POWER TRANSISTORS
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com