Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BDX62C Datasheet(PDF) 4 Page - Comset Semiconductor

Part # BDX62C
Description  PNP SILICON DARLINGTONS
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COMSET [Comset Semiconductor]
Direct Link  http://comset.halfin.com
Logo COMSET - Comset Semiconductor

BDX62C Datasheet(HTML) 4 Page - Comset Semiconductor

  BDX62C Datasheet HTML 1Page - Comset Semiconductor BDX62C Datasheet HTML 2Page - Comset Semiconductor BDX62C Datasheet HTML 3Page - Comset Semiconductor BDX62C Datasheet HTML 4Page - Comset Semiconductor BDX62C Datasheet HTML 5Page - Comset Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
Page 4 of 5
fT
Transition Frequency
VCE=-3 V, IC=-3 A, f=1 MHz
BDX62
BDX62A
BDX62B
BDX62C
-
7
-
MHz
VCE=-3 V, IC=-0.5 A
BDX62
BDX62A
BDX62B
BDX62C
-
1500
-
VCE=-3 V, IC=-3 A
BDX62
BDX62A
BDX62B
BDX62C
1000
-
-
hFE
D.C. current gain (*)
VCE=-3 V, IC=-8 A
BDX62
BDX62A
BDX62B
BDX62C
-
750
-
-
(*) Pulse Width
≈ 300 µs, Duty Cycle ∠ 2.0%
(1) collector-Emitter voltage limited et VCEci = V
rated by an auxiliary circuit
MECHANICAL DATA CASE TO-3
DIMENSIONS
mm
inches
A
25,51
1,004
B
38,93
1,53
C
30,12
1,18
D
17,25
0,68
E
10,89
0,43
G
11,62
0,46
H
8,54
0,34
L
1,55
0,6
M
19,47
0,77
N
1
0,04
P
4,06
0,16
Pin 1 :
Base
Pin 2 :
Emitter
Case :
Collector


Similar Part No. - BDX62C

ManufacturerPart #DatasheetDescription
logo
Seme LAB
BDX62C SEME-LAB-BDX62C Datasheet
11Kb / 1P
   Bipolar PNP Device in a Hermetically sealed TO3 Metal Package
logo
Inchange Semiconductor ...
BDX62C ISC-BDX62C Datasheet
91Kb / 2P
   isc Silicon PNP Darlington Power Transistor
logo
Comset Semiconductor
BDX62C COMSET-BDX62C Datasheet
83Kb / 4P
   PNP SILICON DARLINGTON POWER TRANSISTOR
logo
New Jersey Semi-Conduct...
BDX62C NJSEMI-BDX62C Datasheet
143Kb / 2P
   Silicon PNP Darlington Power Transistor
More results

Similar Description - BDX62C

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
BDX64 ETC-BDX64 Datasheet
169Kb / 5P
   PNP SILICON DARLINGTONS
logo
Comset Semiconductor
BDX66 COMSET-BDX66 Datasheet
152Kb / 4P
   PNP SILICON DARLINGTONS
logo
List of Unclassifed Man...
BDX66 ETC-BDX66 Datasheet
164Kb / 4P
   PNP SILICON DARLINGTONS
logo
Comset Semiconductor
BDX64 COMSET-BDX64 Datasheet
152Kb / 4P
   PNP SILICON DARLINGTONS
logo
Power Innovations Ltd
BD896 POINN-BD896 Datasheet
151Kb / 6P
   PNP SILICON POWER DARLINGTONS
TIP115 POINN-TIP115 Datasheet
160Kb / 6P
   PNP SILICON POWER DARLINGTONS
logo
Transys Electronics
BDT60 TRSYS-BDT60 Datasheet
719Kb / 5P
   PNP SILICON POWER DARLINGTONS
TIP115 TRSYS-TIP115 Datasheet
722Kb / 5P
   PNP SILICON POWER DARLINGTONS
logo
Bourns Electronic Solut...
BDV64 BOURNS-BDV64 Datasheet
109Kb / 5P
   PNP SILICON POWER DARLINGTONS
BW24 BOURNS-BW24 Datasheet
114Kb / 5P
   PNP SILICON POWER DARLINGTONS
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com