Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TC74LCX16240AFT Datasheet(PDF) 5 Page - Toshiba Semiconductor

Part # TC74LCX16240AFT
Description  LOW-VOLTAGE 16-BIT BUS BUFFER(INVERTED) WITH 5V TOLERANT INPUTS AND OUTPUTS
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TC74LCX16240AFT Datasheet(HTML) 5 Page - Toshiba Semiconductor

  TC74LCX16240AFT Datasheet HTML 1Page - Toshiba Semiconductor TC74LCX16240AFT Datasheet HTML 2Page - Toshiba Semiconductor TC74LCX16240AFT Datasheet HTML 3Page - Toshiba Semiconductor TC74LCX16240AFT Datasheet HTML 4Page - Toshiba Semiconductor TC74LCX16240AFT Datasheet HTML 5Page - Toshiba Semiconductor TC74LCX16240AFT Datasheet HTML 6Page - Toshiba Semiconductor TC74LCX16240AFT Datasheet HTML 7Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image


Similar Part No. - TC74LCX16240AFT

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TC74LCX16240FT TOSHIBA-TC74LCX16240FT Datasheet
149Kb / 9P
   Low-Voltage 16-Bit Bus Buffer (inverted) with 5-V Tolerant Inputs and Outputs
TC74LCX16240FT TOSHIBA-TC74LCX16240FT Datasheet
187Kb / 9P
   Low-Voltage 16-Bit Bus Buffer (inverted) with 5-V Tolerant Inputs and Outputs
TC74LCX16240FT TOSHIBA-TC74LCX16240FT_07 Datasheet
187Kb / 9P
   Low-Voltage 16-Bit Bus Buffer (inverted) with 5-V Tolerant Inputs and Outputs
More results

Similar Description - TC74LCX16240AFT

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TC7MZ240FK TOSHIBA-TC7MZ240FK Datasheet
230Kb / 6P
   LOW-VOLTAGE OCTAL BUS BUFFER (INVERTED) WITH 5V TOLERANT INPUTS AND OUTPUTS
TC74LCX16244AFT TOSHIBA-TC74LCX16244AFT Datasheet
252Kb / 7P
   LOW-VOLTAGE 16-BIT BUS BUFFER WITH 5V TOLERANT INPUTS AND OUTPUTS
TC7MZ540FK TOSHIBA-TC7MZ540FK Datasheet
233Kb / 6P
   LOW-VOLTAGE OCTAL BUS BUFFER (INVERTED) WITH 5V TOLERANT INPUTS AND OUTPUTS
logo
STMicroelectronics
74LCX162541 STMICROELECTRONICS-74LCX162541 Datasheet
246Kb / 15P
   Low voltage CMOS 16-bit bus buffer with 5V tolerant inputs and outputs
logo
Toshiba Semiconductor
TC74LCX16240FT TOSHIBA-TC74LCX16240FT_07 Datasheet
187Kb / 9P
   Low-Voltage 16-Bit Bus Buffer (inverted) with 5-V Tolerant Inputs and Outputs
TC74LCX16240FT TOSHIBA-TC74LCX16240FT Datasheet
149Kb / 9P
   Low-Voltage 16-Bit Bus Buffer (inverted) with 5-V Tolerant Inputs and Outputs
logo
STMicroelectronics
74LCX16541 STMICROELECTRONICS-74LCX16541 Datasheet
156Kb / 9P
   LOW VOLTAGE CMOS 16-BIT BUS BUFFER (3-STATE) WITH 5V TOLERANT INPUTS/OUTPUTS (NON INVERTED)
logo
Motorola, Inc
MC74LCX16240A MOTOROLA-MC74LCX16240A Datasheet
117Kb / 6P
   Low-Voltage CMOS 16-Bit Buffer With 5V-Tolerant Inputs and Outputs
logo
Toshiba Semiconductor
TC74LCX16245AFT TOSHIBA-TC74LCX16245AFT Datasheet
266Kb / 7P
   LOW-VOLTAGE 16-BIT BUS TRANSCEIVER WITH 5V TOLERANT INPUTS AND OUTPUTS
TC74LCX541F TOSHIBA-TC74LCX541F Datasheet
283Kb / 8P
   LOW VOLTAGE OCTAL BUS BUFFER WITH 5V TOLERANT INPUTS AND OUTPUTS
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com