Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PM065WX1 Datasheet(PDF) 7 Page - AZ Displays

Part # PM065WX1
Description  TECHNICAL SPECIFICATION
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AZDISPLAYS [AZ Displays]
Direct Link  http://www.azdisplays.com
Logo AZDISPLAYS - AZ Displays

PM065WX1 Datasheet(HTML) 7 Page - AZ Displays

Back Button PM065WX1 Datasheet HTML 3Page - AZ Displays PM065WX1 Datasheet HTML 4Page - AZ Displays PM065WX1 Datasheet HTML 5Page - AZ Displays PM065WX1 Datasheet HTML 6Page - AZ Displays PM065WX1 Datasheet HTML 7Page - AZ Displays PM065WX1 Datasheet HTML 8Page - AZ Displays PM065WX1 Datasheet HTML 9Page - AZ Displays PM065WX1 Datasheet HTML 10Page - AZ Displays PM065WX1 Datasheet HTML 11Page - AZ Displays Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 26 page
background image
PM065WX1
The information contained herein is the exclusive property of Prime View International Co., Ltd. and shall not be
distributed, reproduced, or disclosed in whole or in part without prior written permission of Prime View International Co.,
Ltd.
Page:7
5. Input / Output Terminals
5-1) TFT-LCD Panel Driving
Connecter type
IRISO 9637S-30Y905
30pin
Pitch
0.5mm
CN 1
Pin No.
Symbol
I/O
Function
Remark
1
DIO1
I/O
Horizontal Start Pulse Signal Input or Output
Note 5-6
2
VSS1
I
Ground
3
VDD1
I
Power Supply
4
CLK
I
Horizontal Shift Clock
Note 5-4
5
VSS1
I
Ground
6
R/L
I
Right / Left selection
Note 5-6
7
R0
I
Red Data (LSB)
8
R1
I
Red Data
9
R2
I
Red Data
10
R3
I
Red Data
11
R4
I
Red Data
12
R5
I
Red Data (MSB)
13
VSS1
I
Ground
14
G0
I
Green Data (LSB)
15
G1
I
Green Data
16
G2
I
Green Data
17
G3
I
Green Data
18
G4
I
Green Data
19
G5
I
Green Data (MSB)
20
VSS1
I
Ground
21
B0
I
Blue Data (LSB)
22
B1
I
Blue Data
23
B2
I
Blue Data
24
B3
I
Blue Data
25
B4
I
Blue Data
26
B5
I
Blue Data (MSB)
27
LD
I
Load output signal
Note 5-7
28
REV
I
Data invert control
Note 5-8
29
POL
I
Polarity selection
Note 5-9
30
DIO2
I/O
Horizontal Start Pulse Signal Input or Output
Note 5-6
P-511-459(V:3)


Similar Part No. - PM065WX1

ManufacturerPart #DatasheetDescription
logo
Bourns Electronic Solut...
PM0603 BOURNS-PM0603 Datasheet
224Kb / 1P
   PM0603 Series - High Q Chip Inductors
PM0603-10NJ-RC BOURNS-PM0603-10NJ-RC Datasheet
224Kb / 1P
   PM0603 Series - High Q Chip Inductors
PM0603-10NJ-RC BOURNS-PM0603-10NJ-RC Datasheet
300Kb / 1P
   High Q Chip Inductors
PM0603-12NJ-RC BOURNS-PM0603-12NJ-RC Datasheet
224Kb / 1P
   PM0603 Series - High Q Chip Inductors
PM0603-12NJ-RC BOURNS-PM0603-12NJ-RC Datasheet
300Kb / 1P
   High Q Chip Inductors
More results

Similar Description - PM065WX1

ManufacturerPart #DatasheetDescription
logo
AZ Displays
PD035OX1 AZDISPLAYS-PD035OX1_08 Datasheet
821Kb / 31P
   TECHNICAL SPECIFICATION
PD050QT2 AZDISPLAYS-PD050QT2 Datasheet
438Kb / 19P
   TECHNICAL SPECIFICATION
PD050VL1 AZDISPLAYS-PD050VL1 Datasheet
872Kb / 21P
   TECHNICAL SPECIFICATION
PM070WL3 AZDISPLAYS-PM070WL3 Datasheet
638Kb / 23P
   TECHNICAL SPECIFICATION
PD024OX8 AZDISPLAYS-PD024OX8 Datasheet
2Mb / 39P
   TECHNICAL SPECIFICATION
PD040QT2 AZDISPLAYS-PD040QT2 Datasheet
526Kb / 19P
   TECHNICAL SPECIFICATION
PD057VU6 AZDISPLAYS-PD057VU6 Datasheet
917Kb / 22P
   TECHNICAL SPECIFICATION
PD057VU4 AZDISPLAYS-PD057VU4 Datasheet
484Kb / 18P
   TECHNICAL SPECIFICATION
PD080SL1 AZDISPLAYS-PD080SL1 Datasheet
1Mb / 26P
   TECHNICAL SPECIFICATION
PD057VT2 AZDISPLAYS-PD057VT2 Datasheet
485Kb / 19P
   TECHNICAL SPECIFICATION
PM070WT1 AZDISPLAYS-PM070WT1 Datasheet
502Kb / 23P
   TECHNICAL SPECIFICATION
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com