Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD7291 Datasheet(PDF) 7 Page - Analog Devices

Part # AD7291
Description  8-Channel, I2C, 12-Bit SAR ADC with Temperature Sensor
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7291 Datasheet(HTML) 7 Page - Analog Devices

Back Button AD7291 Datasheet HTML 3Page - Analog Devices AD7291 Datasheet HTML 4Page - Analog Devices AD7291 Datasheet HTML 5Page - Analog Devices AD7291 Datasheet HTML 6Page - Analog Devices AD7291 Datasheet HTML 7Page - Analog Devices AD7291 Datasheet HTML 8Page - Analog Devices AD7291 Datasheet HTML 9Page - Analog Devices AD7291 Datasheet HTML 10Page - Analog Devices AD7291 Datasheet HTML 11Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 21 page
background image
Preliminary Technical Data
AD7291
Rev. PrC | Page 7 of 21
CIRCUIT INFORMATION
The AD7291 includes an 8-channel multiplexer, an on-chip
track-and-hold, an A/D converter, an on-chip oscillator,
internal data registers, internal temperature sensor and an I2C-
compatible serial interface, all housed in a 20-lead LFCSP. This
package offers considerable space-saving advantages over
alternative solutions. The part can be operated from a single
supply from 2.8V to 3.6 V and offers 12 bits of resolution. The
AD7291 has eight single-ended input channels and an on-chip
±6ppm reference. The analog input range for the AD7928 is 0V
to VREF. The AD7298 includes a high accuracy band-gap
temperature sensor, which is monitored and digitized by the 12-
bit ADC to give a resolution of 0.25°C.
The AD7291 typically remains in a partial power-down state
while not converting. When supplies are first applied, the parts
power up in a power-down state. Power-up is initiated prior to
a conversion, and the device returns to shutdown when the
conversion is complete. Conversions can be initiated using the
autocycle mode or command mode where the wake-up and a
conversion occur during a write address function (see the
Modes of Operation section). When the conversion is complete,
the AD7291 again enters partial power down mode. This
automatic partial power down feature allows power saving
between conversions. This means any read or write operation
across the I2C interface can occur while the device is in partial
power down.
CONVERTER OPERATION
The AD7298 is a 12-bit successive approximation ADC based
around a capacitive DAC. Figure 4 and Figure 5 show simplified
schematics of theADC. TheADC is comprised of control logic,
SAR, and a capacitive DAC that are used to add and subtract
fixed amounts of charge from the sampling capacitor to bring
the comparator back into a balanced condition. Figure 4 shows
theADC during its acquisition phase. SW2 is closed and SW1 is
in Position A. The comparator is held in a balanced condition
and the sampling capacitor acquires the signal on the selected
VIN channel.
Figure 4. ADC Acquisition Phase
When the ADC starts a conversion (see Figure 5Figure 5), SW2
opens and SW1 moves to Position B, causing the comparator
to become unbalanced. The control logic and the capacitive
DAC are used to add and subtract fixed amounts of charge to
bring the comparator back into a balanced condition. When the
comparator is rebalanced, the conversion is complete. The
control logic generates the ADC output code. Figure 7 shows
the ADC’s transfer functions.
Figure 5. ADC Conversion Phase
ANALOG INPUT
Figure 6 shows an equivalent circuit of the analog input struc-
ture of the AD7291. The two diodes, D1 and D2, provide ESD
protection for the analog inputs. Care must be taken to ensure
that the analog input signal never exceeds the internally
generated LDO voltage of 2.5V (DCAP) by more than 300 mV.
This causes the diodes to become forward biased and start
conducting current into the substrate. 10 mA is the maximum
current these diodes can conduct without causing irreversible
damage to the part. Capacitor C1, in Figure 6 is typically about
TBD pF and can primarily be attributed to pin capacitance. The
Resistor R1 is a lumped component made up of the on
resistance of a switch (track-and-hold switch) and also includes
the on resistance of the input multiplexer. The total resistance is
typically about TBD Ω. The capacitor, C2, is the ADC sampling
capacitor and has a capacitance of TBD pF typically.
Figure 6. Equivalent Analog Input Circuit
For AC applications, removing high frequency components
from the analog input signal is recommended by using
an RC low-pass filter on the relevant analog input pin. In
applications where harmonic distortion and signal-to-noise
ratios are critical, the analog input should be driven from a low
impedance source. Large source impedances significantly
affect the ac performance of the ADC. This may necessitate
the use of an input buffer amplifier. The choice of the op amp
is a function of the particular application performance criteria.


Similar Part No. - AD7291

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD7291 AD-AD7291 Datasheet
494Kb / 28P
   8-Channel, I2C, 12-Bit SAR ADC with Temperature Sensor
REV. 0
AD7291 AD-AD7291 Datasheet
572Kb / 29P
   Temperature Sensor
AD7291BCPZ AD-AD7291BCPZ Datasheet
494Kb / 28P
   8-Channel, I2C, 12-Bit SAR ADC with Temperature Sensor
REV. 0
AD7291BCPZ AD-AD7291BCPZ Datasheet
509Kb / 29P
   8-Channel, I2C, 12-Bit SAR ADC with Temperature Sensor
AD7291BCPZ AD-AD7291BCPZ Datasheet
572Kb / 29P
   Temperature Sensor
More results

Similar Description - AD7291

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD7291 AD-AD7291_16 Datasheet
509Kb / 29P
   8-Channel, I2C, 12-Bit SAR ADC with Temperature Sensor
AD7291 AD-AD7291_11 Datasheet
494Kb / 28P
   8-Channel, I2C, 12-Bit SAR ADC with Temperature Sensor
REV. 0
AD7298 AD-AD7298 Datasheet
1Mb / 18P
   8-Channel, 1MSPS, 12-Bit SAR ADC with Temperature Sensor
Rev. PrA
logo
Linear Technology
LTC2309 LINER-LTC2309 Datasheet
598Kb / 20P
   8-Channel, 12-Bit SAR ADC with I2C Interface
LTC2309 LINER-LTC2309_15 Datasheet
1Mb / 26P
   8-Channel, 12-Bit SAR ADC with IC Interface
logo
Texas Instruments
ADS8028 TI1-ADS8028_14 Datasheet
849Kb / 35P
[Old version datasheet]   12-Bit, 1-MSPS, 8-Channel, SAR ADC with Internal Reference and Internal Temperature Sensor
ADS8028 TI-ADS8028 Datasheet
904Kb / 34P
[Old version datasheet]   12-Bit, 1-MSPS, 8-Channel, SAR ADC
logo
National Semiconductor ...
ADC128D818 NSC-ADC128D818 Datasheet
775Kb / 38P
   12-Bit, 8-Channel, ADC System Monitor with Temperature Sensor, Internal/External Reference, and I2C Interface
logo
Texas Instruments
ADC128D818 TI1-ADC128D818_14 Datasheet
1Mb / 41P
[Old version datasheet]   ADC128D818 12-Bit, 8-Channel, ADC System Monitor with Temperature Sensor Internal/External Reference, and I2C Interface
ADC128D818CIMT-NOPB TI-ADC128D818CIMT-NOPB Datasheet
1Mb / 40P
[Old version datasheet]   ADC128D818 12-Bit, 8-Channel, ADC System Monitor with Temperature Sensor, Internal/External Reference, and I2C Interface
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com