Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AZP54VG Datasheet(PDF) 3 Page - Arizona Microtek, Inc

Part # AZP54VG
Description  Low Phase Noise Sine Wave to LVPECL Buffer/Divider
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AZM [Arizona Microtek, Inc]
Direct Link  http://azmicrotek.com
Logo AZM - Arizona Microtek, Inc

AZP54VG Datasheet(HTML) 3 Page - Arizona Microtek, Inc

  AZP54VG Datasheet HTML 1Page - Arizona Microtek, Inc AZP54VG Datasheet HTML 2Page - Arizona Microtek, Inc AZP54VG Datasheet HTML 3Page - Arizona Microtek, Inc AZP54VG Datasheet HTML 4Page - Arizona Microtek, Inc AZP54VG Datasheet HTML 5Page - Arizona Microtek, Inc AZP54VG Datasheet HTML 6Page - Arizona Microtek, Inc AZP54VG Datasheet HTML 7Page - Arizona Microtek, Inc AZP54VG Datasheet HTML 8Page - Arizona Microtek, Inc AZP54VG Datasheet HTML 9Page - Arizona Microtek, Inc  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
AZP51
AZP52
AZP53
AZP54
December 2009 * REV - 2
www.azmicrotek.com
3
SIGNAL DESCRIPTION
PIN/PAD
FUNCTION
D
Sine or LVCMOS Input
Q,Q
¯
LVPECL Outputs
EN
Output Enable
DIV_SEL
Divide Select (AZP53 only)
EN_SEL
Enable Select (AZP53 only)
VDD
Positive Supply
GND
Negative Supply (Ground)
DIV-SEL OPERATION
PART
NUMBER
DIV-SEL
DIVIDE
RATIO
AZP51
AZP54
-2
÷1
AZP52
-2
÷2
NC1,L
÷1
AZP53
H
÷2
1. NC – no connection
2. Internally connected
FUNCTIONAL OPERATION
INPUTS
OUTPUTS
PART
NUMBER
EN_SEL
7
EN
D
EN LOGIC
EN
PULLUP/
PULLDOWN
Q
Q
¯
L
L8
H8
NC1, H
H
H8
L8
AZP51
AZP52
-2
L
X5
Active High4
Pullup
Z6
Z6
L
L8
H8
NC1, L
H
H8
L8
NC1, H
H
X5
Active Low3
Pulldown
Z6
Z6
L
L8
H8
NC1, H
H
H8
L8
AZP53
L
L
X5
Active High4
Pullup
Z6
Z6
L
L
H
NC1, L
H
H
L
AZP54
-2
H
X5
Active Low3
Pulldown
Z6
Z6
1. NC – no connection
2. Internally tied
3. Active Low: Output enabled when EN low, Tri-state when EN high
4. Active High: Output enabled when EN high, Tri-state when EN low
5. X – Don’t care
6. Z – High impedance
7. EN_SEL input has an internal pullup resistor
8. ÷1 modes only


Similar Part No. - AZP54VG

ManufacturerPart #DatasheetDescription
logo
Arizona Microtek, Inc
AZP54VG AZM-AZP54VG Datasheet
500Kb / 9P
   Low Phase Noise Sine Wave/CMOS to LVPECL Buffer/Divider
More results

Similar Description - AZP54VG

ManufacturerPart #DatasheetDescription
logo
Arizona Microtek, Inc
AZP54 AZM-AZP54 Datasheet
500Kb / 9P
   Low Phase Noise Sine Wave/CMOS to LVPECL Buffer/Divider
AZP52 AZM-AZP52 Datasheet
502Kb / 9P
   Low Phase Noise Sine Wave/CMOS to LVPECL Buffer/Divider
AZP51 AZM-AZP51_12 Datasheet
499Kb / 9P
   Low Phase Noise Sine Wave/CMOS to LVPECL Buffer/Divider
AZP63 AZM-AZP63 Datasheet
540Kb / 12P
   Low Phase Noise Sine Wave/CMOS to LVPECL Buffer/Divider
AZP52 AZM-AZP52_13 Datasheet
483Kb / 9P
   Low Phase Noise Sine Wave / CMOS to LVPECL Buffer / Translator
AZP63 AZM-AZP63_13 Datasheet
519Kb / 12P
   Low Phase Noise Sine Wave / CMOS to LVPECL Buffer / Translator
AZP53 AZM-AZP53_13 Datasheet
556Kb / 13P
   Low Phase Noise Sine Wave / CMOS to LVPECL Buffer / Translator
AZP53 AZM-AZP53 Datasheet
580Kb / 13P
   Low Phase Noise Sine Wave/CMOS
logo
MICORO CRYSTAL SWITZERL...
SCOCXOHS MICROCRYSTAL-SCOCXOHS_17 Datasheet
329Kb / 3P
   Sine Wave Output 10 to 120MHz Low phase noise
logo
Nel Frequency Controls,...
AB-X0A3XX-X NEL-AB-X0A3XX-X Datasheet
155Kb / 3P
   SINE-WAVE UHF, Low Phase Noise XO
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com