Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AZV99XR Datasheet(PDF) 4 Page - Arizona Microtek, Inc

Part # AZV99XR
Description  PECL/LVDS Oscillator Gain Stage & Buffer with Selectable Enable
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AZM [Arizona Microtek, Inc]
Direct Link  http://azmicrotek.com
Logo AZM - Arizona Microtek, Inc

AZV99XR Datasheet(HTML) 4 Page - Arizona Microtek, Inc

  AZV99XR Datasheet HTML 1Page - Arizona Microtek, Inc AZV99XR Datasheet HTML 2Page - Arizona Microtek, Inc AZV99XR Datasheet HTML 3Page - Arizona Microtek, Inc AZV99XR Datasheet HTML 4Page - Arizona Microtek, Inc AZV99XR Datasheet HTML 5Page - Arizona Microtek, Inc AZV99XR Datasheet HTML 6Page - Arizona Microtek, Inc AZV99XR Datasheet HTML 7Page - Arizona Microtek, Inc AZV99XR Datasheet HTML 8Page - Arizona Microtek, Inc AZV99XR Datasheet HTML 9Page - Arizona Microtek, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 16 page
background image
AZV99
June 2009 * REV - 13
www.azmicrotek.com
4
LVDS DC Characteristics for QHG/Q
¯ HG Outputs
1
(VEE = GND, VCC = +3.0V to +5.5V)
-40
°C
0
°C
25
°C
85
°C
Symbol
Characteristic
Min
Max
Min
Max
Min
Max
Min
Max
Unit
VOH
Output HIGH Voltage
1600
1600
1600
1600
mV
VOL
Output LOW Voltage
900
900
900
900
mV
VOC
Output Common Mode Voltage2
1125
1375
1125
1375
1125
1375
1125
1375
mV
ΔVOC
Change in Common Mode Voltage3
-50
50
-50
50
-50
50
-50
50
mV
VOUT
Single-Ended Output Swing
250
450
250
450
250
450
250
450
mV
VDIFF_OUT
Differential Output Swing
500
900
500
900
500
900
500
900
mV
1.
Specified with 100
Ω resistor connecting QHG and Q¯HG together.
2.
Common mode voltage is the center voltage between QHG and Q
¯HG during a steady state.
3.
Change in common mode voltage is the difference between common mode voltages at opposite binary states.
AC Characteristics (VEE = GND, VCC = +3.0V to +5.5V)
-40
°C
0
°C
25
°C
85
°C
Symbol
Characteristic
Min
Typ
Max
Min
Typ
Max
Min
Typ
Max
Min
Typ
Max
Unit
tPLH / tPHL
Propagation Delay
D to Q/Q
¯ Outputs1
(SE)
D to QHG/Q
¯ HG Outputs2
(SE)
400
550
400
550
400
550
430
630
ps
tSKEW
Duty Cycle Skew Q/Q
¯ 3
(SE)
5
20
5
20
5
20
5
20
ps
VPP (AC)
Differnetial Input Swing4
80
1000
80
1000
80
1000
80
1000
mV
tr / tf
Output Rise/Fall Times
(20% - 80%)
Q/Q
¯ 1
QHG/Q
¯HG2
100
180
260
280
100
180
260
280
100
180
260
280
100
180
260
280
ps
1.
Specified with CS-SEL connected to VEE and Q/Q
¯ with AC coupled 50
Ω loads.
2.
Specified with 100
Ω resistor connecting QHG and Q¯HG together.
3.
Duty cycle skew is the difference between a tPLH and tPHL propagation delay through a device.
4.
The peak-to-peak differential input swing is the range for which AC parameters guaranteed. VD and Vmust remain within the range of ±750 mV
with respect to VBB.
AC PP INPUT
D
D
VPP (AC)


Similar Part No. - AZV99XR

ManufacturerPart #DatasheetDescription
logo
Arizona Microtek, Inc
AZV99XP AZM-AZV99XP Datasheet
226Kb / 15P
   PECL/LVDS Oscillator Gain Stage & Buffer with Selectable Enable
More results

Similar Description - AZV99XR

ManufacturerPart #DatasheetDescription
logo
Arizona Microtek, Inc
AZV99 AZM-AZV99 Datasheet
226Kb / 15P
   PECL/LVDS Oscillator Gain Stage & Buffer with Selectable Enable
AZV99 AZM-AZV99_12 Datasheet
745Kb / 14P
   PECL/LVDS Oscillator Gain Stage & Buffer with Selectable Enable
AZ100LVEL16VR AZM-AZ100LVEL16VR Datasheet
191Kb / 13P
   ECL/PECL Oscillator Gain Stage & Buffer with Selectable Enable
AZ100LVEL16VT AZM-AZ100LVEL16VT Datasheet
215Kb / 13P
   ECL/PECL Oscillator Gain Stage & Buffer with Selectable Enable
AZ100LVEL16VR AZM-AZ100LVEL16VR_12 Datasheet
739Kb / 9P
   PECL/ECL Oscillator Gain Stage & Buffer with Selectable Enable
logo
List of Unclassifed Man...
AZ100LVEL16VR ETC-AZ100LVEL16VR Datasheet
178Kb / 6P
   ECL/PECL Oscillator Gain Stage & Buffer with Selectable Enable
logo
Arizona Microtek, Inc
AZ100LVEL16VT AZM-AZ100LVEL16VT_12 Datasheet
486Kb / 9P
   PECL/ECL Oscillator Gain Stage & Buffer with Selectable Enable
AZ10EL16VO AZM-AZ10EL16VO Datasheet
258Kb / 18P
   ECL/PECL Oscillator Gain Stage and Buffer with Enable
logo
List of Unclassifed Man...
AZ10EL16VO ETC2-AZ10EL16VO Datasheet
258Kb / 18P
   ECL/PECL Oscillator Gain Stage and Buffer with Enable
logo
Arizona Microtek, Inc
AZ100LVEL16VV AZM-AZ100LVEL16VV_12 Datasheet
473Kb / 9P
   Dual Frequency PECL/ECL Oscillator Gain Stage & Buffer with Enable
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com