Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADE7858 Datasheet(PDF) 1 Page - Analog Devices

Part # ADE7858
Description  Poly Phase Multifunction Energy Metering IC with per Phase Active and Reactive Powers
Download  76 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADE7858 Datasheet(HTML) 1 Page - Analog Devices

  ADE7858 Datasheet HTML 1Page - Analog Devices ADE7858 Datasheet HTML 2Page - Analog Devices ADE7858 Datasheet HTML 3Page - Analog Devices ADE7858 Datasheet HTML 4Page - Analog Devices ADE7858 Datasheet HTML 5Page - Analog Devices ADE7858 Datasheet HTML 6Page - Analog Devices ADE7858 Datasheet HTML 7Page - Analog Devices ADE7858 Datasheet HTML 8Page - Analog Devices ADE7858 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 76 page
background image
Poly Phase Multifunction Energy Metering IC
with per Phase Active and Reactive Powers
Preliminary Technical Data
ADE7858
Rev. PrA
Information furnished by Analog Devices is believed to be accurate and reliable. However, no
responsibilityis assumedbyAnalogDevicesforitsuse,norforanyinfringementsof patentsorother
rightsofthirdpartiesthatmayresultfromitsuse.Specificationssubjecttochangewithoutnotice.No
license is granted by implication or otherwise under any patent or patent rights of Analog Devices.
Trademarksandregisteredtrademarksarethepropertyoftheirrespectiveowners.
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781.329.4700
www.analog.com
Fax: 781.461.3113
©2009 Analog Devices, Inc. All rights reserved.
FEATURES
Highly accurate; supports EN 50470-1, EN 50470-3,
IEC 62053-21, IEC 62053-22 and IEC 62053-23
Compatible with 3-phase, 3 or 4 wire (delta or wye) and
other 3-phase services
Supplies total (fundamental and harmonic) active/reactive/
apparent energy on each phase and on the overall system
Less than 0.1% error in active and reactive energy over a
dynamic range of 1000 to 1 at 25°C
Less than 0.2% error in active and reactive energy over a
dynamic range of 3000 to 1 at 25°C
Supports current transformer and di/dt current sensors
Less than 0.1% error in voltage and current rms over a
dynamic range of 1000 to 1 at 25°C
Supplies sampled waveform data on all 3 phases
Selectable No-load threshold level for total active, reactive
and apparent powers
Phase angle measurements in both current and voltage
channels with max 0.3° error
Wide supply voltage operation 2.4 to 3.7V
Reference 1.2 V (drift 10 ppm/°C typ) with external
overdrive capability
Single 3.3 V supply
40-Lead Frame Chip Scale (LFCSP) Lead Free Package
Operating temperature -40° to 85°C
Flexible I2C, SPI®, HSDC serial interfaces
GENERAL DESCRIPTION
The ADE78581 is a high accuracy, 3-phase electrical energy
measurement IC with serial interfaces and three flexible pulse
outputs. The ADE7858 incorporates second-order Σ-Δ ADCs, a
digital integrator, reference circuitry, and all the signal
processing required to perform total (fundamental and
harmonic) active, reactive and apparent energy measurement,
and rms calculations. A fixed function digital signal processor
(DSP) executes this signal processing.
The ADE7858 is suitable to measure active, reactive, and
apparent energy in various 3-phase configurations, such as
WYE or DELTA services, with both three and four wires. The
ADE7858 provides system calibration features for each phase,
that is, rms offset correction, phase calibration, and gain
calibration. The CF1, CF2 and CF3 logic outputs provide a wide
choice of power information: total active/reactive/apparent
power or sum of current rms values.
The ADE7858 has waveform sample registers that allow access
to all ADC outputs. The device also incorporates power quality
measurements such as short duration low or high voltage
detections, short duration high current variations, line voltage
period measurement and angles between phase voltages and
currents. Two serial interfaces can be used to communicate with
the ADE7858: SPI or I2C while a dedicated high speed interface,
HSDC (High Speed Data Capture) port, can be used in
conjunction with I2C to provide access to the ADC outputs and
real time power information. The ADE7858 has also two
interrupt request pins,
0
IRQ
and
1
IRQ
, to indicate that an
enabled interrupt event has occurred.
The ADE7858 is available in 40-lead LFCSP lead free package.
1 U.S. patents pending.


Similar Part No. - ADE7858

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADE7816 AD-ADE7816 Datasheet
677Kb / 48P
   Six Current Channels, One Voltage Channel
REV. 0
ADE7816ACPZ AD-ADE7816ACPZ Datasheet
677Kb / 48P
   Six Current Channels, One Voltage Channel
REV. 0
ADE7816ACPZ-RL AD-ADE7816ACPZ-RL Datasheet
677Kb / 48P
   Six Current Channels, One Voltage Channel
REV. 0
ADE7878 AD-ADE7878 Datasheet
1Mb / 92P
   Polyphase Multifunction Energy Metering IC with per Phase Active and Reactive Powers
REV. 0
ADE7878ACPZ AD-ADE7878ACPZ Datasheet
1Mb / 92P
   Polyphase Multifunction Energy Metering IC with per Phase Active and Reactive Powers
REV. 0
More results

Similar Description - ADE7858

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADE7878 AD-ADE7878 Datasheet
1Mb / 92P
   Polyphase Multifunction Energy Metering IC with per Phase Active and Reactive Powers
REV. 0
ADE7758 AD-ADE7758 Datasheet
1Mb / 68P
   Poly Phase Multifunction Energy Metering IC with Per Phase Information
REV. A
ADE7758 AD-ADE7758_15 Datasheet
979Kb / 72P
   Poly Phase Multifunction Energy Metering IC with Per Phase Information
Rev. E
logo
Sames
SA9904B SAMES-SA9904B_17 Datasheet
552Kb / 18P
   Three Phase Multifunction Energy Metering IC
SA9903B SAMES-SA9903B_17 Datasheet
530Kb / 17P
   Single Phase Multifunction Energy Metering IC
logo
Analog Devices
ADE7763 AD-ADE7763 Datasheet
1Mb / 56P
   Single-Phase Active and Apparent Energy Metering IC
REV. A
ADE7763 AD-ADE7763_15 Datasheet
828Kb / 56P
   Single-Phase Active and Apparent Energy Metering IC
REV. C
ADE7763 AD-ADE7763_13 Datasheet
828Kb / 56P
   Single-Phase Active and Apparent Energy Metering IC
REV. C
ADE7754 AD-ADE7754 Datasheet
630Kb / 44P
   Poly-phase Multi-Function Energy Metering IC with Serial Port
REV. PrG 01/03
logo
Integrated Device Techn...
90E32 IDT-90E32 Datasheet
877Kb / 71P
   Poly-Phase High-Performance Wide-Span Energy Metering IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com