Electronic Components Datasheet Search |
|
ADL5358 Datasheet(PDF) 4 Page - Analog Devices |
|
ADL5358 Datasheet(HTML) 4 Page - Analog Devices |
4 / 24 page ADL5358 Rev. 0 | Page 4 of 24 5 V PERFORMANCE VS = 5 V, IS = 350 mA, TA = 25°C, fRF = 900 MHz, fLO = 1103 MHz, LO power = 0 dBm, RF power = −10 dBm, R1 = R4 = 1.3 kΩ, R2 = R5 = 1 kΩ, VGS0 = VGS1 = VGS2 = 0 V, and ZO = 50 Ω, unless otherwise noted. Table 3. Parameter Conditions Min Typ Max Unit DYNAMIC PERFORMANCE Power Conversion Gain Including 4:1 IF port transformer and PCB loss 7.6 8.3 8.6 dB Voltage Conversion Gain ZSOURCE = 50 Ω, differential ZLOAD = 200 Ω differential 14.6 dB SSB Noise Figure 9.9 dB SSB Noise Figure Under Blocking 5 dBm blocker present ±10 MHz from wanted RF input, LO source filtered 23 dB Input Third-Order Intercept (IIP3) fRF1 = 899.5 MHz, fRF2 = 900.5 MHz, fLO = 1103 MHz, each RF tone at −10 dBm 22 25.2 dBm Input Second-Order Intercept (IIP2) fRF1 = 900 MHz, fRF2 = 950 MHz, fLO = 1103 MHz, each RF tone at −10 dBm 57 dBm Input 1 dB Compression Point (IP1dB) 10.6 dBm LO-to-IF Leakage Unfiltered IF output −33 dBm LO-to-RF Leakage −31 dBm RF-to-IF Isolation −43 dBc IF/2 Spurious −10 dBm input power −72 dBc IF/3 Spurious −10 dBm input power −79 dBc IF Channel-to-Channel Isolation 54 dB POWER SUPPLY Positive Supply Voltage 4.75 5 5.25 V Quiescent Current LO supply 170 mA IF supply 180 mA Total Quiescent Current 350 mA 3.3 V PERFORMANCE VS = 3.3 V, IS = 200 mA, TA = 25°C, fRF = 900 MHz, fLO = 1103 MHz, LO power = 0 dBm, RF power = −10 dBm, R1 = R4 = 1.2 kΩ, R2 = R5 = 400 Ω, VGS0 = VGS1 = VGS2 = 0 V, and ZO = 50 Ω, unless otherwise noted. Table 4. Parameter Conditions Min Typ Max Unit DYNAMIC PERFORMANCE Power Conversion Gain Including 4:1 IF port transformer and PCB loss 8.3 dB Voltage Conversion Gain ZSOURCE = 50 Ω, differential ZLOAD = 200 Ω differential 14.6 dB SSB Noise Figure 8.9 dB Input Third-Order Intercept (IIP3) fRF1 = 899.5 MHz, fRF2 = 900.5 MHz, fLO = 1103 MHz, each RF tone at −10 dBm 19.3 dBm Input Second-Order Intercept (IIP2) fRF1 = 950 MHz, fRF2 = 900 MHz, fLO = 1103 MHz, each RF tone at −10 dBm 47.2 dBm Input 1 dB Compression Point (IP1dB) 6.75 dBm POWER INTERFACE Supply Voltage 3.0 3.3 3.6 V Quiescent Current Resistor programmable 200 mA Total Quiescent Current Device disabled 300 μA |
Similar Part No. - ADL5358 |
|
Similar Description - ADL5358 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |