Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADL5504 Datasheet(PDF) 7 Page - Analog Devices

Part # ADL5504
Description  450 MHz to 6000 MHz TruPwr Detector
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADL5504 Datasheet(HTML) 7 Page - Analog Devices

Back Button ADL5504 Datasheet HTML 3Page - Analog Devices ADL5504 Datasheet HTML 4Page - Analog Devices ADL5504 Datasheet HTML 5Page - Analog Devices ADL5504 Datasheet HTML 6Page - Analog Devices ADL5504 Datasheet HTML 7Page - Analog Devices ADL5504 Datasheet HTML 8Page - Analog Devices ADL5504 Datasheet HTML 9Page - Analog Devices ADL5504 Datasheet HTML 10Page - Analog Devices ADL5504 Datasheet HTML 11Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 24 page
background image
ADL5504
Rev. 0 | Page 7 of 24
PIN CONFIGURATION AND FUNCTION DESCRIPTIONS
ADL5504
TOP VIEW
(BALL SIDE DOWN)
Not to Scale
16
34
2
FLTR
RFIN
VPOS
ENBL
COMM
VRMS
5
Figure 3. Pin Configuration
Table 3. Pin Function Descriptions
Pin No.
Mnemonic
Description
1
FLTR
Modulation Filter. Connect an external capacitor to this pin to lower the corner frequency of the modulation filter.
2
VPOS
Supply Voltage. The operational range is 2.5 V to 3.3 V.
3
RFIN
Signal Input. This pin is internally ac-coupled after internal termination resistance. The nominal input impedance
is 500 Ω.
4
COMM
Device Ground.
5
VRMS
RMS Output. This pin is a rail-to-rail voltage output with limited current drive capability. The output has an internal
100 Ω series resistance. High resistive loads and low capacitance loads are recommended to preserve output swing
and allow fast response.
6
ENBL
Enable. Connect this pin to VS for normal operation. Connect this pin to ground for disable mode.


Similar Part No. - ADL5504

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADL5500 AD-ADL5500 Datasheet
1Mb / 24P
   100 MHz to 6 GHz TruPwr Detector
REV. A
ADL5500 AD-ADL5500 Datasheet
395Kb / 6P
   Tape and Reel Packaging
ADL5500-EVALZ AD-ADL5500-EVALZ Datasheet
1Mb / 24P
   100 MHz to 6 GHz TruPwr Detector
REV. A
ADL55001 AD-ADL55001 Datasheet
395Kb / 6P
   Tape and Reel Packaging
ADL5500ACBZ-P2 AD-ADL5500ACBZ-P2 Datasheet
1Mb / 24P
   100 MHz to 6 GHz TruPwr Detector
REV. A
More results

Similar Description - ADL5504

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADL5505 AD-ADL5505 Datasheet
1Mb / 20P
   450 MHz to 6000Mhz TruPwr Detector
REV. 0
ADL5502 AD-ADL5502_1 Datasheet
1Mb / 28P
   450 MHz to 6000 MHz Crest Factor Detector
REV. A
ADL5501 AD-ADL5501_15 Datasheet
2Mb / 28P
   50 MHz to 6 GHz TruPwr Detector
REV. B
ADL5501 AD-ADL5501_09 Datasheet
2Mb / 28P
   50 MHz to 6 GHz TruPwr Detector
REV. B
ADL5501 AD-ADL5501 Datasheet
1Mb / 28P
   50 MHz to 4 GHz TruPwr Detector
REV. 0
ADL5500 AD-ADL5500_15 Datasheet
1Mb / 24P
   100 MHz to 6 GHz TruPwr Detector
REV. A
ADL5500 AD-ADL5500 Datasheet
1Mb / 24P
   100 MHz to 6 GHz TruPwr Detector
REV. A
ADL5902 AD-ADL5902_16 Datasheet
2Mb / 29P
   50 MHz to 9 GHz 65 dB TruPwr Detector
ADL5902 AD-ADL5902 Datasheet
2Mb / 28P
   50 MHz to 9 GHz 65 dB TruPwr Detector
REV. 0
ADL5903 AD-ADL5903 Datasheet
1Mb / 20P
   200 MHz to 6 GHz 35 dB TruPwr??Detector
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com