Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LDBK4333 Datasheet(PDF) 5 Page - LIGITEK electronics co., ltd.

Part # LDBK4333
Description  CYLINDRICAL TYPE LED LAMPS
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LIGITEK [LIGITEK electronics co., ltd.]
Direct Link  http://www.ligitek.com
Logo LIGITEK - LIGITEK electronics co., ltd.

LDBK4333 Datasheet(HTML) 5 Page - LIGITEK electronics co., ltd.

  LDBK4333 Datasheet HTML 1Page - LIGITEK electronics co., ltd. LDBK4333 Datasheet HTML 2Page - LIGITEK electronics co., ltd. LDBK4333 Datasheet HTML 3Page - LIGITEK electronics co., ltd. LDBK4333 Datasheet HTML 4Page - LIGITEK electronics co., ltd. LDBK4333 Datasheet HTML 5Page - LIGITEK electronics co., ltd. LDBK4333 Datasheet HTML 6Page - LIGITEK electronics co., ltd.  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
Note: 1.Wave solder should not be made more than one time.
2.You can just only select one of the soldering conditions as above.
60 Seconds Max
Page 4/5
2.Wave Soldering Profile
LIGITEK ELECTRONICS CO.,LTD.
Property of Ligitek Only
Soldering Condition(Pb-Free)
1.Iron:
Soldering Iron:30W Max
Temperature 350
°C Max
Soldering Time:3 Seconds Max(One time only)
Distance:2mm Min(From solder joint to body)
Dip Soldering
Preheat: 120
°C Max
Preheat time: 60seconds Max
Ramp-up
2
°C/sec(max)
Ramp-Down:-5
°C/sec(max)
Solder Bath:260
°C Max
Dipping Time:3 seconds Max
Distance:2mm Min(From solder joint to body)
Time(sec)
150
260
°C3sec Max
100
5
°/sec
max
50
Preheat
2
° /sec
max
260°
120°
0° 0
25°
Temp(
°C)
PART NO. LDBK4333


Similar Part No. - LDBK4333

ManufacturerPart #DatasheetDescription
logo
LIGITEK electronics co....
LDBK4333Z LIGITEK-LDBK4333Z Datasheet
135Kb / 6P
   CYLINDRICAL TYPE LED LAMPS
More results

Similar Description - LDBK4333

ManufacturerPart #DatasheetDescription
logo
LIGITEK electronics co....
LWK4843Z-AOP-C01 LIGITEK-LWK4843Z-AOP-C01 Datasheet
206Kb / 8P
   CYLINDRICAL TYPE LED LAMPS
L8UG4043-PF LIGITEK-L8UG4043-PF Datasheet
222Kb / 6P
   CYLINDRICAL TYPE LED LAMPS
LDBK4843Z LIGITEK-LDBK4843Z Datasheet
136Kb / 6P
   CYLINDRICAL TYPE LED LAMPS
LSEFDGM24543-S195 LIGITEK-LSEFDGM24543-S195 Datasheet
118Kb / 7P
   CYLINDRICAL TYPE LED LAMPS
LDBK4741 LIGITEK-LDBK4741 Datasheet
113Kb / 6P
   CYLINDRICAL TYPE LED LAMPS
LDBK4840 LIGITEK-LDBK4840 Datasheet
111Kb / 6P
   CYLINDRICAL TYPE LED LAMPS
LG4040-PF LIGITEK-LG4040-PF Datasheet
113Kb / 6P
   CYLINDRICAL TYPE LED LAMPS
LI4630-PF LIGITEK-LI4630-PF Datasheet
110Kb / 6P
   CYLINDRICAL TYPE LED LAMPS
LH4733-PF LIGITEK-LH4733-PF Datasheet
111Kb / 6P
   CYLINDRICAL TYPE LED LAMPS
LI4841-PF LIGITEK-LI4841-PF Datasheet
110Kb / 6P
   CYLINDRICAL TYPE LED LAMPS
LPG4733-PF LIGITEK-LPG4733-PF Datasheet
111Kb / 6P
   CYLINDRICAL TYPE LED LAMPS
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com