Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LDBK5130 Datasheet(PDF) 4 Page - LIGITEK electronics co., ltd.

Part # LDBK5130
Description  RECTANGLE TYPE LED LAMPS
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LIGITEK [LIGITEK electronics co., ltd.]
Direct Link  http://www.ligitek.com
Logo LIGITEK - LIGITEK electronics co., ltd.

LDBK5130 Datasheet(HTML) 4 Page - LIGITEK electronics co., ltd.

  LDBK5130 Datasheet HTML 1Page - LIGITEK electronics co., ltd. LDBK5130 Datasheet HTML 2Page - LIGITEK electronics co., ltd. LDBK5130 Datasheet HTML 3Page - LIGITEK electronics co., ltd. LDBK5130 Datasheet HTML 4Page - LIGITEK electronics co., ltd. LDBK5130 Datasheet HTML 5Page - LIGITEK electronics co., ltd. LDBK5130 Datasheet HTML 6Page - LIGITEK electronics co., ltd.  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
Fig.5 Relative Intensity vs. Wavelength
Typical Electro-Optical Characteristics Curve
LIGITEK ELECTRONICS CO.,LTD.
Property of Ligitek Only
1.0
3.0
4.0
0 1
1.0
Wavelength (nm)
450
0.0
400
500
550
0.5
0.5
20
Ambient Temperature(
)
Ambient Temperature(
)
0
-20
-40
0.8
0
-40
-20
100
80
60
40
20
0.0
60
100
80
40
Fig.4 Relative Intensity vs. Temperature
2.5
1.0
0.9
1.1
1.5
1.0
2.0
Fig.3 Forward Voltage vs. Temperature
1.2
3.0
Forward Current(mA)
Forward Voltage(V)
2.0
5.0
1
10
0.0
0.5
1.0
1.5
2.0
100
1000
Fig.2 Relative Intensity vs. Forward Current
Fig.1 Forward current vs. Forward Voltage
2.5
3.0
1
10
100
1000
DBK CHIP
Page 3/5
PART NO. LDBK5130


Similar Part No. - LDBK5130

ManufacturerPart #DatasheetDescription
logo
LIGITEK electronics co....
LDBK5132 LIGITEK-LDBK5132 Datasheet
112Kb / 6P
   RECTANGLE TYPE LED LAMPS
More results

Similar Description - LDBK5130

ManufacturerPart #DatasheetDescription
logo
LIGITEK electronics co....
L8G65540-PF LIGITEK-L8G65540-PF Datasheet
111Kb / 6P
   RECTANGLE TYPE LED LAMPS
L8G75840 LIGITEK-L8G75840 Datasheet
112Kb / 6P
   RECTANGLE TYPE LED LAMPS
L8Y55140-PF LIGITEK-L8Y55140-PF Datasheet
110Kb / 6P
   RECTANGLE TYPE LED LAMPS
L8Y65540-S6-PF LIGITEK-L8Y65540-S6-PF Datasheet
111Kb / 6P
   RECTANGLE TYPE LED LAMPS
L9SE5730 LIGITEK-L9SE5730 Datasheet
125Kb / 6P
   RECTANGLE TYPE LED LAMPS
L9SE75640-PF LIGITEK-L9SE75640-PF Datasheet
110Kb / 6P
   RECTANGLE TYPE LED LAMPS
LVA45740-S29-PF LIGITEK-LVA45740-S29-PF Datasheet
145Kb / 6P
   RECTANGLE TYPE LED LAMPS
LEG27492-S27-PF LIGITEK-LEG27492-S27-PF Datasheet
127Kb / 7P
   RECTANGLE TYPE LED LAMPS
LDGL65540-S8 LIGITEK-LDGL65540-S8 Datasheet
112Kb / 6P
   RECTANGLE TYPE LED LAMPS
LG5230 LIGITEK-LG5230 Datasheet
106Kb / 6P
   RECTANGLE TYPE LED LAMPS
LG5230-PF LIGITEK-LG5230-PF Datasheet
106Kb / 6P
   RECTANGLE TYPE LED LAMPS
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com