Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

APT60DF100HJ Datasheet(PDF) 2 Page - Microsemi Corporation

Part # APT60DF100HJ
Description  ISOTOP Fast Diode Full Bridge Power Module
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

APT60DF100HJ Datasheet(HTML) 2 Page - Microsemi Corporation

  APT60DF100HJ Datasheet HTML 1Page - Microsemi Corporation APT60DF100HJ Datasheet HTML 2Page - Microsemi Corporation APT60DF100HJ Datasheet HTML 3Page - Microsemi Corporation APT60DF100HJ Datasheet HTML 4Page - Microsemi Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
APT60DF100HJ
www.microsemi.com
2- 4
All ratings @ Tj = 25°C unless otherwise specified
Electrical Characteristics
Symbol
Characteristic
Test Conditions
Min
Typ
Max
Unit
IF = 60A
2.2
2.8
IF = 120A
2.7
VF
Diode Forward Voltage
IF = 60A
Tj = 125°C
1.7
V
Tj = 25°C
100
IRM
Maximum Reverse Leakage Current
VR = 1000V
Tj = 125°C
500
µA
CT
Junction Capacitance
VR = 200V
80
pF
Dynamic Characteristics
Symbol
Characteristic
Test Conditions
Min
Typ
Max
Unit
Tj = 25°C
235
trr
Reverse Recovery Time
Tj = 125°C
285
ns
Tj = 25°C
445
Qrr
Reverse Recovery Charge
Tj = 125°C
2290
nC
Tj = 25°C
5
IRRM
Reverse Recovery Current
IF = 60A
VR = 667V
di/dt = 200A/µs
Tj = 125°C
13
A
trr
Reverse Recovery Time
125
ns
Qrr
Reverse Recovery Charge
4170
nC
IRRM
Reverse Recovery Current
IF = 60A
VR = 667V
di/dt=1000A/µs
Tj = 125°C
50
A
Thermal and package characteristics
Symbol
Characteristic
Min
Typ
Max
Unit
RthJC
Junction to Case Thermal resistance
0.9
RthJA
Junction to Ambient
20
°C/W
VISOL
RMS Isolation Voltage, any terminal to case t =1 min, I isol<1mA, 50/60Hz
2500
V
TJ,TSTG
Storage Temperature Range
-55
175
TL
Max Lead Temp for Soldering:0.063” from case for 10 sec
300
°C
Torque
Mounting torque (Mounting = 8-32 or 4mm Machine and terminals = 4mm Machine)
1.5
N.m
Wt
Package Weight
29.2
g


Similar Part No. - APT60DF100HJ

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
APT60DF120HJ MICROSEMI-APT60DF120HJ Datasheet
77Kb / 4P
   ISOTOP Fast Diode Full Bridge Power Module
More results

Similar Description - APT60DF100HJ

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
APT60DF20HJ MICROSEMI-APT60DF20HJ Datasheet
79Kb / 4P
   ISOTOP Fast Diode Full Bridge Power Module
APT60DF60HJ MICROSEMI-APT60DF60HJ Datasheet
79Kb / 4P
   ISOTOP Fast Diode Full Bridge Power Module
APT75DL120HJ MICROSEMI-APT75DL120HJ Datasheet
74Kb / 3P
   ISOTOP Fast Diode Full Bridge Power Module
APT50DL120HJ MICROSEMI-APT50DL120HJ Datasheet
74Kb / 3P
   ISOTOP Fast Diode Full Bridge Power Module
APT75DL60HJ MICROSEMI-APT75DL60HJ Datasheet
72Kb / 3P
   ISOTOP Fast Diode Full Bridge Power Module
APT35DL120HJ MICROSEMI-APT35DL120HJ Datasheet
75Kb / 3P
   ISOTOP Fast Diode Full Bridge Power Module
APT75DF170HJ MICROSEMI-APT75DF170HJ Datasheet
75Kb / 3P
   ISOTOP Fast Diode Full Bridge Power Module
APT30DF20HJ MICROSEMI-APT30DF20HJ Datasheet
78Kb / 4P
   ISOTOP Fast Diode Full Bridge Power Module
APT30DF60HJ MICROSEMI-APT30DF60HJ Datasheet
77Kb / 4P
   ISOTOP Fast Diode Full Bridge Power Module
APT50DF170HJ MICROSEMI-APT50DF170HJ Datasheet
75Kb / 3P
   ISOTOP Fast Diode Full Bridge Power Module
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com