Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

APTML10UM09R004T1AG Datasheet(PDF) 2 Page - Microsemi Corporation

Part # APTML10UM09R004T1AG
Description  Linear MOSFET Power Module
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

APTML10UM09R004T1AG Datasheet(HTML) 2 Page - Microsemi Corporation

  APTML10UM09R004T1AG Datasheet HTML 1Page - Microsemi Corporation APTML10UM09R004T1AG Datasheet HTML 2Page - Microsemi Corporation APTML10UM09R004T1AG Datasheet HTML 3Page - Microsemi Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
APTML10UM09R004T1AG
www.microsemi.com
2 – 3
All ratings @ Tj = 25°C unless otherwise specified
Electrical Characteristics
Symbol
Characteristic
Test Conditions
Min
Typ
Max
Unit
VGS = 0V,VDS = 100V
Tj = 25°C
100
IDSS
Zero Gate Voltage Drain Current
VGS = 0V,VDS = 80V
Tj = 125°C
500
µA
RDS(on)
Drain – Source on Resistance
VGS = 10V, ID = 69.5A
9
10
m
Ω
VGS(th)
Gate Threshold Voltage
VGS = VDS, ID = 2.5mA
2
4
V
IGSS
Gate – Source Leakage Current
VGS = ±30 V, VDS = 0V
±100
nA
Dynamic Characteristics
Symbol
Characteristic
Test Conditions
Min
Typ
Max
Unit
Ciss
Input Capacitance
9875
Coss
Output Capacitance
3940
Crss
Reverse Transfer Capacitance
VGS = 0V
VDS = 25V
f = 1MHz
1470
pF
Shunt Electrical Characteristics
Symbol
Characteristic
Min
Typ
Max
Unit
Rsh
Resistance value
4.4
m
Ω
Tsh
Tolerance
2
%
TC=25°C
20
Psh
Load capacity
TC=80°C
10
W
TC=25°C
67
Ish
Current capacity
TC=80°C
47
A
Temperature sensor PTC
Symbol
Characteristic
Min
Typ
Max
Unit
R25
Resistance @ 25°C
1980
2020
Ω
R100/R25
Resistance ratio
Tamb=100°C & 25°C
1.676
1.696
1.716
R-55/R25
Resistance ratio
Tamb=-55°C & 25°C
0.48
0.49
0.50
B
Temperature coefficient
7900
ppm/K
Thermal and package characteristics
Symbol
Characteristic
Min
Typ
Max
Unit
RthJC
Junction to Case Thermal Resistance
MOSFET
0.26
°C/W
VISOL
RMS Isolation Voltage, any terminal to case t =1 min, I isol<1mA, 50/60Hz
4000
V
TJ
Operating junction temperature range
-40
150
TSTG
Storage Temperature Range
-40
125
TC
Operating Case Temperature
-40
100
°C
Torque
Mounting torque
To heatsink
M4
2.5
4.7
N.m
Wt
Package Weight
80
g


Similar Part No. - APTML10UM09R004T1AG

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
APTML1002U60R020T3AG MICROSEMI-APTML1002U60R020T3AG Datasheet
95Kb / 3P
   Linear MOSFET Power Module
APTML1002U60R020T3AG MICROSEMI-APTML1002U60R020T3AG Datasheet
95Kb / 3P
   Linear MOSFET Power Module
APTML1002U60R020T3AG MICROSEMI-APTML1002U60R020T3AG_10 Datasheet
95Kb / 3P
   Linear MOSFET Power Module
APTML100U60R020T1AG MICROSEMI-APTML100U60R020T1AG Datasheet
102Kb / 3P
   Linear MOSFET Power Module
APTML100U60R020T1AG MICROSEMI-APTML100U60R020T1AG Datasheet
102Kb / 3P
   Linear MOSFET Power Module
More results

Similar Description - APTML10UM09R004T1AG

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
APTML1002U60R020T3AG MICROSEMI-APTML1002U60R020T3AG Datasheet
95Kb / 3P
   Linear MOSFET Power Module
APTML102UM09R004T3AG MICROSEMI-APTML102UM09R004T3AG Datasheet
98Kb / 3P
   Linear MOSFET Power Module
APTML20UM18R010T1AG MICROSEMI-APTML20UM18R010T1AG Datasheet
111Kb / 3P
   Linear MOSFET Power Module
APTML60U12R020T1AG MICROSEMI-APTML60U12R020T1AG Datasheet
103Kb / 3P
   Linear MOSFET Power Module
APTML502UM90R020T3AG MICROSEMI-APTML502UM90R020T3AG_10 Datasheet
99Kb / 3P
   Linear MOSFET Power Module
APTML1002U60R020T3AG MICROSEMI-APTML1002U60R020T3AG_10 Datasheet
95Kb / 3P
   Linear MOSFET Power Module
APTML502UM90R020T3AG MICROSEMI-APTML502UM90R020T3AG Datasheet
99Kb / 3P
   Linear MOSFET Power Module
APTML50UM90R020T1AG MICROSEMI-APTML50UM90R020T1AG Datasheet
106Kb / 3P
   Linear MOSFET Power Module
APTML50UM90R020T1AG MICROSEMI-APTML50UM90R020T1AG_10 Datasheet
106Kb / 3P
   Linear MOSFET Power Module
APTML100U60R020T1AG MICROSEMI-APTML100U60R020T1AG_10 Datasheet
102Kb / 3P
   Linear MOSFET Power Module
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com