Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LDGL43740 Datasheet(PDF) 6 Page - LIGITEK electronics co., ltd.

Part # LDGL43740
Description  OVAL TYPE LED LAMPS
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LIGITEK [LIGITEK electronics co., ltd.]
Direct Link  http://www.ligitek.com
Logo LIGITEK - LIGITEK electronics co., ltd.

LDGL43740 Datasheet(HTML) 6 Page - LIGITEK electronics co., ltd.

  LDGL43740 Datasheet HTML 1Page - LIGITEK electronics co., ltd. LDGL43740 Datasheet HTML 2Page - LIGITEK electronics co., ltd. LDGL43740 Datasheet HTML 3Page - LIGITEK electronics co., ltd. LDGL43740 Datasheet HTML 4Page - LIGITEK electronics co., ltd. LDGL43740 Datasheet HTML 5Page - LIGITEK electronics co., ltd. LDGL43740 Datasheet HTML 6Page - LIGITEK electronics co., ltd.  
Zoom Inzoom in Zoom Outzoom out
 6 / 6 page
background image
5/5
Page
LIGITEK ELECTRONICS CO.,LTD.
Property of Ligitek Only
MIL-STD-750: 1026
MIL-STD-883: 1005
JIS C 7021: B-1
Reference
Standard
MIL-STD-883:1008
JIS C 7021: B-10
JIS C 7021: B-12
MIL-STD-202:103B
JIS C 7021: B-11
This test is conducted for the purpose
of detemining the resistance of a part
in electrical and themal stressed.
Test Condition
Description
Operating Life Test
Test Item
1.Under Room Temperature
2.If=20mA
3.t=1000 hrs (-24hrs, +72hrs)
The purpose of this test is the resistance
of the device under tropical for hours.
The purpose of this is the resistance
of the device which is laid under
condition of low temperature for hours.
High Temperature
Storage Test
High Temperature
High Humidity Test
Low Temperature
Storage Test
1.Ta=65
℃±5
2.RH=90 %~95%
3.t=240hrs
±2hrs
1.Ta=105
℃±5
2.t=1000 hrs (-24hrs, +72hrs)
1.Ta=-40
℃±5
2.t=1000 hrs (-24hrs, +72hrs)
The purpose of this is the resistance of
the device which is laid under condition
of high temperature for hours.
Reliability Test:
MIL-STD-202: 107D
MIL-STD-750: 1051
MIL-STD-883: 1011
MIL-STD-202: 210A
MIL-STD-750: 2031
JIS C 7021: A-1
The purpose of this is the resistance of
the device to sudden extreme changes
in high and low temperature.
This test intended to see soldering well
performed or not.
This test intended to determine the
thermal characteristic resistance
of the device to sudden exposures
at extreme changes in temperature
when soldering the lead wire.
Thermal Shock Test
Solderability Test
Solder Resistance
Test
1.T.Sol=230
℃±5
2.Dwell time=5
±1sec
1.Ta=105
℃±5&-40℃±5
(10min) (10min)
2.total 10 cycles
1.T.Sol=260
℃±5
2.Dwell time= 10
±1sec.
MIL-STD-202: 208D
MIL-STD-750: 2026
MIL-STD-883: 2003
JIS C 7021: A-2
LDGL43740
PART NO.


Similar Part No. - LDGL43740

ManufacturerPart #DatasheetDescription
logo
LIGITEK electronics co....
LDGL13732-S10-OD LIGITEK-LDGL13732-S10-OD Datasheet
111Kb / 6P
   ROUND TYPE LED LAMPS
LDGL13732-S7 LIGITEK-LDGL13732-S7 Datasheet
79Kb / 6P
   SUPER BRIGHT ROUND TYPE LED LAMPS
LDGL13732-S8 LIGITEK-LDGL13732-S8 Datasheet
110Kb / 6P
   SUPER BRIGHT ROUND TYPE LED LAMPS
LDGL13732Z-S15 LIGITEK-LDGL13732Z-S15 Datasheet
111Kb / 6P
   ROUND TYPE LED LAMPS
LDGL13743 LIGITEK-LDGL13743 Datasheet
112Kb / 6P
   ROUND TYPE LED LAMPS
More results

Similar Description - LDGL43740

ManufacturerPart #DatasheetDescription
logo
LIGITEK electronics co....
LDGM23533 LIGITEK-LDGM23533 Datasheet
78Kb / 6P
   OVAL TYPE LED LAMPS
LDGM32840-P1 LIGITEK-LDGM32840-P1 Datasheet
127Kb / 6P
   OVAL TYPE LED LAMPS
LDBK43743 LIGITEK-LDBK43743 Datasheet
112Kb / 6P
   OVAL TYPE LED LAMPS
LUY13430H LIGITEK-LUY13430H Datasheet
118Kb / 6P
   OVAL TYPE LED LAMPS
LDGM13430 LIGITEK-LDGM13430 Datasheet
109Kb / 6P
   OVAL TYPE LED LAMPS
LDGM32840 LIGITEK-LDGM32840 Datasheet
138Kb / 6P
   OVAL TYPE LED LAMPS
LWK43742 LIGITEK-LWK43742 Datasheet
151Kb / 7P
   OVAL TYPE LED LAMPS
L8SR13430-PF LIGITEK-L8SR13430-PF Datasheet
110Kb / 6P
   OVAL TYPE LED LAMPS
LDGM23531-S7 LIGITEK-LDGM23531-S7 Datasheet
117Kb / 6P
   OVAL TYPE LED LAMPS
LDGM43743 LIGITEK-LDGM43743 Datasheet
124Kb / 6P
   OVAL TYPE LED LAMPS
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com