Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

GPBW24V08SRG001 Datasheet(PDF) 5 Page - Bel Fuse Inc.

Part # GPBW24V08SRG001
Description  BOLERO HV DC/DC CONVERTERS
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BEL [Bel Fuse Inc.]
Direct Link  http://www.belfuse.com
Logo BEL - Bel Fuse Inc.

GPBW24V08SRG001 Datasheet(HTML) 5 Page - Bel Fuse Inc.

  GPBW24V08SRG001 Datasheet HTML 1Page - Bel Fuse Inc. GPBW24V08SRG001 Datasheet HTML 2Page - Bel Fuse Inc. GPBW24V08SRG001 Datasheet HTML 3Page - Bel Fuse Inc. GPBW24V08SRG001 Datasheet HTML 4Page - Bel Fuse Inc. GPBW24V08SRG001 Datasheet HTML 5Page - Bel Fuse Inc. GPBW24V08SRG001 Datasheet HTML 6Page - Bel Fuse Inc. GPBW24V08SRG001 Datasheet HTML 7Page - Bel Fuse Inc. GPBW24V08SRG001 Datasheet HTML 8Page - Bel Fuse Inc.  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
Bel Power Inc. 155 Flanders Road, Westborough, MA 01581 • Tel 508-870-9775 • Fax 508-870-9796 • www.belpower.com
©2006 Bel Fuse Inc. Specifications subject to change without notice. 11.06
POWER PRODUCTS
GPBW24V08
BOLERO HV DC/DC CONVERTERS
48V Input – 24VDC – 8A Output
page 5
Protection and Control
Thermal Shutdown
The printed circuit board temperature is measured using a
semiconductor sensor. If the maximum rated temperature
is exceeded, the converter is latched off. To re-enable the
converter requires cycling the ON/OFF pin or power to the
converter. If non-latching shutdown is required, consult
factory.
Control Options
As the behavior of the circuit is determined by firmware in the
microcontroller, specific requirements, such as:
• non-latching thermal protection
• custom valid input voltage range
• controlled delay from initiating an ON/OFF signal for
power sequencing
can be accomplished with no change to hardware. The
standard behavior was chosen based on system design
experience, but customers may have their own requirements.
Please contact Bel Power for any special needs.
Remote Sense
The output voltage is regulated at the point where the
sense pins connect to the power output pins. Total sense
compensation should not exceed 0.4V or 2% of Vout,
whichever is greater.
Safety
An external input fuse must always be used to meet these
safety requirements.
External Output Trimming
Trim
To trim the output voltage higher, connect the required trim
resistor from the Trim pin to the +Sense pin. To trim the output
voltage lower, connect the required trim resistor from the Trim
pin to the –Sense pin. See diagram above.
CoolConverter
Trim-down
6
6
8
8
7
7
Increase in Output Voltage (%)
10000
1000
100
0
1
2
3
4
5
6
7
8
9
10
24V Trim-up
Decrease in Output Voltage (%)
1000
100
10
0
0
1
2
3
4
5
6
7
8
9
10
Trim-down
R
TRIM-UP
=
Vo(100+
∆%) _ (100+2∆%)
k
Ω
1.225
∆%
∆%
{
}
R
TRIM-DOWN
=
100_ 2
k
Ω
∆%
{
}
Trim-up


Similar Part No. - GPBW24V08SRG001

ManufacturerPart #DatasheetDescription
logo
Bel Fuse Inc.
GPBW24V08 BEL-GPBW24V08 Datasheet
1Mb / 8P
   BOLERO HV DC/DC CONVERTERS
GPBW24V08MRG001 BEL-GPBW24V08MRG001 Datasheet
1Mb / 8P
   BOLERO HV DC/DC CONVERTERS
GPBW24V08MRG002 BEL-GPBW24V08MRG002 Datasheet
1Mb / 8P
   BOLERO HV DC/DC CONVERTERS
GPBW24V08MRG003 BEL-GPBW24V08MRG003 Datasheet
1Mb / 8P
   BOLERO HV DC/DC CONVERTERS
GPBW24V08MRG004 BEL-GPBW24V08MRG004 Datasheet
1Mb / 8P
   BOLERO HV DC/DC CONVERTERS
More results

Similar Description - GPBW24V08SRG001

ManufacturerPart #DatasheetDescription
logo
Bel Fuse Inc.
GPBW24V0 BEL-GPBW24V0_11 Datasheet
1Mb / 8P
   BOLERO HV DC/DC CONVERTERS
GPBW52V04 BEL-GPBW52V04 Datasheet
470Kb / 8P
   BOLERO HV DC/DC CONVERTERS
GPBR52V04A BEL-GPBR52V04A Datasheet
1Mb / 9P
   BOLERO HV DC/DC CONVERTERS
logo
XP Power Limited
AG01 XPPOWER-AG01 Datasheet
907Kb / 10P
   ISOLATED, PROPORTIONAL DC TO HV DC CONVERTERS
GP01 XPPOWER-GP01 Datasheet
568Kb / 6P
   ISOLATED, PROPORTIONAL DC TO HV DC CONVERTERS
E02 XPPOWER-E02 Datasheet
581Kb / 7P
   ISOLATED, PROPORTIONAL DC TO HV DC CONVERTERS
F02 XPPOWER-F02 Datasheet
622Kb / 6P
   ISOLATED, PROPORTIONAL DC TO HV DC CONVERTERS
AH01 XPPOWER-AH01 Datasheet
1Mb / 10P
   ISOLATED, PROPORTIONAL DC TO HV DC CONVERTERS
QH01 XPPOWER-QH01 Datasheet
1Mb / 14P
   ISOLATED, PROPORTIONAL DC TO HV DC CONVERTERS
FS02 XPPOWER-FS02 Datasheet
685Kb / 9P
   ISOLATED, PROPORTIONAL DC TO HV DC CONVERTERS
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com