Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LDGM42743-J Datasheet(PDF) 3 Page - LIGITEK electronics co., ltd.

Part # LDGM42743-J
Description  TOWER TYPE LED LAMPS
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LIGITEK [LIGITEK electronics co., ltd.]
Direct Link  http://www.ligitek.com
Logo LIGITEK - LIGITEK electronics co., ltd.

LDGM42743-J Datasheet(HTML) 3 Page - LIGITEK electronics co., ltd.

  LDGM42743-J Datasheet HTML 1Page - LIGITEK electronics co., ltd. LDGM42743-J Datasheet HTML 2Page - LIGITEK electronics co., ltd. LDGM42743-J Datasheet HTML 3Page - LIGITEK electronics co., ltd. LDGM42743-J Datasheet HTML 4Page - LIGITEK electronics co., ltd. LDGM42743-J Datasheet HTML 5Page - LIGITEK electronics co., ltd.  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
525
LDGM42743-J
Water Clear
Typical Electrical & Optical Characteristics (Ta=25
)
Symbol
ESD
Tsol
Topr
Tstg
IF
PD
IFP
Absolute Maximum Ratings at Ta=25
Note : 1.The forward voltage data did not including
±0.1V testing tolerance.
2. The luminous intensity data did not including
±15% testing tolerance.
COLOR
Lens
InGaN/GaN
MATERIAL
LDGM42743-J
PART NO
Green
Emitted
Soldering Temperature
Peak Forward Current
Duty 1/10@10KHz
Forward Current
Operating Temperature
Reverse Current @5V
Storage Temperature
Power Dissipation
Parameter
PART NO.
4000
Luminous
intensity
@20mA(mcd)
Typ.
36
Spectral
halfwidth
△λnm
Dominant
wave
length
λDnm
4.0
Max.
Forward
voltage
@
mA(V)
3.5
Typ.
20
2200
Min.
Max 260
for 5 sec Max
(2mm from body)
Viewing
angle
2
θ 1/2
(deg)
30
LIGITEK ELECTRONICS CO.,LTD.
Property of Ligitek Only
30
Ir
50
1000
120
100
Ratings
DGM
μA
V
mW
mA
mA
UNIT
Page 2/4
-20 ~ +80
-30 ~ +100
Peak
wave
length
λPnm
518
Electrostatic Discharge( * )
Static Electricity or power surge will damage the LED. Use of a conductive wrist band or anti-electrosatic
glove is recommended when handing these LED. All devices, equipment and machinery must be properly
grounded.
*


Similar Part No. - LDGM42743-J

ManufacturerPart #DatasheetDescription
logo
LIGITEK electronics co....
LDGM43133 LIGITEK-LDGM43133 Datasheet
111Kb / 6P
   ROUND TYPE LED LAMPS
LDGM4333Z LIGITEK-LDGM4333Z Datasheet
135Kb / 6P
   CYLINDRICAL TYPE LED LAMPS
LDGM4341 LIGITEK-LDGM4341 Datasheet
106Kb / 5P
   CYLINDRICAL TYPE LED LAMPS
LDGM4341-TRS-X LIGITEK-LDGM4341-TRS-X Datasheet
116Kb / 6P
   TAPE AND REEL TYPE LED LAMPS
LDGM43740-P1 LIGITEK-LDGM43740-P1 Datasheet
126Kb / 6P
   OVAL TYPE LED LAMPS
More results

Similar Description - LDGM42743-J

ManufacturerPart #DatasheetDescription
logo
LIGITEK electronics co....
LSR1030-PF LIGITEK-LSR1030-PF Datasheet
108Kb / 6P
   TOWER TYPE LED LAMPS
LY42740-C1 LIGITEK-LY42740-C1 Datasheet
104Kb / 5P
   TOWER TYPE LED LAMPS
LG1030-PF LIGITEK-LG1030-PF Datasheet
1Mb / 6P
   TOWER TYPE LED LAMPS
LG11430-PF LIGITEK-LG11430-PF Datasheet
111Kb / 6P
   TOWER TYPE LED LAMPS
LE42741-C2 LIGITEK-LE42741-C2 Datasheet
103Kb / 5P
   TOWER TYPE LED LAMPS
LG21441-PF LIGITEK-LG21441-PF Datasheet
110Kb / 6P
   TOWER TYPE LED LAMPS
LSR21440-PF LIGITEK-LSR21440-PF Datasheet
137Kb / 6P
   TOWER TYPE LED LAMPS
LSE21641-PF LIGITEK-LSE21641-PF Datasheet
110Kb / 6P
   TOWER TYPE LED LAMPS
LI11240-PF LIGITEK-LI11240-PF Datasheet
111Kb / 6P
   TOWER TYPE LED LAMPS
LY1030 LIGITEK-LY1030 Datasheet
70Kb / 5P
   TOWER TYPE LED LAMPS
LY1030-PF LIGITEK-LY1030-PF Datasheet
110Kb / 6P
   TOWER TYPE LED LAMPS
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com