Electronic Components Datasheet Search |
|
GPBW24V08MRG003 Datasheet(PDF) 3 Page - Bel Fuse Inc. |
|
GPBW24V08MRG003 Datasheet(HTML) 3 Page - Bel Fuse Inc. |
3 / 8 page Bel Power Inc. 155 Flanders Road, Westborough, MA 01581 • Tel 508-870-9775 • Fax 508-870-9796 • www.belpower.com ©2006 Bel Fuse Inc. Specifications subject to change without notice. 11.06 POWER PRODUCTS GPBW24V08 BOLERO HV DC/DC CONVERTERS 48V Input – 24VDC – 8A Output page 3 General Specifications Operating Temperature, Baseplate -40 ˚ C to + 100˚ C Storge Temperature -55 ˚ C + 125˚ C Relative Humidity 10% to 95% RH, Non-condensing Vibration 2 to 9 Hz, 3mm disp., 9 to 200 Hz, 1g Material Flammability UL V-0 Weight 55 grams MTBF Bellcore TR-332 1.6 million hours Approvals and Standards UL and c-UL Recognized Component, TUV, UL1950, CSA 22.2 No. 950, IEC/EN 60950** Pending. EMC Characteristics: Designed to meet emission and immunity requirements per EN55022, CISPR 22, Class B, and CISPR 24. ** An external fuse shall be used to comply with the requirements. Isolation Specifications Parameter Min Typical Max Units Isolation Test Voltage, Input/Output (Basic) 2250 VDC Isolation Resistance 10 M Ω 3. PCB less than 130 ˚ C. Features Parameter Min Typical Max Units Over Temperature Protection, Thermal Sensor, Latching3 115 ˚ C Input, Output Ripple Frequency, Fixed 330 kHz |
Similar Part No. - GPBW24V08MRG003 |
|
Similar Description - GPBW24V08MRG003 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |