Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

GPBW24V08SRG003 Datasheet(PDF) 1 Page - Bel Fuse Inc.

Part # GPBW24V08SRG003
Description  BOLERO HV DC/DC CONVERTERS
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BEL [Bel Fuse Inc.]
Direct Link  http://www.belfuse.com
Logo BEL - Bel Fuse Inc.

GPBW24V08SRG003 Datasheet(HTML) 1 Page - Bel Fuse Inc.

  GPBW24V08SRG003 Datasheet HTML 1Page - Bel Fuse Inc. GPBW24V08SRG003 Datasheet HTML 2Page - Bel Fuse Inc. GPBW24V08SRG003 Datasheet HTML 3Page - Bel Fuse Inc. GPBW24V08SRG003 Datasheet HTML 4Page - Bel Fuse Inc. GPBW24V08SRG003 Datasheet HTML 5Page - Bel Fuse Inc. GPBW24V08SRG003 Datasheet HTML 6Page - Bel Fuse Inc. GPBW24V08SRG003 Datasheet HTML 7Page - Bel Fuse Inc. GPBW24V08SRG003 Datasheet HTML 8Page - Bel Fuse Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
Bel Power Inc. 155 Flanders Road, Westborough, MA 01581 • Tel 508-870-9775 • Fax 508-870-9796 • www.belpower.com
©2006 Bel Fuse Inc. Specifications subject to change without notice. 11.06
POWER PRODUCTS
GPBW24V08
BOLERO HV DC/DC CONVERTERS
48V Input – 24VDC – 8A Output
Control Functions
page 1
GPBW24V08 – 1/2 Brick Bolero HV Series
Ordering Information
Industry standard pinout and footprint
Highest efficiency in the industry: 92% at 24V, 8A; 92% at 24V, 4A
No heat sink required (baseplate standard)
Very low common-mode noise for a commercial DC/DC converter
Two-stage input filter
Constant switching frequency, 330 kHz
Remote sense
Single board SMT construction
Low profile, 0.43"
Optional low profile heat sink or baseplate for improved thermal performance
Header with M3 metal inserts for mechanical connection to PCB
Microprocessor controlled
Primary-side enable, choice of logic
Protection Features
Over temperature protection
Over voltage protection
Over current protection
Over/Under input voltage protection
Typical Characteristics
Output setpoint accuracy: ± 1.5%
Load regulation: ± 0.25%
Line regulation: ± 0.25%
Regulation over line, load and
temperature: ± 3%
Low output ripple
50% output trim-down
Supports IEEE 802.3af power over LAN
2250V isolation
Example Part Number:
(All options)
GPBW24V08 MRG 00X
Part Number
Options:
Optional Pin Lengths
E = 0.18"
M = 0.145" (Std.)
S = 0.12"
Heat Sink-Ready Plate (Std.)
Case Ground Pin (Std.)
Heat Sink
001 = 0.25"
002 = 0.50"
003 = 1.00"
004 = 0.13"
† @ 60
˚ C rise heat sink to ambient
‡ @ 300'/min.
Typical Thermal Performance
Part
Number
Height
Natural Convection
Power Dissipation
Forced Convection
Thermal Resistance
001
0.25"
5W
5.8
˚ C/W
002
0.50"
7W
3.2
˚ C/W
003
1.00"
11W
2.0
˚ C/W
004
0.13"
TBD
TBD
Bolero HV Heat Sink
Part Numbers
Standard Model Number
Input Voltage
Output Voltage
Max Current
GPBW24V08*
48V
24V
8A
* Options:
M = 0.145" Pins (± .01")
R = Heat Sink-Ready
G = Case Ground Pin


Similar Part No. - GPBW24V08SRG003

ManufacturerPart #DatasheetDescription
logo
Bel Fuse Inc.
GPBW24V08 BEL-GPBW24V08 Datasheet
1Mb / 8P
   BOLERO HV DC/DC CONVERTERS
GPBW24V08MRG001 BEL-GPBW24V08MRG001 Datasheet
1Mb / 8P
   BOLERO HV DC/DC CONVERTERS
GPBW24V08MRG002 BEL-GPBW24V08MRG002 Datasheet
1Mb / 8P
   BOLERO HV DC/DC CONVERTERS
GPBW24V08MRG003 BEL-GPBW24V08MRG003 Datasheet
1Mb / 8P
   BOLERO HV DC/DC CONVERTERS
GPBW24V08MRG004 BEL-GPBW24V08MRG004 Datasheet
1Mb / 8P
   BOLERO HV DC/DC CONVERTERS
More results

Similar Description - GPBW24V08SRG003

ManufacturerPart #DatasheetDescription
logo
Bel Fuse Inc.
GPBW24V0 BEL-GPBW24V0_11 Datasheet
1Mb / 8P
   BOLERO HV DC/DC CONVERTERS
GPBW52V04 BEL-GPBW52V04 Datasheet
470Kb / 8P
   BOLERO HV DC/DC CONVERTERS
GPBR52V04A BEL-GPBR52V04A Datasheet
1Mb / 9P
   BOLERO HV DC/DC CONVERTERS
logo
XP Power Limited
AG01 XPPOWER-AG01 Datasheet
907Kb / 10P
   ISOLATED, PROPORTIONAL DC TO HV DC CONVERTERS
GP01 XPPOWER-GP01 Datasheet
568Kb / 6P
   ISOLATED, PROPORTIONAL DC TO HV DC CONVERTERS
E02 XPPOWER-E02 Datasheet
581Kb / 7P
   ISOLATED, PROPORTIONAL DC TO HV DC CONVERTERS
F02 XPPOWER-F02 Datasheet
622Kb / 6P
   ISOLATED, PROPORTIONAL DC TO HV DC CONVERTERS
AH01 XPPOWER-AH01 Datasheet
1Mb / 10P
   ISOLATED, PROPORTIONAL DC TO HV DC CONVERTERS
QH01 XPPOWER-QH01 Datasheet
1Mb / 14P
   ISOLATED, PROPORTIONAL DC TO HV DC CONVERTERS
FS02 XPPOWER-FS02 Datasheet
685Kb / 9P
   ISOLATED, PROPORTIONAL DC TO HV DC CONVERTERS
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com