Electronic Components Datasheet Search |
|
LDGM63233 Datasheet(PDF) 3 Page - LIGITEK electronics co., ltd. |
|
LDGM63233 Datasheet(HTML) 3 Page - LIGITEK electronics co., ltd. |
3 / 6 page LIGITEK ELECTRONICS CO.,LTD. Property of Ligitek Only UNIT Ratings DGM mA mA 30 100 μA V 50 150 120 mW Page 2/5 ℃ ℃ -20 ~ +80 -30 ~ +100 Min. Max. Typ. 60 4.0 1500 2700 Typ. 36 3.5 525 Dominant wave length λDnm Luminous intensity @20mA(mcd) Viewing angle 2 θ 1/2 (deg) Forward voltage @20mA(V) Spectral halfwidth △λnm Symbol Parameter IF IFP Forward Current Peak Forward Current Duty 1/10@10KHz Ir ESD Electrostatic Discharge( * )` Reverse Current @5V Power Dissipation PD PART NO. LDGM63233 Topr Tstg Operating Temperature Storage Temperature COLOR Lens Emitted Green Water Clear LDGM63233 InGaN/GaN PART NO MATERIAL Absolute Maximum Ratings at Ta=25 ℃ Typical Electrical & Optical Characteristics (Ta=25 ℃) Note : 1.The forward voltage data did not including ±0.1V testing tolerance. 2. The luminous intensity data did not including ±15% testing tolerance. Peak wave length λPnm 518 Static Electricity or power surge will damage the LED. Use of a conductive wrist band or anti-electrosatic glove is recommended when handing these LED. All devices, equipment and machinery must be properly grounded. * |
Similar Part No. - LDGM63233 |
|
Similar Description - LDGM63233 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |