Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HDF4653 Datasheet(PDF) 9 Page - Shoulder Electronics Limited.

Part # HDF4653
Description  SAW FILTER
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SHOULDER [Shoulder Electronics Limited.]
Direct Link  http://www.shoulder.cn/
Logo SHOULDER - Shoulder Electronics Limited.

HDF4653 Datasheet(HTML) 9 Page - Shoulder Electronics Limited.

Back Button HDF4653 Datasheet HTML 4Page - Shoulder Electronics Limited. HDF4653 Datasheet HTML 5Page - Shoulder Electronics Limited. HDF4653 Datasheet HTML 6Page - Shoulder Electronics Limited. HDF4653 Datasheet HTML 7Page - Shoulder Electronics Limited. HDF4653 Datasheet HTML 8Page - Shoulder Electronics Limited. HDF4653 Datasheet HTML 9Page - Shoulder Electronics Limited. HDF4653 Datasheet HTML 10Page - Shoulder Electronics Limited. HDF4653 Datasheet HTML 11Page - Shoulder Electronics Limited. HDF4653 Datasheet HTML 12Page - Shoulder Electronics Limited.  
Zoom Inzoom in Zoom Outzoom out
 9 / 12 page
background image
SAW FILTER
HD F4653
www.shoulder.cn Tel:0755-82916880 Fax:0755-82916881 E-mail:info@shoulder.cn
Page 9 of 12
The specimen shall be passed through the reflow
furnace with the condition shown in the above
profile for 1 time.
The specimen shall be stored at standard
atmospheric conditions for 1h, after which the
measurement shall be made. Test board shall be
1.6 mm thick. Base material shall be glass fabric
base epoxy resin.
Solder ability Immerse the pins melt solder at 260℃+5/-0℃
for 5 sec.
More then 95% of
total area of the
pins
should
be
covered with solder
6.Mechanical Test
Items
Conditions
Specifications
Vibration
600-3300rpm amplitude 1.5mm
3 directions 2 H each
Drop
On maple plate from 1m high 3 times
Lead pull
Pull with 1kg force for 30 seconds
Lead bend
90o bending with 500g weigh 2 times
There shall be no
damage.
7. REMARK
7.1 Static voltage
Static voltage between signal load & ground may cause deterioration &destruction of
the component. Please avoid static voltage.
7.2 Ultrasonic cleaning
Ultrasonic vibration may cause deterioration & destruction of the
component.
Please avoid ultrasonic cleaning
7.3 Soldering
Only leads of component may be soldered. Please avoid soldering another part of
component.


Similar Part No. - HDF4653

ManufacturerPart #DatasheetDescription
logo
Shoulder Electronics Li...
HDF4651 SHOULDER-HDF4651 Datasheet
311Kb / 13P
   SAW FILTER
HDF4652 SHOULDER-HDF4652 Datasheet
289Kb / 12P
   SAW FILTER
HDF465A1S4 SHOULDER-HDF465A1S4 Datasheet
158Kb / 8P
   This specification shall cover the characteristics of SAW filter With F465A1 used for the page
HDF465AS4 SHOULDER-HDF465AS4 Datasheet
173Kb / 8P
   This specification shall cover the characteristics of SAW filter With F465AS4 used for the page
HDF465BS4 SHOULDER-HDF465BS4 Datasheet
159Kb / 8P
   This specification shall cover the characteristics of SAW filter With F465 used for the page
More results

Similar Description - HDF4653

ManufacturerPart #DatasheetDescription
logo
SIPAT Co,Ltd
LBT70A39 SIPAT-LBT70A39_10 Datasheet
157Kb / 4P
   70MHz SAW Filter 70MHz SAW Filter
LBT70A39 SIPAT-LBT70A39 Datasheet
157Kb / 4P
   70MHz SAW Filter 70MHz SAW Filter
logo
TDK Electronics
B39831B8304P810 TDK-B39831B8304P810 Datasheet
202Kb / 7P
   SAW Components SAW Filter
B39202B9477P810 TDK-B39202B9477P810 Datasheet
205Kb / 8P
   SAW Components SAW Filter
B39431B3732H110 TDK-B39431B3732H110 Datasheet
109Kb / 10P
   SAW Components SAW filter
B39321B3722U410 TDK-B39321B3722U410 Datasheet
91Kb / 8P
   SAW Components SAW filter
B39431B3935H110 TDK-B39431B3935H110 Datasheet
114Kb / 10P
   SAW Components SAW filter
B39232B3526U510 TDK-B39232B3526U510 Datasheet
128Kb / 9P
   SAW Components SAW filter
B39272B4329P810 TDK-B39272B4329P810 Datasheet
94Kb / 8P
   SAW Components SAW filter
B39202B9467P810 TDK-B39202B9467P810 Datasheet
116Kb / 8P
   SAW Components SAW filter
B39311B3739H110 TDK-B39311B3739H110 Datasheet
114Kb / 11P
   SAW Components SAW filter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com