Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TCHB50-20CTD Datasheet(PDF) 1 Page - American Accurate Components, Inc.

Part # TCHB50-20CTD
Description  Termination - Chip
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AAC [American Accurate Components, Inc.]
Direct Link  http://www.aacix.com
Logo AAC - American Accurate Components, Inc.

TCHB50-20CTD Datasheet(HTML) 1 Page - American Accurate Components, Inc.

  TCHB50-20CTD Datasheet HTML 1Page - American Accurate Components, Inc. TCHB50-20CTD Datasheet HTML 2Page - American Accurate Components, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Termination – Chip (TCHB Series)
The content of this specification may change without notification 10/01/09
188 Technology Drive, Unit H, Irvine, CA 92618
Tel: 949-453-9888
Fax: 949-453-8889
Email: sales@aacix.com
1
American Accurate Components, Inc.
Chip
Terminations
Resistance*: 50Ω
Substrate Material: BeO, AlN
Resistance Tolerance*: ±5%
Power: 5-250W
Freqency Range*: DC-18GHz
Operation Temperature: -55 ~ +150°C
Temperature Coefficient: ±150ppm/°C
RoHS Compliant
*Custom Designs Available
Termination – Chip (TCHB series)
Explanation to P/N
T CH B 50 – 5 CT
Case Type
Power Value
Impedance
Substrate Material
B: BeO
A: AlN
Chip Package
Termination


Similar Part No. - TCHB50-20CTD

ManufacturerPart #DatasheetDescription
logo
PREMO CORPORATION S.L
TCH-10-12 PREMO-TCH-10-12 Datasheet
295Kb / 4P
   50/60 Hz Low Profile UL Approved Transformers 2W-14W
TCH-10-15 PREMO-TCH-10-15 Datasheet
295Kb / 4P
   50/60 Hz Low Profile UL Approved Transformers 2W-14W
TCH-10-18 PREMO-TCH-10-18 Datasheet
295Kb / 4P
   50/60 Hz Low Profile UL Approved Transformers 2W-14W
TCH-10-24 PREMO-TCH-10-24 Datasheet
295Kb / 4P
   50/60 Hz Low Profile UL Approved Transformers 2W-14W
TCH-10-6 PREMO-TCH-10-6 Datasheet
295Kb / 4P
   50/60 Hz Low Profile UL Approved Transformers 2W-14W
More results

Similar Description - TCHB50-20CTD

ManufacturerPart #DatasheetDescription
logo
Vishay Barry
TVC1206CT-50R0JN-2S BARRY-TVC1206CT-50R0JN-2S Datasheet
136Kb / 1P
   CHIP TERMINATION
Rev. C
logo
Bourns Electronic Solut...
CHF3523CNT500LW BOURNS-CHF3523CNT500LW Datasheet
198Kb / 1P
   Power RF Chip Termination
CHF3523XNT BOURNS-CHF3523XNT Datasheet
197Kb / 1P
   Power RF Chip Termination
logo
Anaren Microwave
A4B50X1A ANAREN-A4B50X1A Datasheet
261Kb / 2P
   Chip Termination 4 Watts
logo
Vishay Barry
TV0402ZZ-XXXXWN-AA BARRY-TV0402ZZ-XXXXWN-AA Datasheet
148Kb / 2P
   DC - 26GHz Chip Termination
REV.D APR 4 2018
logo
California Micro Device...
CSPPT CALMIRCO-CSPPT Datasheet
59Kb / 4P
   CHIP SCALE PARALLEL TERMINATION ARRAY
logo
Anaren Microwave
A30B50X1A ANAREN-A30B50X1A Datasheet
262Kb / 2P
   Chip Termination 30 Watts, 50W
A40B50X1B ANAREN-A40B50X1B Datasheet
265Kb / 2P
   Chip Termination 40 Watts, 50W
RFP-050100-2X50-2 ANAREN-RFP-050100-2X50-2_1 Datasheet
232Kb / 2P
   Chip Termination 5 Watts, 50ohm
A300B50X1A ANAREN-A300B50X1A Datasheet
349Kb / 2P
   Chip Termination 300 Watts, 50W
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com