Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SRBC-10F1AX Datasheet(PDF) 3 Page - Bel Fuse Inc.

Part # SRBC-10F1AX
Description  NON-ISOLATED DC/DC CONVERTERS
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BEL [Bel Fuse Inc.]
Direct Link  http://www.belfuse.com
Logo BEL - Bel Fuse Inc.

SRBC-10F1AX Datasheet(HTML) 3 Page - Bel Fuse Inc.

  SRBC-10F1AX Datasheet HTML 1Page - Bel Fuse Inc. SRBC-10F1AX Datasheet HTML 2Page - Bel Fuse Inc. SRBC-10F1AX Datasheet HTML 3Page - Bel Fuse Inc. SRBC-10F1AX Datasheet HTML 4Page - Bel Fuse Inc. SRBC-10F1AX Datasheet HTML 5Page - Bel Fuse Inc. SRBC-10F1AX Datasheet HTML 6Page - Bel Fuse Inc. SRBC-10F1AX Datasheet HTML 7Page - Bel Fuse Inc. SRBC-10F1AX Datasheet HTML 8Page - Bel Fuse Inc. SRBC-10F1AX Datasheet HTML 9Page - Bel Fuse Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
Bel Fuse Inc.
206 Van Vorst Street, Jersey City, NJ 07302
• Tel 201-432-0463 • Fax 201-432-9542 • www.belfuse.com
NON-ISOLATED DC/DC CONVERTERS
2.4 Vdc - 5.5 Vdc Input
0.75 Vdc - 3.63 Vdc/10 A Output
Output Specifications (continued)
Parameter
Min
Typ
Max
Notes
Transient Response
50% ~ 100% Max Load
-
130 mV
-
Settling Time
-
50 uS
-
100% ~ 50% Max Load
-
150 mV
-
Settling Time
VO = 3.3 V
-
50 uS
-
50% ~ 100% Max Load
-
130 mV
-
Settling Time
-
50 uS
-
100% ~ 50% Max Load
-
130 mV
-
Settling Time
VO = 2.5 V
-
50 uS
-
50% ~ 100% Max Load
-
120 mV
-
Settling Time
-
50 uS
-
100% ~ 50% Max Load
-
120 mV
-
Settling Time
VO = 1.8 V
-
50 uS
-
50% ~ 100% Max Load
-
120 mV
-
Settling Time
-
50 uS
-
100% ~ 50% Max Load
-
120 mV
-
Settling Time
VO = 1.5 V
-
50 uS
-
50% ~ 100% Max Load
-
130 mV
-
Settling Time
-
50 uS
-
100% ~ 50% Max Load
-
130 mV
-
Settling Time
VO =1.2 V
-
50 uS
-
50% ~ 100% Max Load
-
120 mV
-
Settling Time
-
50 uS
-
100% ~ 50% Max Load
-
140 mV
-
Settling Time
VO = 0.75 V
-
50 uS
-
di/dt=2.5 A/uS; Vin=5 V; and
with external 2 × 150 uF/16 V
Tantalum capacitors and 1 uF
/10 V ceramic capacitor at the
output
Note
: All specifications are typical at nominal input, full load at 25 °C unless otherwise stated.
General Specifications
Parameter
Min
Typ
Max
Notes
Efficiency
Vo=3.3 V
Vo=2.5 V
Vo=1.8 V
Vo=1.5 V
Vo=1.2 V
Vo=0.75 V
92%
90%
88%
87%
85%
79%
95%
93%
91%
90%
88%
82%
-
-
-
-
-
-
Measured at Vin=5 V, full load
Switching Frequency
250 kHz
300 kHz
350 kHz
Over Temperature Shutdown
-
125
°C
-
Output Voltage Trim Range
0.7525 V
-
3.63 V
Remote Sense Compensation
-
10%
-
Total adjustment of trim, setpoint and
remote sense combined should not
exceed 3.63 V. Vo=0.7525 V when trim
pin open
MTBF
6,643,156 hours
Calculated Per Bell Core SR-332 (IO =
80% Io, max; Vo=1.8 V; Vin=5.0 V; Ta =
25
°C)
Dimensions
Inches (L × W × H)
Millimeters (L × W × H)
1.3 x 0.53 x 0.315
33.02 x 13.46 x 8.00
Weight
-
6.6 g
-
Note
: All specifications are typical at 25 °C unless otherwise stated.


Similar Part No. - SRBC-10F1AX

ManufacturerPart #DatasheetDescription
logo
Bel Fuse Inc.
SRBC-10F2A0 BEL-SRBC-10F2A0 Datasheet
333Kb / 11P
   NON-ISOLATED DC/DC CONVERTERS
SRBC-10F2AL BEL-SRBC-10F2AL Datasheet
333Kb / 11P
   NON-ISOLATED DC/DC CONVERTERS
SRBC-10F2AX BEL-SRBC-10F2AX Datasheet
333Kb / 11P
   NON-ISOLATED DC/DC CONVERTERS
More results

Similar Description - SRBC-10F1AX

ManufacturerPart #DatasheetDescription
logo
Bel Fuse Inc.
SLIN-03F1A BEL-SLIN-03F1A Datasheet
422Kb / 27P
   NON-ISOLATED DC/DC CONVERTERS
V7NB-60A160 BEL-V7NB-60A160 Datasheet
180Kb / 5P
   NON-ISOLATED DC/DC CONVERTERS
VRP1-20E2AC BEL-VRP1-20E2AC Datasheet
237Kb / 9P
   NON-ISOLATED DC/DC CONVERTERS
GRNC-C2A160 BEL-GRNC-C2A160 Datasheet
243Kb / 4P
   NON-ISOLATED DC/DC CONVERTERS
VRAF-08AT51 BEL-VRAF-08AT51 Datasheet
214Kb / 8P
   NON-ISOLATED DC/DC CONVERTERS
VRBC-70R1A0 BEL-VRBC-70R1A0 Datasheet
239Kb / 8P
   NON-ISOLATED DC/DC CONVERTERS
SLIN-06E1A BEL-SLIN-06E1A_10 Datasheet
495Kb / 26P
   NON-ISOLATED DC/DC CONVERTERS
SLIN-06E2A BEL-SLIN-06E2A_10 Datasheet
467Kb / 25P
   NON-ISOLATED DC/DC CONVERTERS
SLIN-06F1A BEL-SLIN-06F1A Datasheet
435Kb / 27P
   NON-ISOLATED DC/DC CONVERTERS
VRNB-40A180 BEL-VRNB-40A180 Datasheet
113Kb / 3P
   NON-ISOLATED DC/DC CONVERTERS
SRBG-30A1A0 BEL-SRBG-30A1A0 Datasheet
227Kb / 7P
   NON-ISOLATED DC/DC CONVERTERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com