Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SRDB-08C180 Datasheet(PDF) 1 Page - Bel Fuse Inc.

Part # SRDB-08C180
Description  NON-ISOLATED DC/DC CONVERTERS
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BEL [Bel Fuse Inc.]
Direct Link  http://www.belfuse.com
Logo BEL - Bel Fuse Inc.

SRDB-08C180 Datasheet(HTML) 1 Page - Bel Fuse Inc.

  SRDB-08C180 Datasheet HTML 1Page - Bel Fuse Inc. SRDB-08C180 Datasheet HTML 2Page - Bel Fuse Inc. SRDB-08C180 Datasheet HTML 3Page - Bel Fuse Inc. SRDB-08C180 Datasheet HTML 4Page - Bel Fuse Inc. SRDB-08C180 Datasheet HTML 5Page - Bel Fuse Inc. SRDB-08C180 Datasheet HTML 6Page - Bel Fuse Inc. SRDB-08C180 Datasheet HTML 7Page - Bel Fuse Inc. SRDB-08C180 Datasheet HTML 8Page - Bel Fuse Inc. SRDB-08C180 Datasheet HTML 9Page - Bel Fuse Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 13 page
background image
Bel Fuse Inc. 206 Van Vorst Street, Jersey City, NJ 07302 • Tel 201-432-0463 • Fax 201-432-9542 • www.belfuse.com
©2006 Bel Fuse Inc.
Specifications subject to change without notice. 06.06
POWER PRODUCTS
NON-ISOLATED DC/DC CONVERTERS
BP06SRDB-08C
3.3V Input / 1.2V – 2.5V Output / 8A
Nonisolated
Compact, low profile surface mount package
Fixed frequency
High efficiency means less power dissipation
Excellent thermal performance
Optimized for cost
Remote on/off
Undervoltage lockout (UVLO)
Over current and short circuit protection
Remote sense
Description
The Bel SRDB-08C modules are a series of non-isolated, step down DC/DC power converters that operate from a nominal
3.3V source. These converters are available in a range of output voltages from 1.2V to 2.5V. They are packaged in a compact,
low profile, surface mount DIP package for ease of layout and space savings. 8A maximum output is also provided. Standard
features include remote on/off, over current and short circuit protection, UVLO and output voltage adjust. These products may
be used almost anywhere low voltage silicon is employed and a 3.3V source is available. Typical applications include file
servers, routers, line cards and other computing and communications equipment.
Applications
page 1
SRDB-08C Series
Distributed power architectures
Data networking equipment
Telecommunications
Computers and peripherals
Part Number Selection
RoHS Compliant
t
u
p
t
u
O
e
g
a
t
l
o
V
t
u
p
n
I
e
g
a
t
l
o
V
t
u
p
t
u
O
.
x
a
M
t
n
e
r
r
u
C
t
u
p
t
u
O
.
x
a
M
r
e
w
o
P
l
a
c
i
p
y
T
y
c
n
e
i
c
i
f
f
E
r
e
b
m
u
N
t
r
a
P
V
5
.
2V
3
.
3A
8W
0
2%
2
90
5
2
C
8
0
-
B
D
R
S
V
8
.
1V
3
.
3A
8W
4
.
4
1%
8
80
8
1
C
8
0
-
B
D
R
S
V
5
.
1V
3
.
3A
8W
2
1%
6
80
5
1
C
8
0
-
B
D
R
S
V
2
.
1V
3
.
3A
8W
6
.
9%
3
80
2
1
C
8
0
-
B
D
R
S


Similar Part No. - SRDB-08C180

ManufacturerPart #DatasheetDescription
logo
Bel Fuse Inc.
SRDB-08B BEL-SRDB-08B Datasheet
420Kb / 16P
   NON-ISOLATED DC/DC CONVERTERS 5V Input / 1.2V - 3.3V Output / 8A
SRDB-08B120 BEL-SRDB-08B120 Datasheet
420Kb / 16P
   NON-ISOLATED DC/DC CONVERTERS 5V Input / 1.2V - 3.3V Output / 8A
SRDB-08B150 BEL-SRDB-08B150 Datasheet
420Kb / 16P
   NON-ISOLATED DC/DC CONVERTERS 5V Input / 1.2V - 3.3V Output / 8A
SRDB-08B180 BEL-SRDB-08B180 Datasheet
420Kb / 16P
   NON-ISOLATED DC/DC CONVERTERS 5V Input / 1.2V - 3.3V Output / 8A
SRDB-08B250 BEL-SRDB-08B250 Datasheet
420Kb / 16P
   NON-ISOLATED DC/DC CONVERTERS 5V Input / 1.2V - 3.3V Output / 8A
More results

Similar Description - SRDB-08C180

ManufacturerPart #DatasheetDescription
logo
Bel Fuse Inc.
SLIN-03F1A BEL-SLIN-03F1A Datasheet
422Kb / 27P
   NON-ISOLATED DC/DC CONVERTERS
V7NB-60A160 BEL-V7NB-60A160 Datasheet
180Kb / 5P
   NON-ISOLATED DC/DC CONVERTERS
VRP1-20E2AC BEL-VRP1-20E2AC Datasheet
237Kb / 9P
   NON-ISOLATED DC/DC CONVERTERS
GRNC-C2A160 BEL-GRNC-C2A160 Datasheet
243Kb / 4P
   NON-ISOLATED DC/DC CONVERTERS
VRAF-08AT51 BEL-VRAF-08AT51 Datasheet
214Kb / 8P
   NON-ISOLATED DC/DC CONVERTERS
VRBC-70R1A0 BEL-VRBC-70R1A0 Datasheet
239Kb / 8P
   NON-ISOLATED DC/DC CONVERTERS
SLIN-06E1A BEL-SLIN-06E1A_10 Datasheet
495Kb / 26P
   NON-ISOLATED DC/DC CONVERTERS
SLIN-06E2A BEL-SLIN-06E2A_10 Datasheet
467Kb / 25P
   NON-ISOLATED DC/DC CONVERTERS
SLIN-06F1A BEL-SLIN-06F1A Datasheet
435Kb / 27P
   NON-ISOLATED DC/DC CONVERTERS
VRNB-40A180 BEL-VRNB-40A180 Datasheet
113Kb / 3P
   NON-ISOLATED DC/DC CONVERTERS
SRBG-30A1A0 BEL-SRBG-30A1A0 Datasheet
227Kb / 7P
   NON-ISOLATED DC/DC CONVERTERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com