Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SRDB-08C150 Datasheet(PDF) 11 Page - Bel Fuse Inc.

Part # SRDB-08C150
Description  NON-ISOLATED DC/DC CONVERTERS
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BEL [Bel Fuse Inc.]
Direct Link  http://www.belfuse.com
Logo BEL - Bel Fuse Inc.

SRDB-08C150 Datasheet(HTML) 11 Page - Bel Fuse Inc.

Back Button SRDB-08C150 Datasheet HTML 5Page - Bel Fuse Inc. SRDB-08C150 Datasheet HTML 6Page - Bel Fuse Inc. SRDB-08C150 Datasheet HTML 7Page - Bel Fuse Inc. SRDB-08C150 Datasheet HTML 8Page - Bel Fuse Inc. SRDB-08C150 Datasheet HTML 9Page - Bel Fuse Inc. SRDB-08C150 Datasheet HTML 10Page - Bel Fuse Inc. SRDB-08C150 Datasheet HTML 11Page - Bel Fuse Inc. SRDB-08C150 Datasheet HTML 12Page - Bel Fuse Inc. SRDB-08C150 Datasheet HTML 13Page - Bel Fuse Inc.  
Zoom Inzoom in Zoom Outzoom out
 11 / 13 page
background image
Bel Fuse Inc. 206 Van Vorst Street, Jersey City, NJ 07302 • Tel 201-432-0463 • Fax 201-432-9542 • www.belfuse.com
©2006 Bel Fuse Inc.
Specifications subject to change without notice. 06.06
POWER PRODUCTS
NON-ISOLATED DC/DC CONVERTERS
BP06SRDB-08C
3.3V Input / 1.2V – 2.5V Output / 8A
page 11
SRDB-08C250 Trim Resistor Calculation
Rtrim down =
9.590
Vo – Vo, adj
– 14.29
) Kohm
(
Rtrim up =
4.504
Vo, adj – Vo
– 8.66
) Kohm
(
Output Voltage Set-Point Adjustment
SRDB-08C180 Trim Resistor Calculation
Rtrim down =
3.869
Vo – Vo, adj
– 12.5
) Kohm
(
Rtrim up =
3.072
Vo, adj – Vo
– 8.66
) Kohm
(
1.9
1.96
2.02
2.08
2.14
2.2
2.26
2.32
2.38
2.44
2.5
0
30
60
90
120
150
180
210
240
270
300
A djusted outp ut voltage Vo,adj (V)
2.5
2.52
2.53
2.54
2.56
2.58
2.59
2.61
2.62
2.63
2.65
0
30
60
90
120
150
180
210
240
270
300
Adjusted output voltage Vo,adj(V)
1.5
1.53
1.56
1.59
1.62
1.65
1.68
1.71
1.74
1.77
1.8
0
30
60
90
120
150
180
210
240
270
300
A djust ed outp ut voltage Vo,adj (V)
1.8
1.83
1.86
1.89
1.92
1.95
1.98
2.01
2.04
2.07
2.1
0
30
60
90
120
150
180
210
240
270
300
Adjusted output voltage Vo,adj(V)


Similar Part No. - SRDB-08C150

ManufacturerPart #DatasheetDescription
logo
Bel Fuse Inc.
SRDB-08B BEL-SRDB-08B Datasheet
420Kb / 16P
   NON-ISOLATED DC/DC CONVERTERS 5V Input / 1.2V - 3.3V Output / 8A
SRDB-08B120 BEL-SRDB-08B120 Datasheet
420Kb / 16P
   NON-ISOLATED DC/DC CONVERTERS 5V Input / 1.2V - 3.3V Output / 8A
SRDB-08B150 BEL-SRDB-08B150 Datasheet
420Kb / 16P
   NON-ISOLATED DC/DC CONVERTERS 5V Input / 1.2V - 3.3V Output / 8A
SRDB-08B180 BEL-SRDB-08B180 Datasheet
420Kb / 16P
   NON-ISOLATED DC/DC CONVERTERS 5V Input / 1.2V - 3.3V Output / 8A
SRDB-08B250 BEL-SRDB-08B250 Datasheet
420Kb / 16P
   NON-ISOLATED DC/DC CONVERTERS 5V Input / 1.2V - 3.3V Output / 8A
More results

Similar Description - SRDB-08C150

ManufacturerPart #DatasheetDescription
logo
Bel Fuse Inc.
SLIN-03F1A BEL-SLIN-03F1A Datasheet
422Kb / 27P
   NON-ISOLATED DC/DC CONVERTERS
V7NB-60A160 BEL-V7NB-60A160 Datasheet
180Kb / 5P
   NON-ISOLATED DC/DC CONVERTERS
VRP1-20E2AC BEL-VRP1-20E2AC Datasheet
237Kb / 9P
   NON-ISOLATED DC/DC CONVERTERS
GRNC-C2A160 BEL-GRNC-C2A160 Datasheet
243Kb / 4P
   NON-ISOLATED DC/DC CONVERTERS
VRAF-08AT51 BEL-VRAF-08AT51 Datasheet
214Kb / 8P
   NON-ISOLATED DC/DC CONVERTERS
VRBC-70R1A0 BEL-VRBC-70R1A0 Datasheet
239Kb / 8P
   NON-ISOLATED DC/DC CONVERTERS
SLIN-06E1A BEL-SLIN-06E1A_10 Datasheet
495Kb / 26P
   NON-ISOLATED DC/DC CONVERTERS
SLIN-06E2A BEL-SLIN-06E2A_10 Datasheet
467Kb / 25P
   NON-ISOLATED DC/DC CONVERTERS
SLIN-06F1A BEL-SLIN-06F1A Datasheet
435Kb / 27P
   NON-ISOLATED DC/DC CONVERTERS
VRNB-40A180 BEL-VRNB-40A180 Datasheet
113Kb / 3P
   NON-ISOLATED DC/DC CONVERTERS
SRBG-30A1A0 BEL-SRBG-30A1A0 Datasheet
227Kb / 7P
   NON-ISOLATED DC/DC CONVERTERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com