Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SRDB-20E33H Datasheet(PDF) 1 Page - Bel Fuse Inc.

Part # SRDB-20E33H
Description  NON-ISOLATED DC/DC CONVERTERS
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BEL [Bel Fuse Inc.]
Direct Link  http://www.belfuse.com
Logo BEL - Bel Fuse Inc.

SRDB-20E33H Datasheet(HTML) 1 Page - Bel Fuse Inc.

  SRDB-20E33H Datasheet HTML 1Page - Bel Fuse Inc. SRDB-20E33H Datasheet HTML 2Page - Bel Fuse Inc. SRDB-20E33H Datasheet HTML 3Page - Bel Fuse Inc. SRDB-20E33H Datasheet HTML 4Page - Bel Fuse Inc. SRDB-20E33H Datasheet HTML 5Page - Bel Fuse Inc. SRDB-20E33H Datasheet HTML 6Page - Bel Fuse Inc. SRDB-20E33H Datasheet HTML 7Page - Bel Fuse Inc. SRDB-20E33H Datasheet HTML 8Page - Bel Fuse Inc. SRDB-20E33H Datasheet HTML 9Page - Bel Fuse Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
Bel Fuse Inc.
206 Van Vorst Street, Jersey City, NJ 07302
• Tel 201-432-0463 • Fax 201-432-9542 • www.belfuse.com
NON-ISOLATED DC/DC CONVERTERS
5.4 Vdc - 13.2 Vdc Input
1.0 Vdc - 5.0 Vdc Output / 20 A
Non-Isolated
Wide Input
OCP/SCP/OVP
Remote Sense
Low Profile Package
Under-Voltage Lockout
Remote On/Off (Active High)
(UVLO)
Description
The Bel SRDB-20ExxH is part of the non-isolated dc/dc converter Power Module series. The modules use a DIP
package for ease of layout and space savings. The output is closely regulated and the efficiency of 5 Vdc output
module is typically 94% at full load.
Part Selection
Output
Voltage
Input Voltage
Max. Output
Current
Max. Output
Power
Typical
Efficiency
Model Number
5.0 V
8.0 V - 13.2 V
20 A
100 W
94%
SRDB-20E50H
3.3 V
5.8 V - 13.2 V
20 A
66 W
92%
SRDB-20E33H
2.5 V
5.4 V - 13.2 V
20 A
50 W
91%
SRDB-20E25H
1.8 V
5.4 V - 13.2 V
20 A
36 W
88%
SRDB-20E18H
1.5 V
5.4 V - 13.2 V
20 A
30 W
87%
SRDB-20E15H
1.2 V
5.4 V - 13.2 V
20 A
24 W
85%
SRDB-20E12H
1.0 V
5.4 V - 13.2 V
20 A
20 W
84%
SRDB-20E10H
Notes:
1. Add “R” suffix at the end of the model number to indicate “Reel Packaging”, and “G” for “Tray
Packaging”.
2. All part numbers above indicate RoHS 6. Change the second letter "R" to "7" for RoHS 5 part
numbers.
Absolute Maximum Ratings
Parameter
Min
Typ
Max
Notes
Input Voltage (continuous)
-0.3 V
-
16 V
Output Enable Terminal Voltage
-0.3 V
-
16 V
Ambient Temperature
-40
°C
-
85
°C
Storage Temperature
-40
°C
-
125
°C
Input Specifications
Parameter
Min
Typ
Max
Notes
Input Voltage
Vo=5.0 V
Vo=3.3 V
Vo=1.0-2.5 V
8 V
5.8 V
5.4 V
-
-
-
13.2 V
13.2 V
13.2 V
Input Current (full load)
VO=5.0 V
VO=3.3 V
VO=2.5 V
VO=1.8 V
VO=1.5 V
VO=1.2 V
VO=1.0 V
-
-
-
-
-
-
-
-
-
-
-
-
-
-
15.1 A
14.1 A
13.3 A
10.4 A
8.4 A
6.9 A
5.9 A
SRDB-20ExxH Series
RoHS Compliant
Rev.A


Similar Part No. - SRDB-20E33H

ManufacturerPart #DatasheetDescription
logo
Bel Fuse Inc.
SRDB-20E33H BEL-SRDB-20E33H Datasheet
349Kb / 11P
   NON-ISOLATED DC/DC CONVERTERS
More results

Similar Description - SRDB-20E33H

ManufacturerPart #DatasheetDescription
logo
Bel Fuse Inc.
SLIN-03F1A BEL-SLIN-03F1A Datasheet
422Kb / 27P
   NON-ISOLATED DC/DC CONVERTERS
V7NB-60A160 BEL-V7NB-60A160 Datasheet
180Kb / 5P
   NON-ISOLATED DC/DC CONVERTERS
VRP1-20E2AC BEL-VRP1-20E2AC Datasheet
237Kb / 9P
   NON-ISOLATED DC/DC CONVERTERS
GRNC-C2A160 BEL-GRNC-C2A160 Datasheet
243Kb / 4P
   NON-ISOLATED DC/DC CONVERTERS
VRAF-08AT51 BEL-VRAF-08AT51 Datasheet
214Kb / 8P
   NON-ISOLATED DC/DC CONVERTERS
VRBC-70R1A0 BEL-VRBC-70R1A0 Datasheet
239Kb / 8P
   NON-ISOLATED DC/DC CONVERTERS
SLIN-06E1A BEL-SLIN-06E1A_10 Datasheet
495Kb / 26P
   NON-ISOLATED DC/DC CONVERTERS
SLIN-06E2A BEL-SLIN-06E2A_10 Datasheet
467Kb / 25P
   NON-ISOLATED DC/DC CONVERTERS
SLIN-06F1A BEL-SLIN-06F1A Datasheet
435Kb / 27P
   NON-ISOLATED DC/DC CONVERTERS
VRNB-40A180 BEL-VRNB-40A180 Datasheet
113Kb / 3P
   NON-ISOLATED DC/DC CONVERTERS
SRBG-30A1A0 BEL-SRBG-30A1A0 Datasheet
227Kb / 7P
   NON-ISOLATED DC/DC CONVERTERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com