Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SRDB-20E25H Datasheet(PDF) 3 Page - Bel Fuse Inc.

Part # SRDB-20E25H
Description  NON-ISOLATED DC/DC CONVERTERS
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BEL [Bel Fuse Inc.]
Direct Link  http://www.belfuse.com
Logo BEL - Bel Fuse Inc.

SRDB-20E25H Datasheet(HTML) 3 Page - Bel Fuse Inc.

  SRDB-20E25H Datasheet HTML 1Page - Bel Fuse Inc. SRDB-20E25H Datasheet HTML 2Page - Bel Fuse Inc. SRDB-20E25H Datasheet HTML 3Page - Bel Fuse Inc. SRDB-20E25H Datasheet HTML 4Page - Bel Fuse Inc. SRDB-20E25H Datasheet HTML 5Page - Bel Fuse Inc. SRDB-20E25H Datasheet HTML 6Page - Bel Fuse Inc. SRDB-20E25H Datasheet HTML 7Page - Bel Fuse Inc. SRDB-20E25H Datasheet HTML 8Page - Bel Fuse Inc. SRDB-20E25H Datasheet HTML 9Page - Bel Fuse Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 11 page
background image
Bel Fuse Inc.
206 Van Vorst Street, Jersey City, NJ 07302
• Tel 201-432-0463 • Fax 201-432-9542 • www.belfuse.com
NON-ISOLATED DC/DC CONVERTERS
5.4 Vdc - 13.2 Vdc Input
1.0 Vdc - 5.0 Vdc Output / 20 A
Output Specifications (continued)
Parameter
Min
Typ
Max
Notes
Output Current
0 A
-
20 A
Current Limit Threshold
24 A
-
40 A
Short Circuit Surge Transient
-
0.075 A
2s0.15 A2s
Ripple and Noise
1 (rms)
-
20 mV
40 mV
With 1 uF ceramic capacitor at the
output
Ripple and Noise
1 (rms)
-
10 mV
20 mV
With 680 uF tantalum capacitor at the
output
Ripple and Noise
1 (pk-pk)
60 mV
100 mV
With 1 uF ceramic capacitor at the
output
Ripple and Noise
1 (pk-pk)
30 mV
60 mV
With 680 uF tantalum capacitor at the
output
Turn on Time
-
20 mS
40 mS
Overshoot at Turn on
-
0%
3%
Output Capacitance
680 uF
-
8000 uF
Transient Response
50% ~ 100% Max Load
-
120 mV
200 mV
Settling Time
-
50 uS
100 uS
100% ~ 50% Max Load
-
120 mV
200 mV
Settling Time
VO=5 V
-
50 uS
100 uS
50% ~ 100% Max Load
-
100 mV
150 mV
Settling Time
-
50 uS
100 uS
100% ~ 50% Max Load
-
100 mV
150 mV
Settling Time
VO=1.8 V-
3.3 V
-
50 uS
100 uS
50% ~ 100% Max Load
-
100 mV
150 mV
Settling Time
-
40 uS
80 uS
100% ~ 50% Max Load
-
100 mV
150 mV
Settling Time
VO=1.5 V
-
40 uS
80 uS
50% ~ 100% Max Load
-
100 mV
150 mV
Settling Time
-
40 uS
80 uS
100% ~ 50% Max Load
-
100 mV
150 mV
Settling Time
VO=1.2 V
-
50 uS
100 uS
50% ~ 100% Max Load
-
90 mV
130 mV
Settling Time
-
40uS
80 uS
100% ~ 50% Max Load
-
90 mV
130 mV
Settling Time
VO=1.0 V
-
40 uS
80 uS
Test conditions:
di/dt = 0.5 A/uS; Vin=8 V; with
external 680 uF tantalum capacitor.
Notes:
All specifications are typical at full load at 25 °C u nless otherwise stated.
1. Test conditions of the output ripple and noise: two 270 uF/16 V capacitors with ESR=0.018 ohm max
at the input; Vin=8 V, Io=20 A; 0-20 MHz BW.


Similar Part No. - SRDB-20E25H

ManufacturerPart #DatasheetDescription
logo
Bel Fuse Inc.
SRDB-20E25H BEL-SRDB-20E25H Datasheet
349Kb / 11P
   NON-ISOLATED DC/DC CONVERTERS
More results

Similar Description - SRDB-20E25H

ManufacturerPart #DatasheetDescription
logo
Bel Fuse Inc.
SLIN-03F1A BEL-SLIN-03F1A Datasheet
422Kb / 27P
   NON-ISOLATED DC/DC CONVERTERS
V7NB-60A160 BEL-V7NB-60A160 Datasheet
180Kb / 5P
   NON-ISOLATED DC/DC CONVERTERS
VRP1-20E2AC BEL-VRP1-20E2AC Datasheet
237Kb / 9P
   NON-ISOLATED DC/DC CONVERTERS
GRNC-C2A160 BEL-GRNC-C2A160 Datasheet
243Kb / 4P
   NON-ISOLATED DC/DC CONVERTERS
VRAF-08AT51 BEL-VRAF-08AT51 Datasheet
214Kb / 8P
   NON-ISOLATED DC/DC CONVERTERS
VRBC-70R1A0 BEL-VRBC-70R1A0 Datasheet
239Kb / 8P
   NON-ISOLATED DC/DC CONVERTERS
SLIN-06E1A BEL-SLIN-06E1A_10 Datasheet
495Kb / 26P
   NON-ISOLATED DC/DC CONVERTERS
SLIN-06E2A BEL-SLIN-06E2A_10 Datasheet
467Kb / 25P
   NON-ISOLATED DC/DC CONVERTERS
SLIN-06F1A BEL-SLIN-06F1A Datasheet
435Kb / 27P
   NON-ISOLATED DC/DC CONVERTERS
VRNB-40A180 BEL-VRNB-40A180 Datasheet
113Kb / 3P
   NON-ISOLATED DC/DC CONVERTERS
SRBG-30A1A0 BEL-SRBG-30A1A0 Datasheet
227Kb / 7P
   NON-ISOLATED DC/DC CONVERTERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com