Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SRAH-01KX2N Datasheet(PDF) 2 Page - Bel Fuse Inc.

Part # SRAH-01KX2N
Description  NON-ISOLATED DC/DC CONVERTERS
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BEL [Bel Fuse Inc.]
Direct Link  http://www.belfuse.com
Logo BEL - Bel Fuse Inc.

SRAH-01KX2N Datasheet(HTML) 2 Page - Bel Fuse Inc.

  SRAH-01KX2N Datasheet HTML 1Page - Bel Fuse Inc. SRAH-01KX2N Datasheet HTML 2Page - Bel Fuse Inc. SRAH-01KX2N Datasheet HTML 3Page - Bel Fuse Inc. SRAH-01KX2N Datasheet HTML 4Page - Bel Fuse Inc. SRAH-01KX2N Datasheet HTML 5Page - Bel Fuse Inc. SRAH-01KX2N Datasheet HTML 6Page - Bel Fuse Inc. SRAH-01KX2N Datasheet HTML 7Page - Bel Fuse Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
Bel Fuse Inc. 206 Van Vorst Street, Jersey City, NJ 07302
• Tel 201-432-0463 • Fax 201-432-9542 • www.belfuse.com
NON-ISOLATED DC/DC CONVERTERS
9.0 Vdc - 18 Vdc Input
-12 Vdc/1 A -15 Vdc/0.8 A Output
Output Specifications
Parameter
Min
Typ
Max
Notes
Output Voltage Set Point
Vo=-12 V
Vo=-15 V
-11.7 V
-14.7 V
-12 V
-15 V
-12.3 V
-15.3 V
Test condition: Vin=12 V,
lout=full load
Line Regulation
-
20 mV
35 mV
Load Regulation
-
25 mV
45 mV
Regulation Over Temperature
(-40
°C to +85 °C)
-
90 mV
140 mV
Output Current
Vo=-12 V
Vo=-15 V
0.030 A
0.030 A
-
-
1.0 A
0.8 A
Output DC Current Limit
Vo=-12 V
Vo=-15 V
1.5 A
1.5 A
-
-
2.5 A
2.5 A
Ripple and Noise (rms)
-
35 mV
50 mV
Ripple and Noise (pk-pk)
-
100 mV
150 mV
Test conditions: BW = 0-20MHz;
with one 68 uF tantalum
capacitor and one 0.1 uF
ceramic capacitor at the output
Turn On Time
Vo=-12 V
Vo=-15 V
-
-
30 mS
200 mS
45 mS
300 mS
Overshoot at Turn on
-
0%
5%
Output Capacitance
68 uF
-
100 uF
Transient Response
Overshoot
-
240mV
320 mV
50% ~ 75%
Max Load
Settling Time
-
150 uS
200 uS
Overshoot
-
240 mV
320 mV
75% ~ 50%
Max Load
Settling Time
Vo=-12 V
-
150 uS
200 uS
Overshoot
-
300mV
400 mV
50% ~ 75%
Max Load
Settling Time
-
150 uS
200 uS
Overshoot
-
300 mV
400 mV
75% ~ 50%
Max Load
Settling Time
Vo=-15 V
-
150 uS
200 uS
di/dt = 0.5 A/ uS; Vin = 12 V;
and with one 68 uF tantalum
capacitor at the output
Note: All specifications are typical at nominal input, full load at 25 °C unless otherwise stated.
General Specifications
Parameter
Min
Typ
Max
Notes
Efficiency
85%
87%
-
Measured at Vin=12 V, full load
Switching Frequency
350 kHz
400 kHz
450 kHz
MTBF
TBD
Calculated Per Bell Core SR-332 (IO =
Nominal; Ta = 25
°C)
Dimensions (surface mount)
Inches (L × W × H)
Millimeters (L × W × H)
0.78 x 0.7 x 0.32
19.81 x 17.78 x 8.13
Dimensions (vertical)
Inches (L × W × H)
Millimeters (L × W × H)
0.7 x 0.308 x 0.65
17.78 x 7.82 x 16.51
Weight
-
5 g
-
Note: All specifications are typical at 25
°C unless otherwise stated.


Similar Part No. - SRAH-01KX2N

ManufacturerPart #DatasheetDescription
logo
Bel Fuse Inc.
SRAH-01KX2N BEL-SRAH-01KX2N Datasheet
160Kb / 7P
   NON-ISOLATED DC/DC CONVERTERS
More results

Similar Description - SRAH-01KX2N

ManufacturerPart #DatasheetDescription
logo
Bel Fuse Inc.
SLIN-03F1A BEL-SLIN-03F1A Datasheet
422Kb / 27P
   NON-ISOLATED DC/DC CONVERTERS
V7NB-60A160 BEL-V7NB-60A160 Datasheet
180Kb / 5P
   NON-ISOLATED DC/DC CONVERTERS
VRP1-20E2AC BEL-VRP1-20E2AC Datasheet
237Kb / 9P
   NON-ISOLATED DC/DC CONVERTERS
GRNC-C2A160 BEL-GRNC-C2A160 Datasheet
243Kb / 4P
   NON-ISOLATED DC/DC CONVERTERS
VRAF-08AT51 BEL-VRAF-08AT51 Datasheet
214Kb / 8P
   NON-ISOLATED DC/DC CONVERTERS
VRBC-70R1A0 BEL-VRBC-70R1A0 Datasheet
239Kb / 8P
   NON-ISOLATED DC/DC CONVERTERS
SLIN-06E1A BEL-SLIN-06E1A_10 Datasheet
495Kb / 26P
   NON-ISOLATED DC/DC CONVERTERS
SLIN-06E2A BEL-SLIN-06E2A_10 Datasheet
467Kb / 25P
   NON-ISOLATED DC/DC CONVERTERS
SLIN-06F1A BEL-SLIN-06F1A Datasheet
435Kb / 27P
   NON-ISOLATED DC/DC CONVERTERS
VRNB-40A180 BEL-VRNB-40A180 Datasheet
113Kb / 3P
   NON-ISOLATED DC/DC CONVERTERS
SRBG-30A1A0 BEL-SRBG-30A1A0 Datasheet
227Kb / 7P
   NON-ISOLATED DC/DC CONVERTERS
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com