Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

71M6403-IGTR Datasheet(PDF) 8 Page - Teridian Semiconductor Corporation

Part # 71M6403-IGTR
Description  Electronic Trip Unit
Download  75 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TERIDIAN [Teridian Semiconductor Corporation]
Direct Link  http://www.teridian.com
Logo TERIDIAN - Teridian Semiconductor Corporation

71M6403-IGTR Datasheet(HTML) 8 Page - Teridian Semiconductor Corporation

Back Button 71M6403-IGTR Datasheet HTML 4Page - Teridian Semiconductor Corporation 71M6403-IGTR Datasheet HTML 5Page - Teridian Semiconductor Corporation 71M6403-IGTR Datasheet HTML 6Page - Teridian Semiconductor Corporation 71M6403-IGTR Datasheet HTML 7Page - Teridian Semiconductor Corporation 71M6403-IGTR Datasheet HTML 8Page - Teridian Semiconductor Corporation 71M6403-IGTR Datasheet HTML 9Page - Teridian Semiconductor Corporation 71M6403-IGTR Datasheet HTML 10Page - Teridian Semiconductor Corporation 71M6403-IGTR Datasheet HTML 11Page - Teridian Semiconductor Corporation 71M6403-IGTR Datasheet HTML 12Page - Teridian Semiconductor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 75 page
background image
71M6403
Electronic Trip Unit
SEPTEMBER 2006
Page: 8 of 75
© 2006 TERIDIAN Semiconductor Corporation
REV 1.0
HARDWARE DESCRIPTION
Hardware Overview
The TERIDIAN 71M6403 single chip Electronic Trip Unit integrates all primary functional blocks required to implement a solid-
state circuit breaker. Included on chip are an analog front end (AFE), an 8051-compatible microprocessor (MPU) which executes
one instruction per clock cycle (80515), an independent 32-bit digital computation engine (CE), a voltage reference, LCD drivers,
RAM, FLASH memory, and a variety of I/O pins. Various current sensor technologies are supported including Current
Transformers (CT), Resistive Shunts, and Rogowski (di/dt) Coils.
Measurements can be displayed on either a 3V or a 5V LCD. Flexible mapping of LCD display segments will facilitate integration
with any LCD format. The design trade-off between the number of LCD segments and DIO pins can be flexibly configured using
memory-mapped I/O to accommodate various requirements.
The 71M6403 includes several I/O peripheral functions that improve the functionality of the device and reduce the component
count for most circuit breaker applications. The I/O peripherals include two UARTs, digital I/O, comparator inputs, LCD display
drivers, I
2C interface and an optical/IR interface.
One of the two internal UARTs (UART1) is adapted to support an Infrared LED with higher internal drive output and sense input.
It can also be configured to function as a standard UART with normal digital IOs.
A block diagram of the chip is shown in Figure 1. A detailed description of various hardware blocks follows.
External Components
The 71M6403 is optimized for fast startup. To achieve this, an external 19.6608 MHz oscillator is required to drive CK, the
primary clock input. The frequency for the CK38 input is generated from the 19.6608 MHz oscillator using an inexpensive
‘HC4040 counter chip. The divide-by-512 output of the ‘HC4040 generates a 38.4 kHz signal.
Analog Front End (AFE)
The AFE of the TERIDIAN 71M6403 Electronic Trip Unit IC is comprised of an input multiplexer, a delta-sigma A/D converter
with internal voltage reference, followed by an FIR filter. A block diagram of the AFE is shown in Figure 3.
Multiplexer
The input multiplexer supports eight input signals that are applied to the pins I0 through I5, INEUTRAL plus the output of the
internal temperature sensor. The multiplexer can be operated in two modes:
During a normal multiplexer cycle, the signals from the six pins I0 through I5 are selected.
During the alternate multiplexer cycle, the temperature signal (TEMP) , INEUTRAL, and I1, I3, I4, I5 (EQU = 101) signal
sources are selected. Use of the alternate multiplexer cycle is not recommended for fast response circuit breaker
applications. Upon enabling the alternate multiplexer cycle, the I0 and I2 current samples are interrupted delaying over
current trip detection response time.
Regular multiplexer sequence
Mux State:
Alternate multiplexer sequence
Mux State:
0
1
2
3
4
5
0
1
2
3
4
5
I0
I1
I2
I3
I4
I5
TEMP
I1
INEUTRAL
I3
I4
I5
Table 1: Inputs Selected in Regular and Alternate Multiplexer Cycles (EQU = 101)
Note: Use of the alternate multiplexer cycle is not recommend.


Similar Part No. - 71M6403-IGTR

ManufacturerPart #DatasheetDescription
logo
Teridian Semiconductor ...
71M6403-IGT TERIDIAN-71M6403-IGT Datasheet
252Kb / 2P
   Electronic Trip Unit
6/06 - rev 1.0
71M6403-IGT/F TERIDIAN-71M6403-IGT/F Datasheet
252Kb / 2P
   Electronic Trip Unit
6/06 - rev 1.0
71M6403-IGTF TERIDIAN-71M6403-IGTF Datasheet
252Kb / 2P
   Electronic Trip Unit
6/06 - rev 1.0
More results

Similar Description - 71M6403-IGTR

ManufacturerPart #DatasheetDescription
logo
Teridian Semiconductor ...
71M6403 TERIDIAN-71M6403_V01 Datasheet
252Kb / 2P
   Electronic Trip Unit
6/06 - rev 1.0
logo
Schneider Electric
MGL36600SN SCHNEIDER-MGL36600SN Datasheet
144Kb / 2P
   Circuit Breaker, PowerPact M, electronic trip, unit mount, 600A, 3 pole, 18 kA, 600 VAC, shunt trip
MGL36800SN SCHNEIDER-MGL36800SN Datasheet
144Kb / 2P
   Circuit Breaker, PowerPact M, electronic trip, unit mount, 800A, 3 pole, 18 kA, 600 VAC, shunt trip
MGL36400SA SCHNEIDER-MGL36400SA Datasheet
167Kb / 3P
   Circuit Breaker, PowerPact M, electronic trip, unit mount, 400A, 3 pole, 18 kA, 600 VAC, shunt trip 120V
MGL36600SA SCHNEIDER-MGL36600SA Datasheet
167Kb / 3P
   Circuit Breaker, PowerPact M, electronic trip, unit mount, 600A, 3 pole, 18 kA, 600 VAC, shunt trip 120V
MGL36800SA SCHNEIDER-MGL36800SA Datasheet
168Kb / 3P
   Circuit Breaker, PowerPact M, electronic trip, unit mount, 800A, 3 pole, 18 kA, 600 VAC, shunt trip 120V
MGL36500SA SCHNEIDER-MGL36500SA Datasheet
168Kb / 3P
   Circuit Breaker, PowerPact M, electronic trip, unit mount, 500A, 3 pole, 18 kA, 600 VAC, shunt trip 120V
MJL36600SA SCHNEIDER-MJL36600SA Datasheet
167Kb / 3P
   Circuit Breaker, PowerPact M, electronic trip, unit mount, 600A, 3 pole, 25 kA, 600 VAC, shunt trip 120V
logo
ETAL Group
ESX10-TC ETAL-ESX10-TC Datasheet
2Mb / 8P
   Selective load protection, electronic trip characteristics
logo
Schneider Electric
MGL36800AASA SCHNEIDER-MGL36800AASA Datasheet
169Kb / 3P
   Circuit Breaker, PowerPact M, electronic trip, unit mount, 800A, 3 pole, 18 kA, 600 VAC, aux switch, shunt trip
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com